Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM5401_VB Datasheet(PDF) 3 Page - Analog Devices

Part # ADUM5401_VB
Description  Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM5401_VB Datasheet(HTML) 3 Page - Analog Devices

  ADUM5401_VB Datasheet HTML 1Page - Analog Devices ADUM5401_VB Datasheet HTML 2Page - Analog Devices ADUM5401_VB Datasheet HTML 3Page - Analog Devices ADUM5401_VB Datasheet HTML 4Page - Analog Devices ADUM5401_VB Datasheet HTML 5Page - Analog Devices ADUM5401_VB Datasheet HTML 6Page - Analog Devices ADUM5401_VB Datasheet HTML 7Page - Analog Devices ADUM5401_VB Datasheet HTML 8Page - Analog Devices ADUM5401_VB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
ADuM5401/ADuM5402/ADuM5403/ADuM5404
Rev. B | Page 3 of 28
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS—5 V PRIMARY INPUT SUPPLY/5 V SECONDARY ISOLATED SUPPLY
Typical specifications are at TA = 25°C, VDD1 = VSEL = VISO = 5 V. Minimum/maximum specifications apply over the entire recommended
operation range which is 4.5 V ≤ VDD1, VSEL, VISO ≤ 5.5 V; and −40°C ≤ TA ≤ +105°C, unless otherwise noted. Switching specifications are
tested with CL = 15 pF and CMOS signal levels, unless otherwise noted.
Table 2. DC-to-DC Converter Static Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DC-TO-DC CONVERTER SUPPLY
Setpoint
VISO
4.7
5.0
5.4
V
IISO = 0 mA
Line Regulation
VISO (LINE)
1
mV/V
IISO = 50 mA, VDD1 = 4.5 V to 5.5 V
Load Regulation
VISO (LOAD)
1
5
%
IISO = 10 mA to 90 mA
Output Ripple
VISO (RIP)
75
mV p-p
20 MHz bandwidth, CBO = 0.1 μF||10 μF, IISO = 90 mA
Output Noise
VISO (NOISE)
200
mV p-p
CBO = 0.1 μF||10 μF, IISO = 90 mA
Switching Frequency
fOSC
180
MHz
PWM Frequency
fPWM
625
kHz
Output Supply Current
IISO (MAX)
100
mA
VISO > 4.5 V
Efficiency at IISO (MAX)
34
%
IISO = 100 mA
IDD1, No VISO Load
IDD1 (Q)
19
30
mA
IDD1, Full VISO Load
IDD1 (MAX)
290
mA
Table 3. DC-to-DC Converter Dynamic Specifications
1 Mbps—A Grade, C Grade
25 Mbps—C Grade
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY CURRENT
Input
IDD1
ADuM5401
19
68
mA
No VISO load
ADuM5402
19
71
mA
No VISO load
ADuM5403
19
75
mA
No VISO load
ADuM5404
19
78
mA
No VISO load
Available to Load
IISO (LOAD)
ADuM5401
100
87
mA
ADuM5402
100
85
mA
ADuM5403
100
83
mA
ADuM5404
100
81
mA
Table 4. Switching Specifications
A Grade
C Grade
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions/Comments
SWITCHING SPECIFICATIONS
Data Rate
1
25
Mbps
Within PWD limit
Propagation Delay
tPHL, tPLH
55
100
45
60
ns
50% input to 50% output
Pulse Width Distortion
PWD
40
6
ns
|tPLH − tPHL|
Change vs. Temperature
5
ps/°C
Pulse Width
PW
1000
40
ns
Within PWD limit
Propagation Delay Skew
tPSK
50
15
ns
Between any two units
Channel Matching
Codirectional1
tPSKCD
50
6
ns
Opposing Directional2
tPSKOD
50
15
ns
1
7
Codirectional channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on the same side of the
isolation barrier.
2 Opposing directional channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on opposing sides of the
isolation barrier.


Similar Part No. - ADUM5401_VB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5401 AD-ADUM5401_V01 Datasheet
453Kb / 29P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. E
More results

Similar Description - ADUM5401_VB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5404ARWZ-RL AD-ADUM5404ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5401ARWZ-RL AD-ADUM5401ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5402CRWZ-RL AD-ADUM5402CRWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5402ARWZ-RL AD-ADUM5402ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
539Kb / 24P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
ADUM5401 AD-ADUM5401_V01 Datasheet
453Kb / 29P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. E
ADUM5401CRWZ-RL AD-ADUM5401CRWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5402WCRWZ AD-ADUM5402WCRWZ Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5200 AD-ADUM5200_V01 Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5201ARWZ-RL AD-ADUM5201ARWZ-RL Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com