Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS10-75J Datasheet(PDF) 7 Page - Fuji Electric

Part # EDS10-75J
Description  PAPERLESS RECORDER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS10-75J Datasheet(HTML) 7 Page - Fuji Electric

Back Button EDS10-75J Datasheet HTML 3Page - Fuji Electric EDS10-75J Datasheet HTML 4Page - Fuji Electric EDS10-75J Datasheet HTML 5Page - Fuji Electric EDS10-75J Datasheet HTML 6Page - Fuji Electric EDS10-75J Datasheet HTML 7Page - Fuji Electric EDS10-75J Datasheet HTML 8Page - Fuji Electric EDS10-75J Datasheet HTML 9Page - Fuji Electric EDS10-75J Datasheet HTML 10Page - Fuji Electric EDS10-75J Datasheet HTML 11Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
ORDERING CODE
Specifications
4 5 6 7 8
PHL
4
11
12
1
2
2
1
E
Y
R
E
W
V
1
B
1
-
0
1
<Number of input points>
9
18
<Alarm (relay) output/DI input>
Without
With
<Communication>
Without any communication
With RS485, Alarm and DI input
With Ethernet communication
With Ethernet, RS485,
Alarm and DI input
9 10 11 12 13
Digit
Note 2
Note 1
Note 3
Note 3
Note
Note 1 : Cannot be selected if 2 is selected for the forth digit
(the number of input points is 18).
Note 2 : Cannot be selected if 1 is selected for the 11th digit.
Note 3 : Alarm outputs are open-collector transister output.
STANDARD ACCESSORY
Recorder (PHL)
Item
Panel mounting bracket
CD-ROM PC support software
instruction manual
Panel packing for the front face
1
Quantity
Panel
mounting
2
1
1
Noise filter for the power supply
1
OPTIONAL ITEMS
PC card adapter
Transmission cable
PHZP0501
For Compact Flash
For PHL to PC
For PHL to PHL
Compact Flash
PHZP0901
PHZP1001
PHZP2801-512
PHZP2801-01G
512MB
1GB
Item
Code
Specification
Shunt resistor for DC
current input
PHZP0101
10
Ω±0.1%
PC loader communication
cable
PHZP1801
With USB-A and
USB miniB *
Terminating resister for
communication
PHZP0701
100
Ω
CD-ROM with Instruction
manual and 2 support
software
PHZP0601
D-sublight type 25pins
connector with male
terminal for alarm output,
which does not include
cable
PHZP0801
* Shape of this cable is shown below
USB (A) Plug – USB (Mini-B ) Plug
Table 1. Recording capacity
Ifthenumberofinputpointsis9,therearenoeventssuch
as messages, and the data format is ASCII, the record-
ing can be made for the period of time listed in the tables
shownbelow.(Whenthenumberofinputpointsis18,the
periodisapproximatelyonehalfofthoselistedinthetable.)
(Inbinaryformat,theperiodisapproximately4timesaslong
asthoselistedinthetable.)
Display refreshment
cycle
CompactFlash size
64MB
1 sec
10 sec
30 sec
1 min
10 min
Recordable capacity
(about)
112 hours 46 days 140 days 280 days 7.7 years
Display refreshment cycle
CompactFlash size
256MB
1 sec
10 sec
30 sec
1 min
Recordable capacity(about)
18 days 187 days 1.5 years 3 years
WhenCompactFlashisnotused,upto600Kbytesofthe
recordingdataandtheeventdatacanbestoredinthemain
unit. (In case of 9-channel in Max./Min. recording, approxi-
mately15,300datacanbestored.For4houratthedisplay
refreshcycleof1second.Thenumberofthesavedatavar-
iesdependingonthenumberoftheeventdata.


Similar Part No. - EDS10-75J

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS10-72B FUJI-EDS10-72B Datasheet
99Kb / 4P
   ALARM SETTER WITH DIGITAL DISPLAY
EDS10-73D FUJI-EDS10-73D Datasheet
712Kb / 8P
   AC POWER MONITOR(SD Memory Card Type)
EDS10-74J FUJI-EDS10-74J Datasheet
988Kb / 12P
   PAPERLESS RECORDER
EDS10-77E FUJI-EDS10-77E Datasheet
606Kb / 8P
   PAPERLESS RECORDER
EDS10-79C FUJI-EDS10-79C Datasheet
829Kb / 12P
   PAPERLESS RECORDER
More results

Similar Description - EDS10-75J

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
TR30 MSYSTEM-TR30 Datasheet
489Kb / 8P
   Paperless Recorder TR30 Series PAPERLESS RECORDER
logo
Fuji Electric
EDS10-77E FUJI-EDS10-77E Datasheet
606Kb / 8P
   PAPERLESS RECORDER
EDS10-79C FUJI-EDS10-79C Datasheet
829Kb / 12P
   PAPERLESS RECORDER
EDS10-74J FUJI-EDS10-74J Datasheet
988Kb / 12P
   PAPERLESS RECORDER
logo
TT Electronics.
DS6000 TTELEC-DS6000 Datasheet
349Kb / 3P
   Paperless Graphic Recorder
logo
M-System Co.,Ltd.
73VR1100 MSYSTEM-73VR1100 Datasheet
986Kb / 18P
   Paperless Recording System
73VR2102 MSYSTEM-73VR2102 Datasheet
389Kb / 18P
   Paperless Recording System
71VR1 MSYSTEM-71VR1 Datasheet
242Kb / 7P
   Paperless Recording System
73VR3100 MSYSTEM-73VR3100 Datasheet
384Kb / 14P
   Paperless Recording System
logo
TT Electronics.
DS7001 TTELEC-DS7001 Datasheet
369Kb / 3P
   Nanodac Recorder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com