Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS10-75J Datasheet(PDF) 10 Page - Fuji Electric

Part # EDS10-75J
Description  PAPERLESS RECORDER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS10-75J Datasheet(HTML) 10 Page - Fuji Electric

Back Button EDS10-75J Datasheet HTML 4Page - Fuji Electric EDS10-75J Datasheet HTML 5Page - Fuji Electric EDS10-75J Datasheet HTML 6Page - Fuji Electric EDS10-75J Datasheet HTML 7Page - Fuji Electric EDS10-75J Datasheet HTML 8Page - Fuji Electric EDS10-75J Datasheet HTML 9Page - Fuji Electric EDS10-75J Datasheet HTML 10Page - Fuji Electric EDS10-75J Datasheet HTML 11Page - Fuji Electric EDS10-75J Datasheet HTML 12Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
PHL
10
EXTERNAL CONNECTION DIAGRAMS (M3 screw)
In the case of 9-point input
In the case of 18-point input
DI1
231
DI2
DI3
DI4
DI5
DO1
DO2
DO3
DO4
DO5
DO6
DO7
DO8
DO9
DO10
CH6
CH7
RCJ
CH8
CH9
Voltage
Voltage
Thermo-
couple
Thermo-
couple
Resistance
bulb
Resistance
bulb
CH1
CH2
CH3
CH4
CH5
AC100 240V
50/60Hz
232
233
234
235
236
237
238
239
240
241
242
243
244
245
211
212
213
214
215
216
217
218
219
220
221
222
223
224
225
61
11
62
12
63
13
71
21
72
22
73
23
31
32
33
81
41
82
42
83
43
91
51
92
52
93
53
Source terminal
(Note) For current input, connect an optional
shunt resistance to a voltage input terminal
Input terminal
Alarm (relay) output /
digital Input terminal
Communication, digital
input and alarm (open
collector) output terminal.
DIO(+24V)
DIO(0V)
DO11
DI6
SHLD
TRX2
TRX1
PCD
6
25
13
14
VPD
1
DO12
7 DO13
8 DO14
9 DO15
10 DO16
11 DO17
12 DO18
15 DO19
16 DO20
17 DO21
18 DO22
19 DO23
20 DO24
21 DO25
22 DO26
23 DO27
24 DO28
2
DI7
3
DI8
4
DI9
5 DI10
PCD
VPD
VPD
PCD
PCD
PCD
+
(shield)
(–)
(+)
Digital input and alarm (open
collector) output terminal.
D-Sub terminal.
Source terminal
CH6
CH7
RCJ
CH8
CH9
(Note) For current input, connect an optional
shunt resistance to a voltage input terminal
CH1
CH2
CH3
CH4
CH5
AC100 240V
50/60Hz
61
11
62
12
63
13
71
21
72
22
73
23
31
32
33
81
41
82
42
83
43
91
51
92
52
93
53
Input terminal
Input terminal
CH15
CH16
RCJ
CH17
CH18
CH10
CH11
CH12
CH13
CH14
161
111
162
112
163
113
171
121
172
122
173
123
131
132
133
181
141
182
142
183
143
191
151
192
152
193
153
Voltage
Thermo-
couple
Resistance
bulb
Voltage
Thermo-
couple
Resistance
bulb
Voltage
Thermo-
couple
Resistance
bulb
Voltage
Thermo-
couple
Resistance
bulb
DO11
DI6
SHLD
TRX2
TRX1
PCD
6
25
13
14
VPD
1
DO12
7 DO13
8 DO14
9 DO15
10 DO16
11 DO17
12 DO18
15 DO19
16 DO20
17 DO21
18 DO22
19 DO23
20 DO24
21 DO25
22 DO26
23 DO27
24 DO28
2
DI7
3
DI8
4
DI9
5 DI10
PCD
VPD
VPD
PCD
PCD
PCD
+
(shield)
(–)
(+)
Communication, digital
input and alarm (open
collector) output terminal.
Digital input and alarm (open
collector) output terminal.
D-Sub terminal.
DIO(+24V)
DIO(0V)


Similar Part No. - EDS10-75J

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS10-72B FUJI-EDS10-72B Datasheet
99Kb / 4P
   ALARM SETTER WITH DIGITAL DISPLAY
EDS10-73D FUJI-EDS10-73D Datasheet
712Kb / 8P
   AC POWER MONITOR(SD Memory Card Type)
EDS10-74J FUJI-EDS10-74J Datasheet
988Kb / 12P
   PAPERLESS RECORDER
EDS10-77E FUJI-EDS10-77E Datasheet
606Kb / 8P
   PAPERLESS RECORDER
EDS10-79C FUJI-EDS10-79C Datasheet
829Kb / 12P
   PAPERLESS RECORDER
More results

Similar Description - EDS10-75J

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
TR30 MSYSTEM-TR30 Datasheet
489Kb / 8P
   Paperless Recorder TR30 Series PAPERLESS RECORDER
logo
Fuji Electric
EDS10-77E FUJI-EDS10-77E Datasheet
606Kb / 8P
   PAPERLESS RECORDER
EDS10-79C FUJI-EDS10-79C Datasheet
829Kb / 12P
   PAPERLESS RECORDER
EDS10-74J FUJI-EDS10-74J Datasheet
988Kb / 12P
   PAPERLESS RECORDER
logo
TT Electronics.
DS6000 TTELEC-DS6000 Datasheet
349Kb / 3P
   Paperless Graphic Recorder
logo
M-System Co.,Ltd.
73VR1100 MSYSTEM-73VR1100 Datasheet
986Kb / 18P
   Paperless Recording System
73VR2102 MSYSTEM-73VR2102 Datasheet
389Kb / 18P
   Paperless Recording System
71VR1 MSYSTEM-71VR1 Datasheet
242Kb / 7P
   Paperless Recording System
73VR3100 MSYSTEM-73VR3100 Datasheet
384Kb / 14P
   Paperless Recording System
logo
TT Electronics.
DS7001 TTELEC-DS7001 Datasheet
369Kb / 3P
   Nanodac Recorder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com