Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS10-46C Datasheet(PDF) 2 Page - Fuji Electric

Part # EDS10-46C
Description  MOVING COIL TYPE ALARMING INDICATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS10-46C Datasheet(HTML) 2 Page - Fuji Electric

  EDS10-46C Datasheet HTML 1Page - Fuji Electric EDS10-46C Datasheet HTML 2Page - Fuji Electric EDS10-46C Datasheet HTML 3Page - Fuji Electric EDS10-46C Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAK
Alarm device:
Upper limit (H or A), lower limit (L or B)
Upper and lower limits (K or C with one
common contact)
H, L, K; Excitation alarm
A, B, C; Non-excitation alarm
Setting accuracy;
±1.0%
Contact; ON alarm (OFF alarm is available
on request)
Contact capacity; 100V AC 0.3A/24V DC
0.2A (resistance load)
Alarm indicator lamp (available on re-
quest); Alarm signal displayed with LED
mounted on indicator panel
Scope of delivery : Indicator and mounting bracket
Mounting method:
Panel flush mounting
Standard;
Horizontal mounting on vertical panel
Non-standard;
Tilted mounting, vertical mounting
Specify
∠α for tilted mounting
CODE SYMBOLS
12345678
9 10
Description
PA K
2
Input signal
1 to 5V DC
4 to 20mA DC
0 to 100
µA.....200mA DC
0 to 10mV.....5V DC
0 to 10mV DC or more
(with reference junction compensator)
10mV DC span or more
(with reference junction compensator)
Resistance bulb JPt100
50
°C span or more, 3-wire type
Resistance bulb Pt100
50
°C span or more, 3-wire type
Ring tube, slide resistant, 3-wire type
Ring tube, slide resistant, 2-wire type
(with circuit adjusting resistor)
Opening angle indicator (resistance
100
Ω, zero point and span adjustable)
Other inputs
Alarm device
Upper limit
Lower limit
Upper and
lower limits
Upper limit
Lower limit
Upper and
lower limits
A
B
D
E
F
G
H
W
J
K
L
Z
H
L
K
A
B
C
*
*
*
*
*
*
*
*
Power supply
24V AC 50/60Hz
100V AC 50/60Hz
200V AC 50/60Hz
1
3
5
Mounting method
Horizontal mounting
Vertical mounting
Alarm indicator lamp
None
Provided
Notes: Symbols of resistance bulbs are as follows.
JPt100 Previous JIS standard
Pt100 New JIS standard
1
2
0
1
Application
For general use
For connection zener barrier:
Specify “3” only when zener barrier
(PWZB3 or PMZB4) is to be connected
and thermocouple or resistance bulb
is used as input source.
0
3
Non-excitation alarm
(ON alarm)
Excitation alarm
(ON alarm)


Similar Part No. - EDS10-46C

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS10-45E FUJI-EDS10-45E Datasheet
73Kb / 2P
   MOVING COIL TYPE INDICATOR
More results

Similar Description - EDS10-46C

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS10-45E FUJI-EDS10-45E Datasheet
73Kb / 2P
   MOVING COIL TYPE INDICATOR
EDS10-11C FUJI-EDS10-11C Datasheet
77Kb / 4P
   FC SERIES MOVING COIL TYPE INDICATOR
EDS10-22D FUJI-EDS10-22D Datasheet
199Kb / 4P
   MEMBRANE TYPE PRESSURE INDICATOR
logo
Honeywell Accelerometer...
LLN8651721 HONEYWELL-ACC-LLN8651721 Datasheet
116Kb / 6P
   Solid state reliability - no moving parts
logo
List of Unclassifed Man...
KPEG242 ETC2-KPEG242 Datasheet
150Kb / 2P
   Piezo Indicator (internal Circuitry Type)
TDA7391LV ETC2-TDA7391LV Datasheet
2Mb / 2P
   power amplifiers moving to the green zone
logo
Panasonic Semiconductor
ELKEA100FA PANASONIC-ELKEA100FA Datasheet
178Kb / 6P
   Coil type EMI Filters
ELK-E103FA PANASONIC-ELK-E103FA Datasheet
141Kb / 6P
   Coil type EMI Filters
ELK-EA333FA PANASONIC-ELK-EA333FA Datasheet
141Kb / 6P
   Coil type EMI Filters
logo
List of Unclassifed Man...
63364 ETC-63364 Datasheet
100Kb / 1P
   Moving Blade Set for Pre-2017 Edition
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com