Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS7-63 Datasheet(PDF) 6 Page - Fuji Electric

Part # EDS7-63
Description  OPTICAL LEVEL TRANSMITTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS7-63 Datasheet(HTML) 6 Page - Fuji Electric

  EDS7-63 Datasheet HTML 1Page - Fuji Electric EDS7-63 Datasheet HTML 2Page - Fuji Electric EDS7-63 Datasheet HTML 3Page - Fuji Electric EDS7-63 Datasheet HTML 4Page - Fuji Electric EDS7-63 Datasheet HTML 5Page - Fuji Electric EDS7-63 Datasheet HTML 6Page - Fuji Electric EDS7-63 Datasheet HTML 7Page - Fuji Electric EDS7-63 Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FPK···3
6
0
50
100
150
200
50
100
150
200
Diaphragm standout length (11th digit)
Treatment
Fill-fluid
None
Silicon oil
None
Fluorolube oil
Degreasing
Silicon oil
Oxygen oil-proof processing
Fluorolube oil........ Specifiable when 7th digit is V.
Chlorine service
Fluorolube oil........ Specifiable when 7th digit is H or T.
None
Silicon oil (For high temperature)
None
Silicon oil (For high temperature)
None
Silicon oil (For high temperature and vacuum)
None
Silicon oil (For high temperature and vacuum)
None
Silicon oil (For high temperature and high vacuum)
Treatment and Fill-fluid (13th digit)
Can be specified when 7th code digit is V. Cannot be specified for 40A or 1-1/2B flange.
Can be specified when 7th code digit is H. Cannot be specified for 40A or 1-1/2B flange.
Y
A
B
C
D
E
F
G
H
Y
W
G
A
D
H
J
S
T
K
P
FF
K3
Description
12345678
9 10 11 12 13
Specifiable when
7th digit is V.
Note 1
Note 1
Note 1
Note 1: Inapplicable for small bores 40A, 50A, 1-1/2B, and 2B.


Similar Part No. - EDS7-63

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS7-64 FUJI-EDS7-64 Datasheet
149Kb / 4P
   ULTRASONIC LIQUID LEVEL METER
EDS7-65D FUJI-EDS7-65D Datasheet
167Kb / 4P
   WATER LEVEL TRANSMITTER
More results

Similar Description - EDS7-63

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS7-52A FUJI-EDS7-52A Datasheet
264Kb / 6P
   OPTICAL FLANGE TYPE LIQUID LEVEL TRANSMITTER
EDS5-87 FUJI-EDS5-87 Datasheet
132Kb / 8P
   OPTICAL PRESSURE TRANSMITTER
EDS2-17 FUJI-EDS2-17 Datasheet
116Kb / 8P
   OPTICAL TEMPERATURE TRANSMITTER
EDSX7-66H FUJI-EDSX7-66H Datasheet
266Kb / 12P
   LEVEL TRANSMITTER
EDSX7-60J FUJI-EDSX7-60J Datasheet
166Kb / 12P
   LEVEL TRANSMITTER
EDS5-56A FUJI-EDS5-56A Datasheet
157Kb / 6P
   OPTICAL ABSOLUTE PRESSURE TRANSMITTER
EDS2-16D FUJI-EDS2-16D Datasheet
253Kb / 4P
   OPTICAL THERMOCOUPLE TEMPERATURE TRANSMITTER
EDS5-54A FUJI-EDS5-54A Datasheet
194Kb / 6P
   OPTICAL GAUGE PRESSURE TRANSMITTER
EDS5-88 FUJI-EDS5-88 Datasheet
123Kb / 8P
   OPTICAL ABSOLUTE PRESSURE TRANSMITTER
logo
Magnetrol International...
082-8003-404 MAGNETROL-082-8003-404 Datasheet
781Kb / 24P
   RF Level Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com