Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS6-141D Datasheet(PDF) 7 Page - Fuji Electric

Part # EDS6-141D
Description  ULTRASONIC FLOWMETER(2-Path System type)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS6-141D Datasheet(HTML) 7 Page - Fuji Electric

Back Button EDS6-141D Datasheet HTML 3Page - Fuji Electric EDS6-141D Datasheet HTML 4Page - Fuji Electric EDS6-141D Datasheet HTML 5Page - Fuji Electric EDS6-141D Datasheet HTML 6Page - Fuji Electric EDS6-141D Datasheet HTML 7Page - Fuji Electric EDS6-141D Datasheet HTML 8Page - Fuji Electric EDS6-141D Datasheet HTML 9Page - Fuji Electric EDS6-141D Datasheet HTML 10Page - Fuji Electric EDS6-141D Datasheet HTML 11Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
OUTLINE DIAGRAM (Unit:mm)
<Flow transmitter (type: FSH)>
Duosonics
134
3
Mtg. plate
5-G3/8
Female screw
4-G1/2
Female screw
4-Ø9
233
72
14
30 30 30
24
48
48
48
+
Iout
1
HF
UP STR
100 to 240V AC
50/60Hz
20 to 30V DC
Power supply terminals (DC)
1
2
3
Power supply terminals (AC)
L
1
N
2
3
4
4
LINE1
LINE2
Open collector
Relay contact
HF
DOWN STR
GND
2
GND
3
4
HF GND
UP STR
5
6
HF GND
DOWN STR
7
8
3
1
2
B
B
A
7
6
5
4
SERIAL
SERIAL
+
DO3
2
+
DO1
1
+
DO2
3
+
4
5
6
7
9
8
RS232C
6
5
4
SHILD
TRX1 (
+)
TRX2 (
)
No.
RS485
Cap (black)
Cap (yellow)
Cap (red)
Communication cable
(option)
COM
RXD
TXD
CONNECTION DIAGRAM


Similar Part No. - EDS6-141D

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS6-101A FUJI-EDS6-101A Datasheet
167Kb / 6P
   FC SERIES DIFFERENTIAL PRESSURE TRANSMITTER
EDS6-102B FUJI-EDS6-102B Datasheet
122Kb / 4P
   FC SERIES LOW DIFFERENTIAL PRESSURE TRANSMITTER
EDS6-103A FUJI-EDS6-103A Datasheet
174Kb / 6P
   FC SERIES FLOW TRANSMITTER
EDS6-104A FUJI-EDS6-104A Datasheet
164Kb / 6P
   FC SERIES HIGH DIFFERENTIAL PRESSURE TRANSMITTER
EDS6-105A FUJI-EDS6-105A Datasheet
151Kb / 6P
   FC SERIES DIFFERENTIAL PRESSURE TRANSMITTER WITH REMOTE SEAL DIAPHRAGM
More results

Similar Description - EDS6-141D

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS6-58F FUJI-EDS6-58F Datasheet
589Kb / 6P
   PORTABLE TYPE ULTRASONIC FLOWMETER(PORTAFLOW)
EDSX6-95F FUJI-EDSX6-95F Datasheet
245Kb / 8P
   PORTABLE TYPE ULTRASONIC FLOWMETER(PORTAFLOWX)
EDSX6-111E FUJI-EDSX6-111E Datasheet
293Kb / 8P
   ULTRASONIC FLOWMETER < TIME DELTAF (Flexible Type)>
EDSX6-71L FUJI-EDSX6-71L Datasheet
276Kb / 8P
   ULTRASONIC FLOWMETER < TIME DELTAS (Standard Type)>
EDSX6-139H FUJI-EDSX6-139H Datasheet
1Mb / 12P
   PORTABLE TYPE ULTRASONIC FLOWMETER (PORTAFLOW-C)
EDS6-123I FUJI-EDS6-123I Datasheet
907Kb / 8P
   ULTRASONIC FLOWMETER < M-Flow PW>
EDSX6-140D FUJI-EDSX6-140D Datasheet
1Mb / 12P
   ULTRASONIC FLOWMETER
logo
Fairchild Semiconductor
FDT-21W FAIRCHILD-FDT-21W Datasheet
411Kb / 2P
   Wall Mount Ultrasonic FlowMeter For Clean Liquids
logo
Fuji Electric
EDS6-69B FUJI-EDS6-69B Datasheet
233Kb / 16P
   INTEGRAL TYPE ELECTROMAGNETIC FLOWMETER
EDS6-70B FUJI-EDS6-70B Datasheet
240Kb / 18P
   SEPARATE TYPE ELECTROMAGNETIC FLOWMETER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com