Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSKM-S10-15U Datasheet(PDF) 4 Page - CUI INC

Part # VSKM-S10-15U
Description  MEDICAL SWITCHING POWER SUPPLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VSKM-S10-15U Datasheet(HTML) 4 Page - CUI INC

  VSKM-S10-15U Datasheet HTML 1Page - CUI INC VSKM-S10-15U Datasheet HTML 2Page - CUI INC VSKM-S10-15U Datasheet HTML 3Page - CUI INC VSKM-S10-15U Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
date
01/19/2012
│ page 4 of 4
CUI Inc
│ SERIES: VSKM-S10 Series │ DESCRIPTION: MEDICAL SWITCHING POWER SUPPLY
CUI offers a two (2) year limited warranty. Complete warranty information is listed on our website.
CUI reserves the right to make changes to the product at any time without notice. Information provided by CUI is believed to be accurate and reliable. However, no responsibility is
assumed by CUI for its use, nor for any infringements of patents or other rights of third parties which may result from its use.
CUI products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. A critical
component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to
affect its safety or effectiveness.
Headquarters
20050 SW 112th Ave.
Tualatin, OR 97062
800.275.4899
Fax 503.612.2383
cui.com
techsupport@cui.com
+Vo
-Vo
L
N
NF
C8
C6
C7
+
*MOV
L
N
C1
C2
*Fus e
TVS
RL
*NTC
TYPICAL APPLICATION CIRCUIT
EXTERNAL CAPACITORS TYPICAL VALUE (Unit: μF)
MODEL
C1
C2
TVS
VSKM-S10-3R3U
220 μF/10 V
0.1 μF/50 V
P6KE6.8A
VSKM-S10-5U
220 μF/10 V
0.1 μF/50 V
P6KE6.8A
VSKM-S10-9U
120 μF/25 V
0.1 μF/50 V
P6KE12A
VSKM-S10-12U
120 μF/25 V
0.1 μF/50 V
P6KE20A
VSKM-S10-15U
120 μF/25 V
0.1 μF/50 V
P6KE20A
VSKM-S10-24U
68 μF/35 V
0.1 μF/50 V
P6KE30A
rev.
description
date
1.0
initial release
01/16/2012
The revision history provided is for informational purposes only and is believed to be accurate.
REVISION HISTORY
Notes: 1. Output filtering capacitor C1 is an electrolytic capacitor. It is recommended to use high frequency
and low impedance electrolytic capacitors. For capacitance and current of capacitor please refer
to manufacture’s datasheet. Voltage derating of capacitor should be 80% or above. C2 is ceramic
capacitor, it is used to filter high frequency noise. TVS is a recommended component to protect
post-circuits (if converter fails).
2. MOV is required to protect the device under surge.
2. It is recommended to use a 2A/250V slow blow FUSE. External input NTC is recommended to
use 5D-9.
3. If EMC performance is required, it is recommended to add “EMC filter” at the input end (see EMC
Application Figure).
C6: X capacitor, recommended parameter 0.1μF/275V;
C7,C8: Y capacitor, recommended parameter 2200pF/400V;
NF: common model choke, recommended inductance is about 10mH-30mH.


Similar Part No. - VSKM-S10-15U

ManufacturerPart #DatasheetDescription
logo
CUI INC
VSKM-S10-15U CUI-VSKM-S10-15U Datasheet
309Kb / 4P
   MEDICAL AC-DC POWER SUPPLY
More results

Similar Description - VSKM-S10-15U

ManufacturerPart #DatasheetDescription
logo
CUI INC
VSKM-S5-3R3U CUI-VSKM-S5-3R3U Datasheet
248Kb / 4P
   MEDICAL SWITCHING POWER SUPPLY
logo
Arch Electronics Corp.
MQF120E ARCH-MQF120E Datasheet
205Kb / 3P
   Enclosed Medical Switching Power Supply
MQF240E ARCH-MQF240E Datasheet
155Kb / 3P
   Enclosed Medical Switching Power Supply
MQF240O ARCH-MQF240O Datasheet
145Kb / 3P
   Open Frame Medical Switching Power Supply
MQF500E ARCH-MQF500E Datasheet
265Kb / 4P
   AC-DC Medical Switching Power Supply
MQF120E ARCH-MQF120E_18 Datasheet
204Kb / 3P
   AC-DC Medical Switching Power Supply
MQF500O ARCH-MQF500O Datasheet
294Kb / 4P
   AC-DC Medical Switching Power Supply
MQF120O ARCH-MQF120O_18 Datasheet
209Kb / 3P
   AC-DC Medical Switching Power Supply
MQF240U ARCH-MQF240U Datasheet
177Kb / 3P
   U Bracket Medical Switching Power Supply
MQF120U ARCH-MQF120U_18 Datasheet
192Kb / 3P
   AC-DC Medical Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com