Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS6-126 Datasheet(PDF) 1 Page - Fuji Electric

Part # EDS6-126
Description  OPTICAL DIFFERENTIAL PRESSURE TRANSMITTER REMOTE SEAL TYPE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS6-126 Datasheet(HTML) 1 Page - Fuji Electric

  EDS6-126 Datasheet HTML 1Page - Fuji Electric EDS6-126 Datasheet HTML 2Page - Fuji Electric EDS6-126 Datasheet HTML 3Page - Fuji Electric EDS6-126 Datasheet HTML 4Page - Fuji Electric EDS6-126 Datasheet HTML 5Page - Fuji Electric EDS6-126 Datasheet HTML 6Page - Fuji Electric EDS6-126 Datasheet HTML 7Page - Fuji Electric EDS6-126 Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FFI SYSTEM
FFM…3
OPTICAL DIFFERENTIAL PRESSURE TRANSMITTER
REMOTE SEAL TYPE
DATA SHEET
The Model FFM 3 Optical Differential Pressure Transmit-
ter Remote Seal Type measures pressures of various fluids
accurately, converts them into optical digital signals and
outputs them. This is an intelligent transmitter providing
excellent performance and functions due to incorporation
of electrostatic capacitance type silicon sensor and micro-
processor.
A fiber optic cable used for the signal transmission line
forms an optical field instrumentation system together with
an optical star coupler and a master station.
FEATURES
1. Resistive to noise and lightning
Optical signal ensures a reliable signal transmission, be-
cause it is not affected by external noise and inductive
lightning. Use of a nonmetallic optical (fiber) cable pre-
vents propagation of inductive lightning through the cable,
so a signal transmission immune to lightning can be real-
ized.
2. Reliability due to redundant configuration
Host system can be duplicated by using two optical cable
trunk lines (between an optical star coupler and host sys-
tem). This enhances reliability of users’ systems.
3. Intrinsic safety type explosion-proof
Each equipment with a built-in battery can be constructed
so as to be an intrinsic safety type individually (intrinsic
safety type barrier unnecessary).
SPECIFICATIONS
Functional specifications
Fluids measured: Liquid, gas or steam
Measuring range:
Operating pressure: Up to the maximum value of
operating pressure of flange.
FFM
□□3
FFM
□□5
FFM
□□6
32
130
500
32
130
500
-32
-130
-500
0.8
3.25
12.5
Type
Span [kPa]
Range limit [kPa]
Minimum
value
Maximum
value
Lower
range limit
Upper
range limit
Process temperature, Allowable pressure limit:
Fill-fluid
Fluorolube oil
Silicon oil
13th
code
digit
W, A, D
K
Process
temperature
-20 to 120˚C
-15 to 200˚C
Allowable
pressure limit
Atmospheric pressure
or higher
Silicon oil
H
-15 to 250˚C
Silicon oil
J
 85 to 300˚C
Silicon oil
Y, G
-40 to 120˚C 2.7 kPa abs or higher
See Fig. 1.
Silicon oil
S
-15 to 250˚C
Silicon oil
T
 85 to 300˚C
0.13 kPa abs or higher
See Fig. 2.
For small bores 40A, 50A, 1-1/2B, 2B:
Self-diagnosis: Displayed on indication unit (option) and
transmitted to master station.
Remote control function:
See Table 1.
Output signal:
Optical digital signal
Power supply:
Built-in lithium battery
(expected life about 4 years)
Item
Host system Indication unit
Measuring range abnormal
○○
Detecting unit failure
○○
Amplifier abnormal
○○
Battery voltage
○−
Battery voltage low alarm
○○
Fill-fluid
13th
code
digit
W, A, D
Process
temperature
Allowable
pressure limit
H
Y, G
S
Atmospheric pressure
or higher
2.7 kPa abs or higher
See Fig. 1.
-20 to 120˚C
Fluorolube oil
Silicon oil
Silicon oil
Silicon oil
0 to 250˚C
0 to 250˚C
-40 to 120˚C
Date
EDS6-126
May 20, 2004


Similar Part No. - EDS6-126

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS6-120 FUJI-EDS6-120 Datasheet
220Kb / 12P
   E SERIESE ELECTROMAGNETIC FLOWMETER(SEPARATE TYPE)
EDS6-121A FUJI-EDS6-121A Datasheet
171Kb / 12P
   VORTEX FLOWMETER (Eggs DELTA)
EDS6-122A FUJI-EDS6-122A Datasheet
215Kb / 12P
   VORTEX FLOWMETER (DELTA FLOWPET)
EDS6-123I FUJI-EDS6-123I Datasheet
907Kb / 8P
   ULTRASONIC FLOWMETER < M-Flow PW>
EDS6-125 FUJI-EDS6-125 Datasheet
138Kb / 8P
   OPTICAL DIFFERENTIAL PRESSURE (FLOW) TRANSMITTER
More results

Similar Description - EDS6-126

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS5-89 FUJI-EDS5-89 Datasheet
132Kb / 8P
   OPTICAL PRESSURE TRANSMITTER REMOTE SEAL TYPE
EDSX6-117I FUJI-EDSX6-117I Datasheet
164Kb / 12P
   REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDSX6-136H FUJI-EDSX6-136H Datasheet
276Kb / 12P
   REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDS6-78A FUJI-EDS6-78A Datasheet
215Kb / 4P
   OPTICAL DIFFERENTIAL PRESSURE TRANSMITTER WITH REMOTE SEAL DIAPHRAGM
EDSX6-116K FUJI-EDSX6-116K Datasheet
189Kb / 12P
   SMALL FLANGE REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDSX6-137H FUJI-EDSX6-137H Datasheet
474Kb / 16P
   SMALL FLANGE REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDS6-34F FUJI-EDS6-34F Datasheet
300Kb / 8P
   FCX SERIES REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDSX5-94H FUJI-EDSX5-94H Datasheet
329Kb / 12P
   REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDSX5-83J FUJI-EDSX5-83J Datasheet
187Kb / 12P
   REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDSX6-101 FUJI-EDSX6-101 Datasheet
126Kb / 8P
   FCX ??AX SERIES REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com