Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSKM-S10-3R3U Datasheet(PDF) 1 Page - CUI INC

Part # VSKM-S10-3R3U
Description  MEDICAL SWITCHING POWER SUPPLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VSKM-S10-3R3U Datasheet(HTML) 1 Page - CUI INC

  VSKM-S10-3R3U Datasheet HTML 1Page - CUI INC VSKM-S10-3R3U Datasheet HTML 2Page - CUI INC VSKM-S10-3R3U Datasheet HTML 3Page - CUI INC VSKM-S10-3R3U Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
cui.com
date
01/19/2012
page
1 of 4
SERIES:
VSKM-S10 Series
│DESCRIPTION: MEDICALSWITCHINGPOWERSUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency
(Vdc)
max
(A)
max
(W)
typ
(mVp-p)
typ
(%)
VSKM-S10-3R3U
3.3
2
6.6
50
70
VSKM-S10-5U
5
2
10
50
74
VSKM-S10-9U
9
1.1
10
50
76
VSKM-S10-12U
12
0.9
10
50
76
VSKM-S10-15U
15
0.7
10
50
78
VSKM-S10-24U
24
0.45
10
50
80
Notes:
1. Ripple and noise measured at 20 MHz bandwidth
PART NUMBER KEY
VSKM-S10 - XXU
Base Number
Output Voltage
FEATURES
• Up to 10 W continuous power
• Compact board mount design
• Universal input (85~264 Vac / 120~370 Vdc)
• Single output from 3.3 to 24 V
• Over current and short circuit protections
• Full medical approvals
• Efficiency up to 80%
RoHS


Similar Part No. - VSKM-S10-3R3U

ManufacturerPart #DatasheetDescription
logo
CUI INC
VSKM-S10-3R3U CUI-VSKM-S10-3R3U Datasheet
309Kb / 4P
   MEDICAL AC-DC POWER SUPPLY
More results

Similar Description - VSKM-S10-3R3U

ManufacturerPart #DatasheetDescription
logo
CUI INC
VSKM-S5-3R3U CUI-VSKM-S5-3R3U Datasheet
248Kb / 4P
   MEDICAL SWITCHING POWER SUPPLY
logo
Arch Electronics Corp.
MQF120E ARCH-MQF120E Datasheet
205Kb / 3P
   Enclosed Medical Switching Power Supply
MQF240E ARCH-MQF240E Datasheet
155Kb / 3P
   Enclosed Medical Switching Power Supply
MQF240O ARCH-MQF240O Datasheet
145Kb / 3P
   Open Frame Medical Switching Power Supply
MQF500E ARCH-MQF500E Datasheet
265Kb / 4P
   AC-DC Medical Switching Power Supply
MQF120E ARCH-MQF120E_18 Datasheet
204Kb / 3P
   AC-DC Medical Switching Power Supply
MQF500O ARCH-MQF500O Datasheet
294Kb / 4P
   AC-DC Medical Switching Power Supply
MQF120O ARCH-MQF120O_18 Datasheet
209Kb / 3P
   AC-DC Medical Switching Power Supply
MQF240U ARCH-MQF240U Datasheet
177Kb / 3P
   U Bracket Medical Switching Power Supply
MQF120U ARCH-MQF120U_18 Datasheet
192Kb / 3P
   AC-DC Medical Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com