Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VCX16374 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC74VCX16374
Description  LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT D-TYPE FLIP-FLOP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74VCX16374 Datasheet(HTML) 1 Page - Motorola, Inc

  MC74VCX16374 Datasheet HTML 1Page - Motorola, Inc MC74VCX16374 Datasheet HTML 2Page - Motorola, Inc MC74VCX16374 Datasheet HTML 3Page - Motorola, Inc MC74VCX16374 Datasheet HTML 4Page - Motorola, Inc MC74VCX16374 Datasheet HTML 5Page - Motorola, Inc MC74VCX16374 Datasheet HTML 6Page - Motorola, Inc MC74VCX16374 Datasheet HTML 7Page - Motorola, Inc MC74VCX16374 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 0.1
© Motorola, Inc. 1997
10/97
Product Preview
Low-Voltage 1.8/2.5/3.3V
16-Bit D-Type Flip-Flop
With 3.6V-Tolerant Inputs and
Outputs (3-State, Non-Inverting)
The MC74VCX16374 is an advanced performance, non–inverting
16–bit D–type flip–flop. It is designed for very high–speed, very
low–power operation in 1.8V, 2.5V or 3.3V systems. The VCX16374 is
byte controlled, with each byte functioning identically, but independently.
Each byte has separate Output Enable and Clock Pulse inputs. These
control pins can be tied together for full 16–bit operation.
When operating at 2.5V (or 1.8V) the part is designed to tolerate
voltages it may encounter on either inputs or outputs when interfacing to
3.3V busses. It is guaranteed to be over–voltage tolerant to 3.6V.
The MC74VCX16374 consists of 16 edge–triggered flip–flops with
individual D–type inputs and 3.6V–tolerant 3–state outputs. The clocks
(CPn) and Output Enables (OEn) are common to all flip–flops within the
respective byte. The flip–flops will store the state of individual D inputs
that meet the setup and hold time requirements on the LOW–to–HIGH
Clock (CP) transition. With the OE LOW, the contents of the flip–flops are
available at the outputs. When the OE is HIGH, the outputs go to the high
impedance state. The OE input level does not affect the operation of the
flip–flops.
Designed for Low Voltage Operation: VCC = 1.8–3.6V
3.6V Tolerant Inputs and Outputs
High Speed Operation: 3.0ns max for 3.0 to 3.6V
3.9ns max for 2.3 to 2.7V
6.0ns max for 1.8V
Static Drive:
±24mA Drive at 3.0V
±18mA Drive at 2.3V
±6mA Drive at 1.8V
Supports Live Insertion and Withdrawal
IOFF Specification Guarantees High Impedance When VCC = 0V
Near Zero Static Supply Current in All Three Logic States (20µA)
Substantially Reduces System Power Requirements
Latchup Performance Exceeds ±300mA
ESD Performance: Human Body Model >2000V; Machine Model >200V
This document contains information on a product under development. Motorola reserves the right to
change or discontinue this product without notice.
MC74VCX16374
LOW–VOLTAGE 1.8/2.5/3.3V
16–BIT D–TYPE FLIP–FLOP
DT SUFFIX
48–LEAD PLASTIC TSSOP PACKAGE
CASE 1201–01
VCX
PIN NAMES
Function
Output Enable Inputs
Clock Pulse Inputs
Inputs
Outputs
Pins
OEn
CPn
D0–D15
O0–O15


Similar Part No. - MC74VCX16374

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VCX16373 MOTOROLA-MC74VCX16373 Datasheet
141Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSPARENT LATCH
MC74VCX16373DT MOTOROLA-MC74VCX16373DT Datasheet
141Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSPARENT LATCH
More results

Similar Description - MC74VCX16374

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VCXH16245 ONSEMI-74VCXH16245 Datasheet
91Kb / 8P
   Low-Voltage 1.8/2.5/3.3V 16-Bit Transceiver
May, 2004 ??Rev. 3
logo
Motorola, Inc
MC74VCX16244 MOTOROLA-MC74VCX16244 Datasheet
134Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT BUFFER
MC74VCX16245 MOTOROLA-MC74VCX16245 Datasheet
137Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSCEIVER
logo
ON Semiconductor
MC74LCX16374 ONSEMI-MC74LCX16374_12 Datasheet
133Kb / 7P
   Low-Voltage CMOS 16-Bit D-Type Flip-Flop
July, 2012 ??Rev. 9
logo
Motorola, Inc
MC74LCX16374 MOTOROLA-MC74LCX16374 Datasheet
123Kb / 6P
   LOW-VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP
logo
ON Semiconductor
74VCX16373 ONSEMI-74VCX16373 Datasheet
102Kb / 10P
   Low-Voltage 1.8/2.5/3.3V 16-Bit Transparent Latch
November, 2004 ??Rev. 5
logo
NXP Semiconductors
74ABT16273 PHILIPS-74ABT16273 Datasheet
85Kb / 10P
   16-bit D-type flip-flop
1998 Feb 27
logo
Motorola, Inc
MC74VCX16373 MOTOROLA-MC74VCX16373 Datasheet
141Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSPARENT LATCH
logo
Toshiba Semiconductor
TC74VCXH16374FT TOSHIBA-TC74VCXH16374FT Datasheet
217Kb / 14P
   Low-Voltage 16-Bit D-Type Flip-Flop with Bushold
TC74VCXH162374FT TOSHIBA-TC74VCXH162374FT Datasheet
176Kb / 13P
   Low-Voltage 16-Bit D-Type Flip-Flop with Bushold
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com