Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS6-119 Datasheet(PDF) 8 Page - Fuji Electric

Part # EDS6-119
Description  E SERIESE ELECTROMAGNETIC FLOWMETER(INTEGRAL TYPE)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS6-119 Datasheet(HTML) 8 Page - Fuji Electric

Back Button EDS6-119 Datasheet HTML 4Page - Fuji Electric EDS6-119 Datasheet HTML 5Page - Fuji Electric EDS6-119 Datasheet HTML 6Page - Fuji Electric EDS6-119 Datasheet HTML 7Page - Fuji Electric EDS6-119 Datasheet HTML 8Page - Fuji Electric EDS6-119 Datasheet HTML 9Page - Fuji Electric EDS6-119 Datasheet HTML 10Page - Fuji Electric EDS6-119 Datasheet HTML 11Page - Fuji Electric EDS6-119 Datasheet HTML 12Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FME1, 2
OUTLINE DIAGRAM (Unit: mm)
(Flange type)
G1/2
Wire lead-in port
130
250
100A
175
417
155
22
8-19
20
130
210
Option
< Stainless tag plate >
80A
100
200
40A
100
200
50A
116
200
150
8-19
377
130
20
20
19
11
90
110
105
4-19
20
301
85
8.5
82
120
4-19
337
100
140
155
185
87
15A
66.5
200
W1
W2 (Note)
90
70
18
70
281
52
14
4-15
5.5
62
73
øC
N-øB
T
H
øG
Mass ( Kg )
F
øD
95
25A
125
4-19
6.5
292
200
Meter size
JIS 10K
Flange
N-øB
øC
120
199
73
0
-3
W2
W1
T
20
Water-proof gland
(Note)
(Note) W2 are dimensions after positioning to piping.
The lining flare sections are not glued before positioning to piping.
(There are about 30mm protruding of each side.)


Similar Part No. - EDS6-119

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS6-101A FUJI-EDS6-101A Datasheet
167Kb / 6P
   FC SERIES DIFFERENTIAL PRESSURE TRANSMITTER
EDS6-102B FUJI-EDS6-102B Datasheet
122Kb / 4P
   FC SERIES LOW DIFFERENTIAL PRESSURE TRANSMITTER
EDS6-103A FUJI-EDS6-103A Datasheet
174Kb / 6P
   FC SERIES FLOW TRANSMITTER
EDS6-104A FUJI-EDS6-104A Datasheet
164Kb / 6P
   FC SERIES HIGH DIFFERENTIAL PRESSURE TRANSMITTER
EDS6-105A FUJI-EDS6-105A Datasheet
151Kb / 6P
   FC SERIES DIFFERENTIAL PRESSURE TRANSMITTER WITH REMOTE SEAL DIAPHRAGM
More results

Similar Description - EDS6-119

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS6-120 FUJI-EDS6-120 Datasheet
220Kb / 12P
   E SERIESE ELECTROMAGNETIC FLOWMETER(SEPARATE TYPE)
EDS6-69B FUJI-EDS6-69B Datasheet
233Kb / 16P
   INTEGRAL TYPE ELECTROMAGNETIC FLOWMETER
EDS6-70B FUJI-EDS6-70B Datasheet
240Kb / 18P
   SEPARATE TYPE ELECTROMAGNETIC FLOWMETER
logo
Endress+Hauser Group Se...
BA01697D EH-BA01697D Datasheet
2Mb / 64P
   Electromagnetic flowmeter
2022-06-01
logo
Fuji Electric
EDS6-74B FUJI-EDS6-74B Datasheet
249Kb / 8P
   COMPACT ELECTROMAGNETIC FLOWMETER(COMPACT FLOW, SEPARATE TYPE)
EDS6-65 FUJI-EDS6-65 Datasheet
533Kb / 8P
   COMPACT ELECTROMAGNETIC FLOWMETER(COMPACT FLOW, SEPARATE TYPE)
EDS6-73G FUJI-EDS6-73G Datasheet
203Kb / 6P
   COMPACT ELECTROMAGNETIC FLOWMETER(COMPACT FLOW)
EDS6-61H FUJI-EDS6-61H Datasheet
471Kb / 8P
   COMPACT ELECTROMAGNETIC FLOWMETER(COMPACT FLOW)
EDS6-64A FUJI-EDS6-64A Datasheet
525Kb / 8P
   COMPACT ELECTROMAGNETIC FLOWMETER(COMPACT FLOW)
EDS6-58F FUJI-EDS6-58F Datasheet
589Kb / 6P
   PORTABLE TYPE ULTRASONIC FLOWMETER(PORTAFLOW)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com