Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ETSA150080U Datasheet(PDF) 4 Page - CUI INC

Part # ETSA150080U
Description  SWITCHING POWER SUPPLY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

ETSA150080U Datasheet(HTML) 4 Page - CUI INC

  ETSA150080U Datasheet HTML 1Page - CUI INC ETSA150080U Datasheet HTML 2Page - CUI INC ETSA150080U Datasheet HTML 3Page - CUI INC ETSA150080U Datasheet HTML 4Page - CUI INC ETSA150080U Datasheet HTML 5Page - CUI INC ETSA150080U Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
a division of CUI INC
date
page
SERIES:
DESCRIPTION:
02/2011
4 of 6
SWITCHING POWER SUPPLY
ETSA 12W
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com
DC CORD
ETSA240050
ETSA180066
ETSA150080
ETSA120100
20 AWG
18 AWG
20 AWG
24 AWG
22 AWG
22 AWG
ETSA090133
ETSA060200
ETSA050200
Cable Gauge
24 AWG
Cable Length: refer to page 1
Black wire, white stripe: Positive
48B
AC CORD
*Contact CUI for additional ac cord input blade options.


Similar Part No. - ETSA150080U

ManufacturerPart #DatasheetDescription
logo
CUI INC
ETSA150080U CUI-ETSA150080U Datasheet
263Kb / 6P
   ETSA 12W - SWITCHING POWER SUPPLY
ETSA150080UD CUI-ETSA150080UD Datasheet
589Kb / 8P
   AC-DC POWER SUPPLY
ETSA150080UD CUI-ETSA150080UD Datasheet
589Kb / 8P
   AC-DC POWER SUPPLY
More results

Similar Description - ETSA150080U

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
   Switching Power Supply
MBR1080 SMC-MBR1080 Datasheet
252Kb / 6P
   Switching power supply
62CNQ030 SMC-62CNQ030 Datasheet
232Kb / 5P
   Switching power supply
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
   Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
   Switching Power Supply
logo
CUI INC
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
   SWITCHING POWER SUPPLY
EPSA120150UB CUI-EPSA120150UB Datasheet
201Kb / 4P
   SWITCHING POWER SUPPLY
EMSA18W CUI-EMSA18W Datasheet
251Kb / 5P
   SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com