Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS3-143 Datasheet(PDF) 1 Page - Fuji Electric

Part # EDS3-143
Description  INFRARED GAS ANALYZER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS3-143 Datasheet(HTML) 1 Page - Fuji Electric

  EDS3-143 Datasheet HTML 1Page - Fuji Electric EDS3-143 Datasheet HTML 2Page - Fuji Electric EDS3-143 Datasheet HTML 3Page - Fuji Electric EDS3-143 Datasheet HTML 4Page - Fuji Electric EDS3-143 Datasheet HTML 5Page - Fuji Electric EDS3-143 Datasheet HTML 6Page - Fuji Electric EDS3-143 Datasheet HTML 7Page - Fuji Electric EDS3-143 Datasheet HTML 8Page - Fuji Electric EDS3-143 Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
INFRARED GASANALYZER
This gas analyzer (ZPA) is capable of measuring the con-
centration of NO,SO2,CO2,CO,CH4 and O2 components in
sample gas. NO, SO2, CO2, CO and CH4 are measured by
non-dispersion infrared method (NDIR), while O2 is mea-
sured by fuel cell or paramagnetic and zirconia method.
Optimum use as an analyzer unit for measurement of
combustion exhaust gas from refuse incinerator, boiler
exhaust or gas from various industrial furnaces.
FEATURES
1.Highsensitivity
Equipped with the newest upgraded mass flow sensor.
2.Easymaintenance
Maintenance is easy due to simple measurement unit of
single-beam system adapted.
3.Smallandlight
The size is small 133x483x382mm (HxWxD). (This is
for 19inch rack mounting type) and light (9kg). Unit is
capable max. 5 component measurement in one analyzer.
4.Extensivefunctions
Various optional functions are available such as auto
calibration control, atmospheric pressure correction, high
and low concentration alarm, remote range switch, and
range identification signal,etc.
SPECIFICATIONS
Standard Specifications
Principleofmeasurement:
NO, SO2, CO2, CO, CH4 ;
Non-dispersion infrared-ray absorption
method
Single light source and single beams
(single beam system)
O2
;Fuel cell O2 sensor (build-in) or paramag-
netic O2 sensor (build-in) or zirconia O2
sensor (externally installed TYPE: ZFK7)
Measurablegascomponentsandmeasuringrange:
Minimum range
Maximum range
NO
SO2
CO2
CO
O2
Built-in
Paramagnetic
0 - 200ppm
0 - 5000ppm
0 - 10vol%
0 - 100vol%
0 - 100vol%
0 - 25vol%
0 - 100ppm
0 - 200ppm
0 - 10vol%
0 - 200ppm
CH4
0 - 100vol%
0 - 500ppm
100 - 95vol%
None
0 - 100vol%
0 - 5vol%
O2
Built in
fuel cell
O2
External
Zirconia
0 - 25vol%
0 - 5vol%
• Max. 5 components measurement includ-
ing O2.
For reverse range O2 measurement, in-
frared gas measurement is not available
(single range O2 only).
• Measuring range ratio max. 1:10 (except
O2)
• Measuring ranges are changeable be-
tween the specified minimum and maxi-
mum range
Settable one range or two ranges
* In measurement range low range is
called first range, high range is called
second range.
• For possible combinations of components
and ranges, refer to Table1.
Measuredvalueindication:
Digital indication in 4 digits
(LCD panel with LED back light)
• Instantaneous value of each component
• Instantaneous value after O2 correction
(only in NO, SO2, CO measurement with
O2)
• Average value after O2 correction
(only in NO, SO2, CO measurement with
O2)
• O2 average value
DATASHEET
ZPA
EDS3-143
Nov.2,2011
Date


Similar Part No. - EDS3-143

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS3-141A FUJI-EDS3-141A Datasheet
1Mb / 20P
   NDIR TYPE INFRARED GAS ANALYZER(3-COMPONENT ANALYZER)
EDS3-144 FUJI-EDS3-144 Datasheet
1Mb / 18P
   INFRARED GAS ANALYZER(HIGH PERFORMANCE MODEL)
EDS3-145 FUJI-EDS3-145 Datasheet
1Mb / 12P
   INFRARED GAS ANALYZER(LOW-CONCENTRATION MEASUREMENT TYPE)
More results

Similar Description - EDS3-143

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS3-122I FUJI-EDS3-122I Datasheet
786Kb / 16P
   INFRARED GAS ANALYZER
EDS3-100B FUJI-EDS3-100B Datasheet
589Kb / 9P
   INFRARED GAS ANALYZER
EDS3-133F FUJI-EDS3-133F Datasheet
1,005Kb / 16P
   INFRARED GAS ANALYZER
EDS3-103 FUJI-EDS3-103 Datasheet
225Kb / 4P
   INFRARED GAS ANALYZER
EDS3-109E FUJI-EDS3-109E Datasheet
449Kb / 8P
   INFRARED GAS ANALYZER FOR STACK GAS
EDS3-136 FUJI-EDS3-136 Datasheet
258Kb / 16P
   INFRARED GAS ANALYZER FOR STIC GAS
EDS3-138B FUJI-EDS3-138B Datasheet
278Kb / 16P
   INFRARED GAS ANALYZER FOR STACK GAS
EDS3-110D FUJI-EDS3-110D Datasheet
156Kb / 16P
   NDIR TYPE INFRARED GAS ANALYZER
EDS3-126A FUJI-EDS3-126A Datasheet
118Kb / 4P
   NDIR TYPE INFRARED GAS ANALYZER
EDS3-111E FUJI-EDS3-111E Datasheet
115Kb / 8P
   NDIR TYPE INFRARED GAS ANALYZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com