Part Name
         Description
EDS3-132C

 COMPACT TYPE GAS ANALYZER ( 12 Page)


FUJI
100% 
Zoom Out Zoom In
 7 page
background image
7
Tables of Sample Component and Measuring Range - Availability Check Tables -
Table 1: 1-Component Analyzer (CO2, CO, CH4)
Table 2: 2-Component Analyzer (CO2 analyzer + CO analyzer)
Sample component
Range
○:
Product available
A
DB
E
CO2 analyzer
CO analyzer
CH4 analyzer
B
C
D
E
F
G
H
J
K
0 to 200/500/1000ppm
0 to 500/1000/2000ppm
0 to 1000/2000/5000ppm
0 to 2000/5000ppm/1%
0 to 5000ppm/1/2%
0 to 1/2/5%
0 to 2/5/10%
0 to 5/10/20%
0 to 10/20/50%
0 to 20/50/100%
○:
Product available
A
Range values are the same as those of CO2 analyzer.
AB
CD
E
F
G
H
J
K
B
C
D
E
F
G
H
J
K
0 to 200/500/1000ppm
0 to 500/1000/2000ppm
0 to 1000/2000/5000ppm
0 to 2000/5000ppm/1%
0 to 5000ppm/1/2%
0 to 1/2/5%
0 to 2/5/10%
0 to 5/10/20%
0 to 10/20/50%
0 to 20/50/100%
CO analyzer range
CO2 analyzer range
Table 3: 2-Component Analyzer (CH4 analyzer + CO analyzer)
○:
Product available
A
Range values are the same as those of CH4 analyzer.
AB
CD
E
F
G
H
J
K
B
C
D
E
F
G
H
J
K
0 to 200/500/1000ppm
0 to 500/1000/2000ppm
0 to 1000/2000/5000ppm
0 to 2000/5000ppm/1%
0 to 5000ppm/1/2%
0 to 1/2/5%
0 to 2/5/10%
0 to 5/10/20%
0 to 10/20/50%
0 to 20/50/100%
CO analyzer range
CH4 analyzer range
• 3-component analyzer (CH4 analyzer + CO2 analyzer + CO analyzer);
Possible range in combination of Table 1 (CH4 analyzer) and Table 2 (CO2 analyzer + CO analyzer)
Table 4: 2-Component Analyzer (CO2 analyzer + CH4 analyzer)
○:
Product available
A
Range values are the same as those of CO2 analyzer.
AB
CD
E
F
G
H
J
K
B
C
D
E
F
G
H
J
K
0
∼200/500/1000ppm
0
∼500/1000/2000ppm
0
∼1000/2000/5000ppm
0
∼2000/5000ppm/1%
0
∼5000ppm/1/2%
0
∼1/2/5%
0
∼2/5/10%
0
∼5/10/20%
0
∼10/20/50%
0
∼20/50/100%
CH4 analyzer
range
CO2 analyzer range



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl