Part Name
         Description
EDS3-132C

 COMPACT TYPE GAS ANALYZER ( 12 Page)


FUJI
100% 
Zoom Out Zoom In
 
 2 page
background image
ZSVS
2
• Indicated values:
Digital 4-digit indication (by LCD with back
light)
• Instantaneous values of respective gas
components
• Instantaneous values after O2 correction
(when provided with O2 analyzer)
• Average value after O2 correction (when
provided with O2 analyzer)
• CP calculation value display (when pro-
vided with CO2 analyzer)
* The channel numbers of indicated value
and output value correspond to each
other one by one.
• Power supply: Rated voltage;
100 to 115 V AC or 200 to 240 V AC
Working voltage;
85 to 132 V AC or 180 to 264 V AC
* Depending on customer’s code selection.
Rated frequency; 50/60 Hz
Max. rated power; 150 VA
Inlet; Class 1 type conforming with EN60320
• Operating conditions:
Ambient temperature; 0 to 40˚C
Ambient humidity; 90% RH or less
* Condensation unallowable
• Storage conditions:
Ambient temperature; -20 to 60˚C
Ambient humidity; 95% RH or less
* Condensation unallowable.
• External dimensions (H
× W × D mm):
211
× 365 × 527
• Weight:
Approx. 12 kg
• Finish color:
Cover; White pearl mica
Base; Medium gray metallic
• Enclosure design:
Casing made of steel plates for indoor
installation.
• Gas-contacting part materials:
Gas inlet/outlet; Polypropylene
Sample cell; SUS304/neoprene rubber
Transparent window: CaF2
Internal pipes: Toalon tube/Teflon tube
• Gas inlet/outlet:
φ6/φ3 hose end
• Purge gas flow rate:
1 L/min (to be purged as required)
Standard Functions
• Zero gas flow time:
Z180 to 999 sec (settable in 1-sec step)
• Auto indication off:
Indication automatically turns off when
no key is operated for the determined
period of time in the standby status.
Light off time; OFF/ON (1 to 30 min)
(settable in 1-min step)
• Output holding:At calibration during measurement, out-
put holds the value just before the cali-
bration according to hold setting. In the
standby status, output will not be held.
Indication will not be held either.
Hold setting; OFF/ON
• Key lock:
None of the set values can be changed
when key lock is turned ON.
This is helpful for reducing operation er-
rors and wrong inputs.
C=
× Cs
21–On
21–Os
C; Sample gas concentration after O2
correction
Cs; Measured concentration of sample
gas
Os; Measured O2 concentration
On; Standard O2 concentration for conver-
sion (settable within 0 to 19%)
The result of conversion is indicated and
output in a signal simultaneously.
* An Os value of 20% or more is taken as
20% for calculation.
• Averaging after O2 correction;
The result of O2 correction is subjected
to moving average for the determined
period of time. And the result of averag-
ing is indicated and output in a signal si-
multaneously.
Average value will be taken at a cycle of
30 sec. (Indication and output are updated
every 30 sec.)
• Resetting of output average value:
Indication and output of average value are
cleared in response to resetting.
* Effective only when average value se-
lection is specified in CODE SYMBOLS.
• CP calculation: The carbon potential of carburizing fur-
nace and conversion furnace are calcu-
lated using furnace temperature (fixed
input value) and CO concentration value
(fixed or measured value) while referring
to CO2 measured value.
Calculation equation;
where,
CPS ; Saturated carbon concentration
(partial pressure)
0.0028t–1.30 (800˚C
850˚C)
0.0030t–1.47 (850˚C
950˚C)
0.0034t–1.85 (950˚C
1000˚C)
t; Furnace temperature
PCO ; CO concentration value (partial
pressure)
PCO2 ;CO2 concentration value (partial
pressure)
K1
; Constant K1=10 (9.06–15966/T)
T; Rankine temperature
(tx9/5+32+46˚)
• Instrument/calibration error indication:
When the instrument or calibration is
abnormal, an error number is indicated
to help analysis of the error.
• O2 correction:
Conversion of measured NOx, SO2 and
CO gas concentrations into values at stan-
dard O2 concentration
Calculating equation;
CP=
CPS
×(PCO)2
K1
×PCO2



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl