Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS3-132C Datasheet(PDF) 11 Page - Fuji Electric

Part # EDS3-132C
Description  COMPACT TYPE GAS ANALYZER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS3-132C Datasheet(HTML) 11 Page - Fuji Electric

Back Button EDS3-132C Datasheet HTML 4Page - Fuji Electric EDS3-132C Datasheet HTML 5Page - Fuji Electric EDS3-132C Datasheet HTML 6Page - Fuji Electric EDS3-132C Datasheet HTML 7Page - Fuji Electric EDS3-132C Datasheet HTML 8Page - Fuji Electric EDS3-132C Datasheet HTML 9Page - Fuji Electric EDS3-132C Datasheet HTML 10Page - Fuji Electric EDS3-132C Datasheet HTML 11Page - Fuji Electric EDS3-132C Datasheet HTML 12Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
OUTLINE DIAGRAM (Unit : mm)
(3) Power cord and signal cable
• Power cord for domestic and North American use (North American type), rated voltage 125V AC.
Note: The standards for domestic and North American use are different, but the shape is the same.
• Control input/output cable
• Output cable
• Power cord for European use (European type), rated voltage 250 V AC
(2000)
(2000)
Area A
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
Output channel +CH1-
+CH2-
+CH3-
Connector
1
2
3
456789
10
11
12
13
14
15
16
Cable color Brown Red Orange Yellow Green Blue Purple Gray White Black Brown Red Orange Yellow Green Blue
Details of area A
+CH4-
+CH5-
+CH6-
+CH7-
+CH8-


Similar Part No. - EDS3-132C

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS3-130F FUJI-EDS3-130F Datasheet
223Kb / 16P
   COMPACT TYPE GAS ANALYZER
EDS3-133F FUJI-EDS3-133F Datasheet
1,005Kb / 16P
   INFRARED GAS ANALYZER
EDS3-134A FUJI-EDS3-134A Datasheet
392Kb / 8P
   INFRARED GAS ANALYZER FOR HEAT TREATMENT FURNACES
EDS3-135E FUJI-EDS3-135E Datasheet
676Kb / 12P
   cross stacK laser Gas analYZer
EDS3-136 FUJI-EDS3-136 Datasheet
258Kb / 16P
   INFRARED GAS ANALYZER FOR STIC GAS
More results

Similar Description - EDS3-132C

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS3-130F FUJI-EDS3-130F Datasheet
223Kb / 16P
   COMPACT TYPE GAS ANALYZER
EDS3-110D FUJI-EDS3-110D Datasheet
156Kb / 16P
   NDIR TYPE INFRARED GAS ANALYZER
EDS3-126A FUJI-EDS3-126A Datasheet
118Kb / 4P
   NDIR TYPE INFRARED GAS ANALYZER
EDS3-111E FUJI-EDS3-111E Datasheet
115Kb / 8P
   NDIR TYPE INFRARED GAS ANALYZER
EDS3-123M FUJI-EDS3-123M Datasheet
1Mb / 20P
   NDIR TYPE INFRARED GAS ANALYZER(5-COMPONENT ANALYZER)
EDS3-141A FUJI-EDS3-141A Datasheet
1Mb / 20P
   NDIR TYPE INFRARED GAS ANALYZER(3-COMPONENT ANALYZER)
EDS3-122I FUJI-EDS3-122I Datasheet
786Kb / 16P
   INFRARED GAS ANALYZER
EDS3-117 FUJI-EDS3-117 Datasheet
120Kb / 2P
   PORTABLE GAS ANALYZER
EDS3-100B FUJI-EDS3-100B Datasheet
589Kb / 9P
   INFRARED GAS ANALYZER
EDS3-133F FUJI-EDS3-133F Datasheet
1,005Kb / 16P
   INFRARED GAS ANALYZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com