Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS3-127C Datasheet(PDF) 4 Page - Fuji Electric

Part # EDS3-127C
Description  THERMAL CONDUCTIVITY GAS ANALYZER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS3-127C Datasheet(HTML) 4 Page - Fuji Electric

  EDS3-127C Datasheet HTML 1Page - Fuji Electric EDS3-127C Datasheet HTML 2Page - Fuji Electric EDS3-127C Datasheet HTML 3Page - Fuji Electric EDS3-127C Datasheet HTML 4Page - Fuji Electric EDS3-127C Datasheet HTML 5Page - Fuji Electric EDS3-127C Datasheet HTML 6Page - Fuji Electric EDS3-127C Datasheet HTML 7Page - Fuji Electric EDS3-127C Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
ZAF-3
MEASURING PRINCIPLE
Fixed resistor
DC amplifier
Sample gas
DC
constant
current
Measuring
chamber
Reference
chamber
This thermal conductivity gas analyzer measures gas con-
centration by utilizing the different thermal conductivities
of 2 gas components. In the detector, there are reference
and measuring chambers in each of which a thin platinum
wire is stretched. The reference chamber is filled with ref-
erence gas and through the measuring chamber, sample
gas is flowed. Each platinum wire composes a bridge cir-
cuit in combination with an external fixed resistor, and it is
heated by flowing a constant current. When there is a change
in the concentration of the component under measurement,
the thermal conductivity of sample gas will change to af-
fect the temperature of the platinum wire in the measuring
chamber. The resulting thermal change is taken out as a
change in electric resistance, according to which the con-
centration of measured gas is calculated.
Thermal Conductivity Ratio of Gases
Measured gas
Reference gas
component (Note 1)
He
Ar
CH4
CO2
Measurable range
Range
ratio(Note 2)
0 to 5, 10, 20, 30, 40, 50, 80, 100%
100 to 90, 100 to 80%
1 : 10
N2, (CO2, Ar) O2,
Air
0 to 10, 20, 50, 80, 100%
100 to 90, 100 to 80%
1 : 5
N2, O2, Air, (He)
H2
0 to 3, 5, 10, 20, 50, 80, 100%
100 to 90, 100 to 80%
1 : 10
N2, (CO2, Ar, He)
0 to 10, 20, 50, 100%
100 to 90, 80%
1 : 5
N2, O2, Air, (He)
0 to 20, 40, 50, 60, 80, 100%
100 to 80%
1 : 5
N2, (CO2, Ar, He)
(Note 1) Contact us for the components in the parentheses. H2 contained in O2 cannot be measured.
(Note 2) Range ratio stands for maximum value.
Gases
Comparative thermal conductivity
(0
°C) when replacing thermal
conductivity of air
(2.41 x 10
-2 w/(m.k) with 1
Sulfur dioxide gas
SO2
Carbon dioxide gas
CO2
Argon
Ar
Carbon monoxide
CO
Steam (100
°C)
H2O
Air
Nitrogen
N2
Oxygen
O2
Methane
CH4
Hydrogen
H2
Peltier gas
cooler
(Note 2)
(Note 2)
Sample
gas
(Note 1)
Gas
aspirator
Flow
checker
0.4L/min
or 1L/min
(Note 3)
1L/min
Membrane
filter
Mist
filter
Mist
filter
Exhaust
Purging
air or
nitrogen
Drain pot
ZAF
(Note 1) Dust must be purged adequately
(for protection of the pump, flowmeter, etc.).
(Note 2) Unnecessary if sample gas is dry.
(Note 3) Select the one with no pulsating flow within the specified
flow rate range.
Solenoid valve
Pressure reducing valve
Span
gas
Zero
gas
Span calibration signal
Suction pump OFF signal in automatic calibration
Zero calibration signal
Example of gas measurement in industrial furnace, sintering furnace, etc.
Table 1: Measurable Component and Measurable Range
GAS SAMPLING SYSTEM DIAGRAM (EXAMPLE)


Similar Part No. - EDS3-127C

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS3-122I FUJI-EDS3-122I Datasheet
786Kb / 16P
   INFRARED GAS ANALYZER
EDS3-123M FUJI-EDS3-123M Datasheet
1Mb / 20P
   NDIR TYPE INFRARED GAS ANALYZER(5-COMPONENT ANALYZER)
EDS3-124C FUJI-EDS3-124C Datasheet
679Kb / 12P
   IN-SITU ZIRCONIA OXYGEN ANALYZER
EDS3-125B FUJI-EDS3-125B Datasheet
81Kb / 4P
   PARAMAGNETIC OXYGEN ANALYZER
EDS3-126A FUJI-EDS3-126A Datasheet
118Kb / 4P
   NDIR TYPE INFRARED GAS ANALYZER
More results

Similar Description - EDS3-127C

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS3-61H FUJI-EDS3-61H Datasheet
74Kb / 4P
   THERMAL CONDUCTIVITY GAS ANALYZER THERMOMAT
EDS3-122I FUJI-EDS3-122I Datasheet
786Kb / 16P
   INFRARED GAS ANALYZER
EDS3-117 FUJI-EDS3-117 Datasheet
120Kb / 2P
   PORTABLE GAS ANALYZER
EDS3-100B FUJI-EDS3-100B Datasheet
589Kb / 9P
   INFRARED GAS ANALYZER
EDS3-133F FUJI-EDS3-133F Datasheet
1,005Kb / 16P
   INFRARED GAS ANALYZER
EDS3-143 FUJI-EDS3-143 Datasheet
1Mb / 16P
   INFRARED GAS ANALYZER
EDS3-103 FUJI-EDS3-103 Datasheet
225Kb / 4P
   INFRARED GAS ANALYZER
EDS3-136 FUJI-EDS3-136 Datasheet
258Kb / 16P
   INFRARED GAS ANALYZER FOR STIC GAS
EDS3-138B FUJI-EDS3-138B Datasheet
278Kb / 16P
   INFRARED GAS ANALYZER FOR STACK GAS
EDS3-109E FUJI-EDS3-109E Datasheet
449Kb / 8P
   INFRARED GAS ANALYZER FOR STACK GAS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com