Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62702-C718 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # Q62702-C718
Description  PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-C718 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  Q62702-C718 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-C718 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-C718 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-C718 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-C718 Datasheet HTML 5Page - Siemens Semiconductor Group Q62702-C718 Datasheet HTML 6Page - Siemens Semiconductor Group Q62702-C718 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Semiconductor Group
1
PNP Silicon AF Transistors
BCX 78
BCX 79
5.91
Type
Ordering Code
Marking
Package1)
Pin Configuration
BCX 78
BCX 78-VII
BCX 78-VIII
BCX 78-IX
BCX 78-X
BCX 79
BCX 79-VII
BCX 79-VIII
BCX 79-IX
BCX 79-X
Q62702-C717
Q62702-C626
Q62702-C627
Q62702-C628
Q62702-C629
Q62702-C718
Q62702-C630
Q62702-C631
Q62702-C632
Q62702-C633
TO-92
C
B
E
1
2
3
1)
For detailed information see chapter Package Outlines.
q
High current gain
q
Low collector-emitter saturation voltage
q
Low noise at 1 kHz
q
Low noise at low frequencies
q
Complementary types: BCX 58, BCX 59 (NPN)
1
2
3


Similar Part No. - Q62702-C718

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-C732 SIEMENS-Q62702-C732 Datasheet
117Kb / 4P
   NPN SILICON AF TRANSISTORS
Q62702-C733 SIEMENS-Q62702-C733 Datasheet
113Kb / 4P
   PNP SILICON AF TRANSISTORS
Q62702-C750 SIEMENS-Q62702-C750 Datasheet
117Kb / 4P
   NPN SILICON AF TRANSISTORS
More results

Similar Description - Q62702-C718

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC327 SIEMENS-BC327 Datasheet
143Kb / 6P
   PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BC369 SIEMENS-BC369 Datasheet
126Kb / 4P
   PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)
BC337 SIEMENS-BC337 Datasheet
150Kb / 6P
   NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BCX58BCX59 SIEMENS-BCX58BCX59 Datasheet
144Kb / 6P
   NPN Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BSS80 SIEMENS-BSS80 Datasheet
179Kb / 6P
   PNP Silicon Switching Transistors (High DC current gain Low collector-emitter saturation voltage)
BC856W-BC860W SIEMENS-BC856W-BC860W Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856-BC860 SIEMENS-BC856-BC860 Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BSP60BSP62 SIEMENS-BSP60BSP62 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
SMBTA56 INFINEON-SMBTA56_07 Datasheet
77Kb / 7P
   PNP Silicon AF Transistor Low collector-emitter saturation voltage
2007-04-19
logo
Siemens Semiconductor G...
BC875 SIEMENS-BC875 Datasheet
173Kb / 4P
   NPN Silicon Darlington Transistors (High current gain Low collector-emitter saturation voltage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com