Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDDFN10-0506N Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CDDFN10-0506N
Description  USB 3.0 - ESD & Overcurrent Protection
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CDDFN10-0506N Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CDDFN10-0506N Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
USB
USB 3.0 - ESD & Overcurrent Protection
VBUS
D+
1
2
3
4
5
6
7
8
9
10
Via hole to VDD
pin (pin2) of
CDDFN10-0506N
VDD
NC
NC
GND
D-
SSTX+
SSTX-
SSRX+
SSRX-
VDD
D+
D-
SSTX+
SSTX-
SSRX+
SSRX-
GND
GND
MF-NSMF200-2
CDDFN10-0506N
Host
Controller
USB
USB
Interface
The schematic above illustrates the application protection and does not constitute the complete
circuit design. Customers should verify actual device performance in their specific applications.
MF-NSMF200-2
CDDFN10-0506N
COPYRIGHT© 2011 • BOURNS, INC. • 8/11 • e/CPK1139 • “PortNote”is a registered service mark of Bourns, Inc.
“Bourns”,“Multifuse”and“ChipGuard”are registered trademarks of Bourns, Inc. in the U.S. and other countries.
Solution Products
Asia-Pacific: Tel +886-2 256 241 17
Fax +886-2 256 241 16
Bourns® PortNote® solutions provide protection
recommendations for typical port threats.
For more information, go to:
www.bourns.com
or email: protection@bourns.com
Americas: Tel +1-951 781-5500
Fax +1-951 781-5700
Europe: Tel +41-(0)41 768 55 55
Fax +41-(0)41 768 55 10
Compliance
USB 3.0
UL60950
IEC 61000-4-2 Level 4 (8 kV / 15 kV)
Alternate Recommendations
Other PortNote® Solutions:
• USB: USB 2.0 - ESD & Overcurrent Protection
Benefit
This solution provides USB 3.0 ports with
protection against ESD and short circuits without
impairing the transmission of power or data.
Objective
Universal Serial Bus (USB) 3.0 ports provide
up to 5 Gbps data transfer rates and 5 V
power at up to 900 mA. As a hot-pluggable
interface, it typically requires protection
against ESD and short circuits. This solution
provides this protection.
Solution
1 Multifuse® PPTC Resettable Fuse:
MF-NSMF200-2
1 TVS Diode Array: CDDFN10-0506N
PN-DESIGNKIT-32
Design Kit


Similar Part No. - CDDFN10-0506N

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDDFN10-0506N BOURNS-CDDFN10-0506N Datasheet
395Kb / 5P
   TVS/Steering Diode Array
CDDFN10-0506N BOURNS-CDDFN10-0506N_12 Datasheet
395Kb / 5P
   TVS/Steering Diode Array
CDDFN10-0506N BOURNS-CDDFN10-0506N_15 Datasheet
389Kb / 5P
   TVS/Steering Diode Array
More results

Similar Description - CDDFN10-0506N

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-NSMF075-2 BOURNS-MF-NSMF075-2_11 Datasheet
854Kb / 1P
   USB 2.0 - ESD & Overcurrent Protection
logo
List of Unclassifed Man...
CDDFN10-0524P ETC2-CDDFN10-0524P_12 Datasheet
221Kb / 1P
   ESD & Overcurrent Protection
logo
Bourns Electronic Solut...
CG0402MLU-05G BOURNS-CG0402MLU-05G Datasheet
782Kb / 1P
   HDMI 1.4 - ESD & Overcurrent Protection
CDDFN10-0524P BOURNS-CDDFN10-0524P Datasheet
739Kb / 1P
   HDMI 1.3 - ESD & Overcurrent Protection
logo
List of Unclassifed Man...
CG0402MLU-05G ETC2-CG0402MLU-05G_12 Datasheet
212Kb / 1P
   HDMI 1.4 - ESD & Overcurrent Protection
logo
NXP Semiconductors
IP4294CZ10 NXP-IP4294CZ10 Datasheet
609Kb / 2P
   ESD protection for USB 3.0 (SuperSpeed USB) and eSATA data lines
August 2012
logo
TECH PUBLIC Electronics...
TPD2EUSB30DRTR-TP TECHPUBLIC-TPD2EUSB30DRTR-TP Datasheet
2Mb / 4P
   2-Channel ESD Protection for Super-Speed USB 3.0 Interface
logo
First Silicon Co., Ltd
FPD2EUSB30ADRTR FS-FPD2EUSB30ADRTR Datasheet
333Kb / 4P
   2-Channel ESD Protection for Super-Speed USB 3.0 Interface
2022. 06. 24 Revision No : 0
logo
Littelfuse
SP3011 LITTELFUSE-SP3011 Datasheet
265Kb / 6P
   Ultra-Low Capacitance Diode Array for USB 3.0 ESD Protection
logo
First Silicon Co., Ltd
FPD2EUSB30DRTR FS-FPD2EUSB30DRTR Datasheet
434Kb / 4P
   2-Channel ESD Protection for Super-Speed USB 3.0 Interface
2022. 06. 24 Revision No : 0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com