Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA164PA Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATMEGA164PA
Description  8-bit Atmel Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA164PA Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATMEGA164PA Datasheet HTML 5Page - ATMEL Corporation ATMEGA164PA Datasheet HTML 6Page - ATMEL Corporation ATMEGA164PA Datasheet HTML 7Page - ATMEL Corporation ATMEGA164PA Datasheet HTML 8Page - ATMEL Corporation ATMEGA164PA Datasheet HTML 9Page - ATMEL Corporation ATMEGA164PA Datasheet HTML 10Page - ATMEL Corporation ATMEGA164PA Datasheet HTML 11Page - ATMEL Corporation ATMEGA164PA Datasheet HTML 12Page - ATMEL Corporation ATMEGA164PA Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
9
8272CS–AVR–06/11
ATmega164A/PA/324A/PA/644A/PA/1284/P
3.
Resources
A comprehensive set of development tools, application notes and datasheetsare available for
download on http://www.atmel.com/avr.
4.
About Code Examples
This documentation contains simple code examples that briefly show how to use various parts of
the device. Be aware that not all C compiler vendors include bit definitions in the header files
and interrupt handling in C is compiler dependent. Please confirm with the C compiler documen-
tation for more details.
The code examples assume that the part specific header file is included before compilation. For
I/O registers located in extended I/O map, "IN", "OUT", "SBIS", "SBIC", "CBI", and "SBI" instruc-
tions must be replaced with instructions that allow access to extended I/O. Typically "LDS" and
"STS" combined with "SBRS", "SBRC", "SBR", and "CBR".
Note:
1.
5.
Data Retention
Reliability Qualification results show that the projected data retention failure rate is much less
than 1 PPM over 20 years at 85°C or 100 years at 25°C.
6.
Capacitive touch sensing
The Atmel
® QTouch® Library provides a simple to use solution to realize touch sensitive inter-
faces on most Atmel AVR
® microcontrollers. The QTouch Library includes support for the
QTouch and QMatrix® acquisition methods.
Touch sensing can be added to any application by linking the appropriate Atmel QTouch Library
for the AVR Microcontroller. This is done by using a simple set of APIs to define the touch chan-
nels and sensors, and then calling the touch sensing API’s to retrieve the channel information
and determine the touch sensor states.
The QTouch Library is FREE and downloadable from the Atmel website at the following location:
www.atmel.com/qtouchlibrary. For implementation details and other information, refer to the
Atmel QTouch Library User Guide - also available for download from the Atmel website.


Similar Part No. - ATMEGA164PA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATmega164PA ATMEL-ATmega164PA Datasheet
14Mb / 468P
   8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
8152G-AVR-11/09
ATMEGA164PA ATMEL-ATMEGA164PA Datasheet
627Kb / 32P
   8-bit Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
ATmega164PA-AU ATMEL-ATmega164PA-AU Datasheet
14Mb / 468P
   8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
8152G-AVR-11/09
ATMEGA164PA-AU ATMEL-ATMEGA164PA-AU Datasheet
627Kb / 32P
   8-bit Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
ATMEGA164PA-AUR ATMEL-ATMEGA164PA-AUR Datasheet
627Kb / 32P
   8-bit Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA164PA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA164A ATMEL-ATMEGA164A Datasheet
627Kb / 32P
   8-bit Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
ATMEGA164PA ATMEL-ATMEGA164PA_09 Datasheet
635Kb / 30P
   8-bit Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
Rev. 8152GS-AVR-11/09
ATMEGA1284 ATMEL-ATMEGA1284_14 Datasheet
820Kb / 34P
   8-bit Atmel Microcontroller with 16/32/64/128K Bytes
ATMEGA644PA ATMEL-ATMEGA644PA_14 Datasheet
820Kb / 34P
   8-bit Atmel Microcontroller with 16/32/64/128K Bytes
ATMEGA164PA ATMEL-ATMEGA164PA_14 Datasheet
820Kb / 34P
   8-bit Atmel Microcontroller with 16/32/64/128K Bytes
ATMEGA324PA ATMEL-ATMEGA324PA_14 Datasheet
820Kb / 34P
   8-bit Atmel Microcontroller with 16/32/64/128K Bytes
ATMEGA644A ATMEL-ATMEGA644A_14 Datasheet
820Kb / 34P
   8-bit Atmel Microcontroller with 16/32/64/128K Bytes
ATMEGA164A ATMEL-ATMEGA164A_14 Datasheet
820Kb / 34P
   8-bit Atmel Microcontroller with 16/32/64/128K Bytes
ATMEGA324A ATMEL-ATMEGA324A_14 Datasheet
820Kb / 34P
   8-bit Atmel Microcontroller with 16/32/64/128K Bytes
ATMEGA164PA ATMEL-ATMEGA164PA_1 Datasheet
14Mb / 468P
   8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
8152G-AVR-11/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com