Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAM9M10 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # SAM9M10
Description  400MHz ARM926-based Embedded MPU with Hardware Video Decoder for Industrial Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM9M10 Datasheet(HTML) 2 Page - ATMEL Corporation

  SAM9M10 Datasheet HTML 1Page - ATMEL Corporation SAM9M10 Datasheet HTML 2Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EvaluationKitandEcosystem
Fully-featuredevaluationboarddeliveredwithfreeboard
supportpackages
AndroidBSPwithvideosupportviaOpenCORE
Linux®distributionwithvideosupportviaGStreamer
Microsoft®Windows®EmbeddedCEBSPwithvideo
supportviaDirectshow
Worldwidesupportecosystemofindustry-leadingsuppliersof
developmenttools,operatingsystems,protocolstacksand
applications
OrderingInformation
Device Ordering Code AT91SAM9M10-CU
Status
Inproduction
Kit Ordering Code
AT91SAM9M10-G45-EK
Availability
Instock
Atmel Corporation
2325OrchardParkway
SanJose,CA95131
USA
Tel: (+1)(408)441-0311
Fax:(+1)(408)487-2600
www.atmel.com
©2011AtmelCorporation.Allrightsreserved./Rev.:11076B-ATARM-02/11
Atmel®,Atmellogoandcombinationsthereof,andothersareregisteredtrademarksandothersaretrademarksofAtmelCorporationoritssubsidiaries.ARM®,ARMPowered®logo
andothersaretheregisteredtrademarksortrademarksofARMLtd.Windows®isaregisteredtrademarksofMicrosoftCorporation.AndroidisatrademarkofGoogleInc.Other
termsandproductnamesmaybethetrademarksofothers.
Disclaimer:TheinformationinthisdocumentisprovidedinconnectionwithAtmelproducts.Nolicense,expressorimplied,byestoppelorotherwise,toanyintellectualpropertyrightisgrantedbythisdocumentorinconnectionwiththesaleofAtmel
products.EXCEPTASSETFORTHINTHEATMELTERMSANDCONDITIONSOFSALESLOCATEDONTHEATMELWEBSITE,ATMELASSUMESNOLIABILITYWHATSOEVERANDDISCLAIMSANYEXPRESS,IMPLIEDORSTATUTORYWARRANTY
RELATINGTOITSPRODUCTSINCLUDING,BUTNOTLIMITEDTO,THEIMPLIEDWARRANTYOFMERCHANTABILITY,FITNESSFORAPARTICULARPURPOSE,ORNON-INFRINGEMENT.INNOEVENTSHALLATMELBELIABLEFORANYDIRECT,
INDIRECT,CONSEQUENTIAL,PUNITIVE,SPECIALORINCIDENTALDAMAGES(INCLUDING,WITHOUTLIMITATION,DAMAGESFORLOSSANDPROFITS,BUSINESSINTERRUPTION,ORLOSSOFINFORMATION)ARISINGOUTOFTHEUSEOR
INABILITYTOUSETHISDOCUMENT,EVENIFATMELHASBEENADVISEDOFTHEPOSSIBILITYOFSUCHDAMAGES.Atmelmakesnorepresentationsorwarrantieswithrespecttotheaccuracyorcompletenessofthecontentsofthisdocumentand
reservestherighttomakechangestospecificationsandproductsdescriptionsatanytimewithoutnotice.Atmeldoesnotmakeanycommitmenttoupdatetheinformationcontainedherein.Unlessspecificallyprovidedotherwise,Atmelproductsarenot
suitablefor,andshallnotbeusedin,automotiveapplications.Atmelproductsarenotintended,authorized,orwarrantedforuseascomponentsinapplicationsintendedtosupportorsustainlife.
Atmel Asia Limited
Unit01-5&16,19F
BEATower,MillenniumCity5
418KwunTongRoad
KwunTong,Kowloon
HONGKONG
Tel: (+852)2245-6100
Fax:(+852)2722-1369
Atmel Munich GmbH
BusinessCampus
Parkring4
D-85748Garchingb.Munich
GERMANY
Tel: (+49)89-31970-0
Fax:(+49)89-3194621
Atmel Japan
9F,TonetsuShinkawaBldg.
1-24-8Shinkawa
Chuo-ku,Tokyo104-0033
JAPAN
Tel: (+81)(3)3523-3551
Fax:(+81)(3)3523-7581
Atmel SAM9M10
400MHzARM926-basedEmbeddedMPUwith
HardwareVideoDecoderforIndustrialApplications


Similar Part No. - SAM9M10

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM9M10 ATMEL-SAM9M10_14 Datasheet
5Mb / 1385P
   Atmel | SMART ARM-based Embedded MPU
More results

Similar Description - SAM9M10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPEAR320S STMICROELECTRONICS-SPEAR320S Datasheet
1Mb / 113P
   Embedded MPU with ARM926 core for industrial and consumer applications
SPEAR320 STMICROELECTRONICS-SPEAR320 Datasheet
909Kb / 73P
   Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
SPEAR320-2 STMICROELECTRONICS-SPEAR320-2 Datasheet
909Kb / 73P
   Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
logo
ATMEL Corporation
SAM9G35 ATMEL-SAM9G35_14 Datasheet
5Mb / 1293P
   ARM-based Embedded MPU
SAMA5D3 ATMEL-SAMA5D3_14 Datasheet
7Mb / 1840P
   ARM-based Embedded MPU
SAM9G45 ATMEL-SAM9G45 Datasheet
1Mb / 55P
   ARM-based Embedded MPU
SAM9G15 ATMEL-SAM9G15_14 Datasheet
5Mb / 1215P
   ARM-based Embedded MPU
SAM9G46 ATMEL-SAM9G46 Datasheet
1Mb / 58P
   AT91SAM ARM-based Embedded MPU
SAM9263 ATMEL-SAM9263_14 Datasheet
4Mb / 1024P
   AT91SAM ARM-based Embedded MPU
SAM9G45 ATMEL-SAM9G45_14 Datasheet
341Kb / 53P
   AT91SAM ARM-based Embedded MPU
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com