Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATXMEGA256D3_1012 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATXMEGA256D3_1012
Description  8/16-bit XMEGA D3 Microcontroller
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA256D3_1012 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATXMEGA256D3_1012 Datasheet HTML 1Page - ATMEL Corporation ATXMEGA256D3_1012 Datasheet HTML 2Page - ATMEL Corporation ATXMEGA256D3_1012 Datasheet HTML 3Page - ATMEL Corporation ATXMEGA256D3_1012 Datasheet HTML 4Page - ATMEL Corporation ATXMEGA256D3_1012 Datasheet HTML 5Page - ATMEL Corporation ATXMEGA256D3_1012 Datasheet HTML 6Page - ATMEL Corporation ATXMEGA256D3_1012 Datasheet HTML 7Page - ATMEL Corporation ATXMEGA256D3_1012 Datasheet HTML 8Page - ATMEL Corporation ATXMEGA256D3_1012 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 109 page
background image
4
8134I–AVR–12/10
XMEGA D3
3.
Overview
The Atmel
® AVR® XMEGA D3 is a family of low power, high performance and peripheral rich
CMOS 8/16-bit microcontrollers based on the AVR® enhanced RISC architecture. By execug
powerful instructions in a single clock cycle, the XMEGA D3 achieves throughputs approaching
1 Million Instructions Per Second (MIPS) per MHz allowing the system designer to optimize
power consumption versus processing speed.
The AVR CPU combines a rich instruction set with 32 general purpose working registers. All the
32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent
registers to be accessed in one single instruction, executed in one clock cycle. The resulting
architecture is more code efficient while achieving throughputs many times faster than conven-
tional single-accumulator or CISC based microcontrollers.
The XMEGA D3 devices provide the following features: In-System Programmable Flash with
Read-While-Write capabilities, Internal EEPROM and SRAM, four-channel Event System, Pro-
grammable Multi-level Interrupt Controller, 50 general purpose I/O lines, 16-bit Real Time
Counter (RTC), five flexible 16-bit Timer/Counters with compare modes and PWM, three
USARTs, two Two-Wire Interface (TWIs), two Serial Peripheral Interfaces (SPIs), one 16-chan-
nel 12-bit ADC with optional differential input with programmable gain, two analog comparators
with window mode, programmable Watchdog Timer with separate Internal Oscillator, accurate
internal oscillators with PLL and prescaler and programmable Brown-Out Detection.
The Program and Debug Interface (PDI), a fast 2-pin interface for programming and debugging,
is available.
The XMEGA D3 devices have five software selectable power saving modes. The Idle mode
stops the CPU while allowing the SRAM, Event System, Interrupt Controller and all peripherals
to continue functioning. The Power-down mode saves the SRAM and register contents but stops
the oscillators, disabling all other functions until the next TWI or pin-change interrupt, or Reset.
In Power-save mode, the asynchronous Real Time Counter continues to run, allowing the appli-
cation to maintain a timer base while the rest of the device is sleeping. In Standby mode, the
Crystal/Resonator Oscillator is kept running while the rest of the device is sleeping. This allows
very fast start-up from external crystal combined with low power consumption. In Extended
Standby mode, both the main Oscillator and the Asynchronous Timer continue to run. To further
reduce power consumption, the peripheral clock for each individual peripheral can optionally be
stopped in Active mode and Idle sleep mode.
The device is manufactured using Atmel's high-density nonvolatile memory technology. The pro-
gram Flash memory can be reprogrammed in-system through the PDI. A Bootloader running in
the device can use any interface to download the application program to the Flash memory. The
Bootloader software in the Boot Flash section will continue to run while the Application Flash
section is updated, providing true Read-While-Write operation. By combining an 8/16-bit RISC
CPU with In-System Self-Programmable Flash, the Atmel XMEGA D3 is a powerful microcon-
troller family that provides a highly flexible and cost effective solution for many embedded
applications.
The XMEGA D3 devices are supported with a full suite of program and system development
tools including: C compilers, macro assemblers, program debugger/simulators, programmers,
and evaluation kits.


Similar Part No. - ATXMEGA256D3_1012

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA256D3-AU ATMEL-ATXMEGA256D3-AU Datasheet
3Mb / 98P
   8/16-bit AVR XMEGA D3 Microcontroller
ATXMEGA256D3-MH ATMEL-ATXMEGA256D3-MH Datasheet
3Mb / 98P
   8/16-bit AVR XMEGA D3 Microcontroller
More results

Similar Description - ATXMEGA256D3_1012

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA256D3 ATMEL-ATXMEGA256D3 Datasheet
3Mb / 98P
   8/16-bit AVR XMEGA D3 Microcontroller
ATXMEGA64D3 ATMEL-ATXMEGA64D3_14 Datasheet
3Mb / 86P
   8/16-bit Atmel AVR XMEGA D3 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_10 Datasheet
3Mb / 105P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3 ATMEL-ATXMEGA256A3_09 Datasheet
3Mb / 108P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3_1012 ATMEL-ATXMEGA256A3_1012 Datasheet
3Mb / 134P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA128A4_1012 ATMEL-ATXMEGA128A4_1012 Datasheet
3Mb / 108P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B Datasheet
888Kb / 75P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_09 Datasheet
3Mb / 102P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA128A1 ATMEL-ATXMEGA128A1_14 Datasheet
2Mb / 122P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA128A4 ATMEL-ATXMEGA128A4 Datasheet
806Kb / 69P
   8/16-bit XMEGA A4 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com