Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATATMEGA3250PA Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATATMEGA3250PA
Description  8-bit Atmel Microcontroller with 16/32/64K Bytes In-System Programmable Programmable
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATATMEGA3250PA Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATATMEGA3250PA Datasheet HTML 7Page - ATMEL Corporation ATATMEGA3250PA Datasheet HTML 8Page - ATMEL Corporation ATATMEGA3250PA Datasheet HTML 9Page - ATMEL Corporation ATATMEGA3250PA Datasheet HTML 10Page - ATMEL Corporation ATATMEGA3250PA Datasheet HTML 11Page - ATMEL Corporation ATATMEGA3250PA Datasheet HTML 12Page - ATMEL Corporation ATATMEGA3250PA Datasheet HTML 13Page - ATMEL Corporation ATATMEGA3250PA Datasheet HTML 14Page - ATMEL Corporation ATATMEGA3250PA Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
11
8285DS–AVR–06/11
ATmega165A/PA/325A/PA/3250A/PA/645A/P/6450A/P
(0xC4)
UBRR0L
USART0 Baud Rate Register Low
197
(0xC3)
Reserved
-
-
-
-
-
-
-
-
(0xC2)
UCSR0C
-
UMSEL0
UPM01
UPM00
USBS0
UCSZ01
UCSZ00
UCPOL0
195
(0xC1)
UCSR0B
RXCIE0
TXCIE0
UDRIE0
RXEN0
TXEN0
UCSZ02
RXB80
TXB80
194
(0xC0)
UCSR0A
RXC0
TXC0
UDRE0
FE0
DOR0
UPE0
U2X0
MPCM0
193
(0xBF)
Reserved
-
-
-
-
-
-
-
-
(0xBE)
Reserved
-
-
-
-
-
-
-
-
(0xBD)
Reserved
-
-
-
-
-
-
-
-
(0xBC)
Reserved
-
-
-
-
-
-
-
-
(0xBB)
Reserved
-
-
-
-
-
-
-
-
(0xBA)
USIDR
USI Data Register
206
(0xB9)
USISR
USISIF
USIOIF
USIPF
USIDC
USICNT3
USICNT2
USICNT1
USICNT0
206
(0xB8)
USICR
USISIE
USIOIE
USIWM1
USIWM0
USICS1
USICS0
USICLK
USITC
207
(0xB7)
Reserved
-
-
-
-
-
-
-
-
(0xB6)
ASSR
-
-
-
EXCLK
AS2
TCN2UB
OCR2UB
TCR2UB
157
(0xB5)
Reserved
-
-
-
-
-
-
-
-
(0xB4)
Reserved
-
-
-
-
-
-
-
-
(0xB3)
OCR2A
Timer/Counter 2 Output Compare Register A
156
(0xB2)
TCNT2
Timer/Counter2
156
(0xB1)
Reserved
-
-
-
-
-
-
-
-
(0xB0)
TCCR2A
FOC2A
WGM20
COM2A1
COM2A0
WGM21
CS22
CS21
CS20
154
(0xAF)
Reserved
-
-
-
-
-
-
-
-
(0xAE)
Reserved
-
-
-
-
-
-
-
-
(0xAD)
Reserved
-
-
-
-
-
-
-
-
(0xAC)
Reserved
-
-
-
-
-
-
-
-
(0xAB)
Reserved
-
-
-
-
-
-
-
-
(0xAA)
Reserved
-
-
-
-
-
-
-
-
(0xA9)
Reserved
-
-
-
-
-
-
-
-
(0xA8)
Reserved
-
-
-
-
-
-
-
-
(0xA7)
Reserved
-
-
-
-
-
-
-
-
(0xA6)
Reserved
-
-
-
-
-
-
-
-
(0xA5)
Reserved
-
-
-
-
-
-
-
-
(0xA4)
Reserved
-
-
-
-
-
-
-
-
(0xA3)
Reserved
-
-
-
-
-
-
-
-
(0xA2)
Reserved
-
-
-
-
-
-
-
-
(0xA1)
Reserved
-
-
-
-
-
-
-
-
(0xA0)
Reserved
-
-
-
-
-
-
-
-
(0x9F)
Reserved
-
-
-
-
-
-
-
-
(0x9E)
Reserved
-
-
-
-
-
-
-
-
(0x9D)
Reserved
-
-
-
-
-
-
-
-
(0x9C)
Reserved
-
-
-
-
-
-
-
-
(0x9B)
Reserved
-
-
-
-
-
-
-
-
(0x9A)
Reserved
-
-
-
-
-
-
-
-
(0x99)
Reserved
-
-
-
-
-
-
-
-
(0x98)
Reserved
-
-
-
-
-
-
-
-
(0x97)
Reserved
-
-
-
-
-
-
-
-
(0x96)
Reserved
-
-
-
-
-
-
-
-
(0x95)
Reserved
-
-
-
-
-
-
-
-
(0x94)
Reserved
-
-
-
-
-
-
-
-
(0x93)
Reserved
-
-
-
-
-
-
-
-
(0x92)
Reserved
-
-
-
-
-
-
-
-
(0x91)
Reserved
-
-
-
-
-
-
-
-
(0x90)
Reserved
-
-
-
-
-
-
-
-
(0x8F)
Reserved
-
-
-
-
-
-
-
-
(0x8E)
Reserved
-
-
-
-
-
-
-
-
(0x8D)
Reserved
-
-
-
-
-
-
-
-
(0x8C)
Reserved
-
-
-
-
-
-
-
-
(0x8B)
OCR1BH
Timer/Counter1 Output Compare Register B High
134
(0x8A)
OCR1BL
Timer/Counter1 Output Compare Register B Low
134
(0x89)
OCR1AH
Timer/Counter1 Output Compare Register A High
134
(0x88)
OCR1AL
Timer/Counter1 Output Compare Register A Low
134
(0x87)
ICR1H
Timer/Counter1 Input Capture Register High
135
(0x86)
ICR1L
Timer/Counter1 Input Capture Register Low
135
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page


Similar Part No. - ATATMEGA3250PA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATATMEGA168P ATMEL-ATATMEGA168P Datasheet
401Kb / 27P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATATMEGA168V ATMEL-ATATMEGA168V Datasheet
401Kb / 27P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATATMEGA88P ATMEL-ATATMEGA88P Datasheet
401Kb / 27P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATATMEGA88V ATMEL-ATATMEGA88V Datasheet
401Kb / 27P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
More results

Similar Description - ATATMEGA3250PA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16M1 ATMEL-ATMEGA16M1_10 Datasheet
792Kb / 22P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_08 Datasheet
515Kb / 26P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_07 Datasheet
331Kb / 23P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_1 Datasheet
6Mb / 377P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164P_0702 ATMEL-ATMEGA164P_0702 Datasheet
3Mb / 408P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164 ATMEL-ATMEGA164 Datasheet
296Kb / 23P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA16M1 ATMEL-ATMEGA16M1_09 Datasheet
667Kb / 22P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA165A ATMEL-ATMEGA165A Datasheet
719Kb / 33P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_09 Datasheet
543Kb / 28P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA640V ATMEL-ATMEGA640V_11 Datasheet
1Mb / 40P
   8-bit Atmel Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549NS-AVR-05/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com