Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA328 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATMEGA328
Description  8-bit Atmel Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA328 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATMEGA328 Datasheet HTML 6Page - ATMEL Corporation ATMEGA328 Datasheet HTML 7Page - ATMEL Corporation ATMEGA328 Datasheet HTML 8Page - ATMEL Corporation ATMEGA328 Datasheet HTML 9Page - ATMEL Corporation ATMEGA328 Datasheet HTML 10Page - ATMEL Corporation ATMEGA328 Datasheet HTML 11Page - ATMEL Corporation ATMEGA328 Datasheet HTML 12Page - ATMEL Corporation ATMEGA328 Datasheet HTML 13Page - ATMEL Corporation ATMEGA328 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
10
8271DS–AVR–05/11
ATmega48A/PA/88A/PA/168A/PA/328/P
(0xBF)
Reserved
(0xBE)
Reserved
(0xBD)
TWAMR
TWAM6
TWAM5
TWAM4
TWAM3
TWAM2
TWAM1
TWAM0
–246
(0xBC)
TWCR
TWINT
TWEA
TWSTA
TWSTO
TWWC
TWEN
–TWIE
243
(0xBB)
TWDR
2-wire Serial Interface Data Register
245
(0xBA)
TWAR
TWA6
TWA5
TWA4
TWA3
TWA2
TWA1
TWA0
TWGCE
246
(0xB9)
TWSR
TWS7
TWS6
TWS5
TWS4
TWS3
–TWPS1
TWPS0
245
(0xB8)
TWBR
2-wire Serial Interface Bit Rate Register
243
(0xB7)
Reserved
(0xB6)
ASSR
EXCLK
AS2
TCN2UB
OCR2AUB
OCR2BUB
TCR2AUB
TCR2BUB
166
(0xB5)
Reserved
(0xB4)
OCR2B
Timer/Counter2 Output Compare Register B
164
(0xB3)
OCR2A
Timer/Counter2 Output Compare Register A
164
(0xB2)
TCNT2
Timer/Counter2 (8-bit)
164
(0xB1)
TCCR2B
FOC2A
FOC2B
WGM22
CS22
CS21
CS20
163
(0xB0)
TCCR2A
COM2A1
COM2A0
COM2B1
COM2B0
–WGM21
WGM20
160
(0xAF)
Reserved
(0xAE)
Reserved
(0xAD)
Reserved
(0xAC)
Reserved
(0xAB)
Reserved
(0xAA)
Reserved
(0xA9)
Reserved
(0xA8)
Reserved
(0xA7)
Reserved
(0xA6)
Reserved
(0xA5)
Reserved
(0xA4)
Reserved
(0xA3)
Reserved
(0xA2)
Reserved
(0xA1)
Reserved
(0xA0)
Reserved
(0x9F)
Reserved
(0x9E)
Reserved
(0x9D)
Reserved
(0x9C)
Reserved
(0x9B)
Reserved
(0x9A)
Reserved
(0x99)
Reserved
(0x98)
Reserved
(0x97)
Reserved
(0x96)
Reserved
(0x95)
Reserved
(0x94)
Reserved
(0x93)
Reserved
(0x92)
Reserved
(0x91)
Reserved
(0x90)
Reserved
(0x8F)
Reserved
(0x8E)
Reserved
(0x8D)
Reserved
(0x8C)
Reserved
(0x8B)
OCR1BH
Timer/Counter1 - Output Compare Register B High Byte
140
(0x8A)
OCR1BL
Timer/Counter1 - Output Compare Register B Low Byte
140
(0x89)
OCR1AH
Timer/Counter1 - Output Compare Register A High Byte
140
(0x88)
OCR1AL
Timer/Counter1 - Output Compare Register A Low Byte
140
(0x87)
ICR1H
Timer/Counter1 - Input Capture Register High Byte
140
(0x86)
ICR1L
Timer/Counter1 - Input Capture Register Low Byte
140
(0x85)
TCNT1H
Timer/Counter1 - Counter Register High Byte
140
(0x84)
TCNT1L
Timer/Counter1 - Counter Register Low Byte
140
(0x83)
Reserved
(0x82)
TCCR1C
FOC1A
FOC1B
–139
(0x81)
TCCR1B
ICNC1
ICES1
WGM13
WGM12
CS12
CS11
CS10
138
(0x80)
TCCR1A
COM1A1
COM1A0
COM1B1
COM1B0
–WGM11
WGM10
136
(0x7F)
DIDR1
–AIN1D
AIN0D
251
(0x7E)
DIDR0
ADC5D
ADC4D
ADC3D
ADC2D
ADC1D
ADC0D
268
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page


Similar Part No. - ATMEGA328

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA328 ATMEL-ATMEGA328 Datasheet
499Kb / 32P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA328 ATMEL-ATMEGA328 Datasheet
592Kb / 33P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATmega328 ATMEL-ATmega328 Datasheet
93Kb / 19P
   AVR UC3 A0/A1 (revision H and later)
logo
Microchip Technology
ATMEGA328 MICROCHIP-ATMEGA328 Datasheet
33Mb / 662P
   High Performance, Low Power AVR® 8-Bit Microcontroller Family
2018
logo
ATMEL Corporation
ATMEGA328 ATMEL-ATMEGA328 Datasheet
406Kb / 24P
   8-bit AVR Microcontrollers
06/2016
More results

Similar Description - ATMEGA328

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48A ATMEL-ATMEGA48A_10 Datasheet
592Kb / 33P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48P ATMEL-ATMEGA48P Datasheet
445Kb / 25P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48A ATMEL-ATMEGA48A Datasheet
499Kb / 32P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48P ATMEL-ATMEGA48P_08 Datasheet
420Kb / 26P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48PA ATMEL-ATMEGA48PA_1 Datasheet
12Mb / 448P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA88PV-10PU ATMEL-ATMEGA88PV-10PU Datasheet
6Mb / 420P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA48PV ATMEL-ATMEGA48PV_11 Datasheet
401Kb / 27P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA328P-20AU ATMEL-ATMEGA328P-20AU Datasheet
6Mb / 420P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA88PV-10AU ATMEL-ATMEGA88PV-10AU Datasheet
6Mb / 420P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_11 Datasheet
8Mb / 377P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com