Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT32UC3B1256 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT32UC3B1256
Description  32-bit AVR짰 Microcontroller
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3B1256 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT32UC3B1256 Datasheet HTML 6Page - ATMEL Corporation AT32UC3B1256 Datasheet HTML 7Page - ATMEL Corporation AT32UC3B1256 Datasheet HTML 8Page - ATMEL Corporation AT32UC3B1256 Datasheet HTML 9Page - ATMEL Corporation AT32UC3B1256 Datasheet HTML 10Page - ATMEL Corporation AT32UC3B1256 Datasheet HTML 11Page - ATMEL Corporation AT32UC3B1256 Datasheet HTML 12Page - ATMEL Corporation AT32UC3B1256 Datasheet HTML 13Page - ATMEL Corporation AT32UC3B1256 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 105 page
background image
10
32059K–03/2011
AT32UC3B
4.3
High Drive Current GPIO
Ones of GPIOs can be used to drive twice current than other GPIO capability (see Electrical
Characteristics section).
5.
Signals Description
The following table gives details on the signal name classified by peripheral.
Table 4-4.
Oscillator pinout
QFP48 pin
QFP64 pin
Pad
Oscillator pin
30
39
PA18
XIN0
41
PA28
XIN1
22
30
PA11
XIN32
31
40
PA19
XOUT0
42
PA29
XOUT1
23
31
PA12
XOUT32
Table 4-5.
High Drive Current GPIO
GPIO Name
PA20
PA21
PA22
PA23
Table 5-1.
Signal Description List
Signal Name
Function
Type
Active
Level
Comments
Power
VDDPLL
PLL Power Supply
Power
Input
1.65V to 1.95 V
VDDCORE
Core Power Supply
Power
Input
1.65V to 1.95 V
VDDIO
I/O Power Supply
Power
Input
3.0V to 3.6V
VDDANA
Analog Power Supply
Power
Input
3.0V to 3.6V
VDDIN
Voltage Regulator Input Supply
Power
Input
3.0V to 3.6V


Similar Part No. - AT32UC3B1256

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3B1256 ATMEL-AT32UC3B1256 Datasheet
985Kb / 62P
   32-Bit Microcontroller
AT32UC3B1256 ATMEL-AT32UC3B1256 Datasheet
1Mb / 65P
   AVR32 32-Bit Microcontroller
AT32UC3B1256 ATMEL-AT32UC3B1256 Datasheet
1Mb / 91P
   32-bit AVR Microcontroller
AT32UC3B1256 ATMEL-AT32UC3B1256 Datasheet
10Mb / 676P
   32-bit AVR짰 Microcontroller
AT32UC3B1256-AUR ATMEL-AT32UC3B1256-AUR Datasheet
1Mb / 91P
   32-bit AVR Microcontroller
More results

Similar Description - AT32UC3B1256

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3L064 ATMEL-AT32UC3L064_2 Datasheet
10Mb / 830P
   32-bit AVR짰 Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512_1 Datasheet
10Mb / 676P
   32-bit AVR짰 Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_11 Datasheet
1Mb / 91P
   32-bit AVR짰 Microcontroller
QT1110 ATMEL-QT1110 Datasheet
5Mb / 20P
   Atmel짰 AVR짰 32-bit microcontrollers
ATTINY15 ATMEL-ATTINY15_01 Datasheet
1Mb / 79P
   8-BIT AVR짰 Microcontroller with 1K Byte Flash
ATMEGA261 ATMEL-ATMEGA261_10 Datasheet
4Mb / 226P
   High Performance, Low Power AVR짰 8-Bit Microcontroller
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com