Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS2-1G Datasheet(PDF) 3 Page - Fuji Electric

Part # EDS2-1G
Description  J,E,K Type THERMOCOUPLES FOR GENERAL USE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS2-1G Datasheet(HTML) 3 Page - Fuji Electric

  EDS2-1G Datasheet HTML 1Page - Fuji Electric EDS2-1G Datasheet HTML 2Page - Fuji Electric EDS2-1G Datasheet HTML 3Page - Fuji Electric EDS2-1G Datasheet HTML 4Page - Fuji Electric EDS2-1G Datasheet HTML 5Page - Fuji Electric EDS2-1G Datasheet HTML 6Page - Fuji Electric EDS2-1G Datasheet HTML 7Page - Fuji Electric EDS2-1G Datasheet HTML 8Page - Fuji Electric EDS2-1G Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image

Working conditions
Workingtemp,;ミ200to+700°C
Workingpressure;Atmosphericpressure
Whenbothmovableairtightscrewand
flange are used, working pressure can
beupto0.1MPa{1.02kgf/cm2}
Workingtemp,;ミ200to+500°C
Workingpressure;Atmosphericpressure
Whenbothmovableairtightscrewand
flange are used, working pressure can
beupto0.1MPa{1.02kgf/cm2}
Workingtemp,;0to450°C
Workingpressure;
Belowflange(JIS)nominalpressure
JIS10K-25•JIS20K-25
JIS30K-25•JIS63K-25
Material;304,316,
316Lstainlesssteel
Workingtemp,;0to600°C
Workingpressure;Atmosphericpressure
Whenbothmovableairtightscrewand
flange are used, working pressure can
beupto0.1MPa{1.02kgf/cm2}
Workingtemp,;0to450°C
Workingpressure;Atmosphericpressure
Whenbothmovableairtightscrewand
flange are used, working pressure can
beupto0.1MPa{1.02kgf/cm2}
1
2
7
8
FTA
S
W
T
A
1
2
7
8
FTA
S
W
T
1
2
7
8
FTA
S
W
T
F
J
1
2
7
8
FTA
S
W
T
1
2
3
4
1
2
7
8
FTA
S
W
T
1
2
3
6
7
8
FTD
S
W
T
1
2
3
6
7
8
D
S
W
T
1
2
3
6
7
8
Q
S
W
T
1
2
3
6
7
8
M
1
2
3
4
S
W
T
1
2
FTD
FTD
FTD
1
2
3
6
7
8
S
W
T
FTD
A
Q
M
Application
Usedforcorrosivegasorliquid,
andwhentheinsertionlengthis
desiredtobeadjustable
Usedforoxidizingatmosphere
(gas),andwhentheinsertion
lengthisdesiredtobeadjust-
able
Usedforcorrosivegasorliquid,
Jtypeisusedforcomparatively
hightemp.
Workingtemp,;0to+600°C
Workingpressure;
Belowflange(JIS)nominalpressure
JIS10K-25•JIS20K-25
Material;304,316,
316Lstainlesssteel
Workingtemp,;ミ200to+500°C
Workingpressure;
Belowflange(JIS)nominalpressure
JIS10K-25•JIS20K-25
JIS30K-25•JIS63K-25
Material;304,316,
316Lstainlesssteel
Workingtemp,;ミ200to+700ミC
Workingpressure;
Belowflange(JIS)nominalpressure
JIS10K-25•JIS20K-25
Material;304stainlesssteel
Usedforcorrosivegasorliquid,
andwhenairtightnessis
especiallyrequired
Usedforoxidizingatmosphere
(gas)
Usedforcorrosivegasorliquid,
andwhentheinsertionlengthis
desiredtobeadjustable
Usedforcorrosivegasorliquid,
Jtypeisusedforcomparatively
hightemp.
Usedforcorrosivegasorliquid,
andwhenairtightnessis
especiallyrequired
Usedforoxidizingatmosphere
(gas),andwhenairtightnessis
especiallyrequired
Mass{weight}
0.5to1.4kg
1to6kg
0.7to1.6kg
1.4to2.3kg
(JIS10K)
1.4to2.3kg
(JIS20K)
2to2.9kg
(JIS30K)
2.9to3.8kg
(JIS63K)
2to7kg
Usedforoxidizingatmosphere
(gas),andwhentheinsertion
lengthisdesiredtobeadjust-
able
0.5to1.4kg
1to6kg
0.7to1.6kg
2to7kg
1.4to2.3kg
(JIS10K)
1.4to2.3kg
(JIS20K)
2to2.9kg
(JIS30K)
2.9to3.8kg
(JIS63K)
Outlinediagrams
Fig.1
Fig.2
Fig.3
Fig.4
Fig.5
Fig.6
Fig.7
Fig.8
Fig.9
Fig.10
Fig.1
Fig.2
Fig.3
Fig.4
Fig.5
Fig.6
Fig.7
Fig.8
Fig.9
Fig.10
Workingtemperatureworkingpressure
Model
(
)
(
)
(
)
(
)
1
2
D
F
J
0 100
450
°C
0
4
5
FTA. FJ
100
500
°C
-200
0
4
5
FTD7. FJ


Similar Part No. - EDS2-1G

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS2-15F FUJI-EDS2-15F Datasheet
252Kb / 4P
   OPTICAL PLATINUM RESISTANCE BULB TEMPERATURE TRANSMITTER
EDS2-16D FUJI-EDS2-16D Datasheet
253Kb / 4P
   OPTICAL THERMOCOUPLE TEMPERATURE TRANSMITTER
EDS2-17 FUJI-EDS2-17 Datasheet
116Kb / 8P
   OPTICAL TEMPERATURE TRANSMITTER
More results

Similar Description - EDS2-1G

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
KT-LED-24-TC-24VDC PF-KT-LED-24-TC-24VDC Datasheet
655Kb / 2P
   LED temperature display for thermocouples J/K/N, with 24 VDC supply voltage
logo
Nais(Matsushita Electri...
AQW210EH NAIS-AQW210EH Datasheet
50Kb / 3P
   GU (General Use)-E Type 2-Channel (Form A) Type
logo
List of Unclassifed Man...
AQV210E ETC1-AQV210E Datasheet
148Kb / 3P
   GU (General Use)-E Type [1-Channel (Form A) Type]
logo
Extech Instruments Corp...
421502 EXTECH-421502 Datasheet
163Kb / 12P
   Dual Input Type J/K Digital Thermometer
logo
LANSDALE Semiconductor ...
ML688T LANSDALE-ML688T Datasheet
2Mb / 3P
   Dual J-K
logo
Nais(Matsushita Electri...
AQY410EH NAIS-AQY410EH Datasheet
49Kb / 3P
   GU (General Use)-E Type 1-Channel (Form B) 4-pin Type
logo
Panasonic Semiconductor
AQY282EH PANASONIC-AQY282EH Datasheet
738Kb / 5P
   GU (General Use)-E-Type [1,2-Channel (Form A) 5,6-Pin Type]
logo
Nais(Matsushita Electri...
AQY210EH NAIS-AQY210EH Datasheet
44Kb / 3P
   GU (General Use)-E Type 1-Channel (Form A) 4-pin Type
logo
PHOENIX CONTACT
2902055 PHOENIX-2902055 Datasheet
461Kb / 19P
   Temperature transducers for thermocouples
logo
Murata Manufacturing Co...
LQM18NN1R8K00D MURATA-LQM18NN1R8K00D Datasheet
111Kb / 4P
   Chip Coils for General Use Monolithic Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com