Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCX79-VII Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BCX79-VII
Description  PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCX79-VII Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BCX79-VII Datasheet HTML 1Page - Siemens Semiconductor Group BCX79-VII Datasheet HTML 2Page - Siemens Semiconductor Group BCX79-VII Datasheet HTML 3Page - Siemens Semiconductor Group BCX79-VII Datasheet HTML 4Page - Siemens Semiconductor Group BCX79-VII Datasheet HTML 5Page - Siemens Semiconductor Group BCX79-VII Datasheet HTML 6Page - Siemens Semiconductor Group BCX79-VII Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Semiconductor Group
3
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
V
Collector-emitter breakdown voltage
IC = 2 mA
BCX 78
BCX 79
V(BR)CE0
32
45
nA
nA
µA
µA
Collector cutoff current
VCB = 32 V
BCX 78
VCB = 45 V
BCX 79
VCB = 32 V, TA = 150 ˚C
BCX 78
VCB = 45 V, TA = 150 ˚C
BCX 79
ICB0
20
20
10
10
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
Collector-base breakdown voltage
IC = 10
µA
BCX 78
BCX 79
V(BR)CB0
32
45
Emitter-base breakdown voltage
IE = 1
µA
V(BR)EB0
5––
DC current gain
IC = 10
µA, VCE = 5 V
BCX 78 VII, BCX 79 VII
BCX 78 VIII, BCX 79 VIII
BCX 78 IX, BCX 79 IX
BCX 78 X,
BCX 79 X
IC = 2 mA, VCE = 5 V
BCX 78 VII, BCX 79 VII
BCX 78 VIII, BCX 79 VIII
BCX 78 IX, BCX 79 IX
BCX 78 X,
BCX 79 X
IC = 100 mA, VCE = 1 V1)
BCX 78 VII, BCX 79 VII
BCX 78 VIII, BCX 79 VIII
BCX 78 IX, BCX 79 IX
BCX 78 X,
BCX 79 X
hFE
20
30
40
100
120
180
250
380
40
45
60
60
140
200
270
340
170
250
350
500
220
310
460
630
nA
Emitter cutoff current
VEB = 4 V
IEB0
––20
µA
Collector cutoff current
VCB = 32 V, VBE = 0.2 V,TA = 100 ˚C
VCB = 45 V, VBE = 0.2 V,TA = 100 ˚C
ICE0
20
20
1)
Pulse test: t
300 µs, D 2%.
BCX 78
BCX 79


Similar Part No. - BCX79-VII

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BCX79-10 MOTOROLA-BCX79-10 Datasheet
113Kb / 3P
   AMPLIFIER TRANSISTORS PNP SILICON
BCX79-7 MOTOROLA-BCX79-7 Datasheet
113Kb / 3P
   AMPLIFIER TRANSISTORS PNP SILICON
BCX79-8 MOTOROLA-BCX79-8 Datasheet
113Kb / 3P
   AMPLIFIER TRANSISTORS PNP SILICON
BCX79-9 MOTOROLA-BCX79-9 Datasheet
113Kb / 3P
   AMPLIFIER TRANSISTORS PNP SILICON
More results

Similar Description - BCX79-VII

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC327 SIEMENS-BC327 Datasheet
143Kb / 6P
   PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BC369 SIEMENS-BC369 Datasheet
126Kb / 4P
   PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)
BC337 SIEMENS-BC337 Datasheet
150Kb / 6P
   NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BCX58BCX59 SIEMENS-BCX58BCX59 Datasheet
144Kb / 6P
   NPN Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BSS80 SIEMENS-BSS80 Datasheet
179Kb / 6P
   PNP Silicon Switching Transistors (High DC current gain Low collector-emitter saturation voltage)
BC856W-BC860W SIEMENS-BC856W-BC860W Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856-BC860 SIEMENS-BC856-BC860 Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BSP60BSP62 SIEMENS-BSP60BSP62 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
SMBTA56 INFINEON-SMBTA56_07 Datasheet
77Kb / 7P
   PNP Silicon AF Transistor Low collector-emitter saturation voltage
2007-04-19
logo
Siemens Semiconductor G...
BC875 SIEMENS-BC875 Datasheet
173Kb / 4P
   NPN Silicon Darlington Transistors (High current gain Low collector-emitter saturation voltage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com