Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LIS331HH Datasheet(PDF) 6 Page - STMicroelectronics

Part # LIS331HH
Description  MEMS digital output motion sensor ultra low-power high full-scale 3-axes ?쐍ano??accelerometer
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS331HH Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LIS331HH Datasheet HTML 2Page - STMicroelectronics LIS331HH Datasheet HTML 3Page - STMicroelectronics LIS331HH Datasheet HTML 4Page - STMicroelectronics LIS331HH Datasheet HTML 5Page - STMicroelectronics LIS331HH Datasheet HTML 6Page - STMicroelectronics LIS331HH Datasheet HTML 7Page - STMicroelectronics LIS331HH Datasheet HTML 8Page - STMicroelectronics LIS331HH Datasheet HTML 9Page - STMicroelectronics LIS331HH Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
List of figures
LIS331HH
6/37
Doc ID 16366 Rev 1
List of figures
Figure 1.
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 2.
Pin connection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 3.
SPI slave timing diagram (2). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 4.
I2C slave timing diagram (3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 5.
LIS331HH electrical connection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 6.
Read and write protocol . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 7.
SPI read protocol . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 8.
Multiple bytes SPI read protocol (2 bytes example) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 9.
SPI write protocol . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 10.
Multiple bytes SPI write protocol (2 bytes example) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 11.
SPI read protocol in 3-wires mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 12.
LGA16: Mechanical data and package dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35


Similar Part No. - LIS331HH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS331AL STMICROELECTRONICS-LIS331AL Datasheet
187Kb / 16P
   MEMS inertial sensor: 3-axis - 짹2g analog output ?쐍ano??accelerometer
LIS331ALTR STMICROELECTRONICS-LIS331ALTR Datasheet
187Kb / 16P
   MEMS inertial sensor: 3-axis - 짹2g analog output ?쐍ano??accelerometer
LIS331DL STMICROELECTRONICS-LIS331DL Datasheet
622Kb / 38P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐍ano??accelerometer
LIS331DL STMICROELECTRONICS-LIS331DL Datasheet
647Kb / 42P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output -nano-accelerometer
LIS331DLF STMICROELECTRONICS-LIS331DLF Datasheet
684Kb / 38P
   MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
More results

Similar Description - LIS331HH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS331DLF STMICROELECTRONICS-LIS331DLF Datasheet
684Kb / 38P
   MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
LIS331DLM STMICROELECTRONICS-LIS331DLM Datasheet
690Kb / 38P
   MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
LIS331DLH STMICROELECTRONICS-LIS331DLH Datasheet
691Kb / 38P
   MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
LIS302DLH STMICROELECTRONICS-LIS302DLH Datasheet
679Kb / 37P
   MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐏iccolo??accelerometer
LIS3DSHTR STMICROELECTRONICS-LIS3DSHTR Datasheet
1Mb / 53P
   MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
LIS331DL STMICROELECTRONICS-LIS331DL Datasheet
622Kb / 38P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐍ano??accelerometer
LIS33DE STMICROELECTRONICS-LIS33DE Datasheet
538Kb / 31P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐍ano??accelerometer
LIS3DH STMICROELECTRONICS-LIS3DH Datasheet
701Kb / 42P
   ultra low-power high performance 3-axes ?쐍ano??accelerometer
LIS2DU12 STMICROELECTRONICS-LIS2DU12 Datasheet
1Mb / 13P
   MEMS digital output motion sensor: advanced ultra-low-power 3-axis accelerometer
June 2021 Rev 1
AIS2DW12 STMICROELECTRONICS-AIS2DW12 Datasheet
1Mb / 60P
   MEMS digital output motion sensor: ultra-low-power 3-axis accelerometer for automotive applications
June 2019 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com