Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLD-DS41 Datasheet(PDF) 7 Page - Cree, Inc

Part # CLD-DS41
Description  Cree짰 XLamp짰 XT-E LEDs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLD-DS41 Datasheet(HTML) 7 Page - Cree, Inc

Back Button CLD-DS41 Datasheet HTML 3Page - Cree, Inc CLD-DS41 Datasheet HTML 4Page - Cree, Inc CLD-DS41 Datasheet HTML 5Page - Cree, Inc CLD-DS41 Datasheet HTML 6Page - Cree, Inc CLD-DS41 Datasheet HTML 7Page - Cree, Inc CLD-DS41 Datasheet HTML 8Page - Cree, Inc CLD-DS41 Datasheet HTML 9Page - Cree, Inc CLD-DS41 Datasheet HTML 10Page - Cree, Inc CLD-DS41 Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
xlamp xT-E lEDs
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
7
Copyright © 2011-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trade-
marks of Cree, Inc.
7
relative radiant fluX vs. current (t
J = 85 °c) - royal Blue
Relative Radiant Flux vs. Current (Tj = 85ºC)
0%
50%
100%
150%
200%
250%
300%
350%
0
200
400
600
800
1000
1200
1400
1600
Forward Current (mA)


Similar Part No. - CLD-DS41

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLD-DS41 CREE-CLD-DS41 Datasheet
901Kb / 11P
   Cree짰 XLamp짰 XT-E Royal Blue LEDs
More results

Similar Description - CLD-DS41

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLD-DS41 CREE-CLD-DS41 Datasheet
901Kb / 11P
   Cree짰 XLamp짰 XT-E Royal Blue LEDs
ML-E CREE-ML-E Datasheet
993Kb / 10P
   Cree짰 XLamp짰 ML-E LEDs
MLEAWT-A1-0000-000251 CREE-MLEAWT-A1-0000-000251 Datasheet
1Mb / 10P
   Cree짰 XLamp짰 ML-E LEDs
XP-E CREE-XP-E Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XP-E LEDs
CLD-DS18 CREE-CLD-DS18 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E LEDs
XP-E-HEW CREE-XP-E-HEW Datasheet
985Kb / 11P
   Cree짰 XLamp짰 XP-E High-Efficiency White LEDs
CLD-DS34 CREE-CLD-DS34 Datasheet
1Mb / 13P
   Cree짰 XLamp짰 XP-E High-Efficiency White LEDs
XD16 CREE-XD16 Datasheet
2Mb / 29P
   Cree짰 XLamp짰 XD16 LEDs
XHP35.2 CREE-XHP35.2 Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
MC-E CREE-MC-E Datasheet
1Mb / 13P
   Cree짰 XLamp짰 MC-E LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com