Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGH55030F2 Datasheet(PDF) 2 Page - Cree, Inc

Part # CGH55030F2
Description  25 W, C-band, Unmatched, GaN HEMT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH55030F2 Datasheet(HTML) 2 Page - Cree, Inc

  CGH55030F2 Datasheet HTML 1Page - Cree, Inc CGH55030F2 Datasheet HTML 2Page - Cree, Inc CGH55030F2 Datasheet HTML 3Page - Cree, Inc CGH55030F2 Datasheet HTML 4Page - Cree, Inc CGH55030F2 Datasheet HTML 5Page - Cree, Inc CGH55030F2 Datasheet HTML 6Page - Cree, Inc CGH55030F2 Datasheet HTML 7Page - Cree, Inc CGH55030F2 Datasheet HTML 8Page - Cree, Inc CGH55030F2 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
CGH55030F2_P2 Rev 3.1
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/wireless
Copyright © 2008-2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Absolute Maximum Ratings (not simultaneous) at 25˚C Case Temperature
Parameter
Symbol
Rating
Units
Drain-Source Voltage
V
DSS
84
Volts
Gate-to-Source Voltage
V
GS
-10, +2
Volts
Storage Temperature
T
STG
-65, +150
˚C
Operating Junction Temperature
T
J
225
˚C
Maximum Forward Gate Current
I
GMAX
7.0
mA
Soldering Temperature1
T
S
245
˚C
Screw Torque
τ
60
in-oz
Thermal Resistance, Junction to Case2
R
θJC
4.8
˚C/W
Case Operating Temperature2,3
T
C
-40, +150
˚C
Note:
1
Refer to the Application Note on soldering at www.cree.com/products/wireless_appnotes.asp
2
Measured for the CGH55030 at P
DISS = 28 W.
3
See also, the Power Dissipation De-rating Curve on Page 5.
Electrical Characteristics (T
C = 25˚C)
Characteristics
Symbol
Min.
Typ.
Max.
Units
Conditions
DC Characteristics1
Gate Threshold Voltage
V
GS(th)
-3.8
-3.3
–2.3
V
DC
V
DS = 10 V, ID = 7.2 mA
Gate Quiescent Voltage
V
GS(Q)
-3.0
V
DC
V
DS = 28 V, ID = 250 mA
Saturated Drain Current
I
DS
5.8
7.0
A
V
DS = 6.0 V, VGS = 2 V
Drain-Source Breakdown Voltage
V
BR
120
V
DC
V
GS = -8 V, ID = 7.2 mA
RF Characteristics2 (T
C = 25˚C, F0 = 5.65 GHz unless otherwise noted)
Small Signal Gain
G
SS
9.0
11.0
-
dB
V
DD = 28 V, IDQ = 250 mA
Power Output3
P
SAT
20
30
W
V
DD = 28 V, IDQ = 250 mA
Drain Efficiency4
η
50
60
%
V
DD = 28 V, IDQ = 250 mA, PSAT
Output Mismatch Stress
VSWR
-
10 : 1
Y
No damage at all phase angles,
V
DD = 28 V, IDQ = 250 mA, PSAT
Dynamic Characteristics
Input Capacitance
C
GS
9.0
pF
V
DS = 28 V, Vgs = -8 V, f = 1 MHz
Output Capacitance
C
DS
2.6
pF
V
DS = 28 V, Vgs = -8 V, f = 1 MHz
Feedback Capacitance
C
GD
0.4
pF
V
DS = 28 V, Vgs = -8 V, f = 1 MHz
Notes:
1
Measured on wafer prior to packaging.
2
Measured in CGH55030-TB.
3
P
SAT is defined as IG = 0.72 mA.
4
Drain Efficiency = P
OUT / PDC


Similar Part No. - CGH55030F2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH55030F2 CREE-CGH55030F2_12 Datasheet
2Mb / 10P
   25 W, C-band, Unmatched, GaN HEMT
More results

Similar Description - CGH55030F2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH55030F2 CREE-CGH55030F2_12 Datasheet
2Mb / 10P
   25 W, C-band, Unmatched, GaN HEMT
CGH55015F2 CREE-CGH55015F2 Datasheet
1Mb / 11P
   10 W, C-band, Unmatched, GaN HEMT
logo
WOLFSPEED, INC.
CGH55015F2-P2 WOLFSPEED-CGH55015F2-P2 Datasheet
3Mb / 11P
   10 W, C-Band, Unmatched, GaN HEMT
Rev. 4.2, 2022-12-13
logo
Cree, Inc
CGH40025F CREE-CGH40025F Datasheet
1Mb / 12P
   25 W, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGH40025 WOLFSPEED-CGH40025 Datasheet
2Mb / 14P
   25 W, RF Power GaN HEMT
Rev. 4.2, 2022-12-13
logo
Cree, Inc
CGH40025 CREE-CGH40025 Datasheet
1Mb / 14P
   25 W, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGHV1J025D WOLFSPEED-CGHV1J025D Datasheet
1Mb / 10P
   25 W, 18.0 GHz, GaN HEMT Die
Rev. 2.2, 2022-12-2
logo
Cree, Inc
CGHV1J025D CREE-CGHV1J025D Datasheet
763Kb / 9P
   25 W, 18.0 GHz, GaN HEMT Die
logo
WOLFSPEED, INC.
CG2H40025 WOLFSPEED-CG2H40025 Datasheet
3Mb / 14P
   25 W, 28 V RF Power GaN HEMT
Rev. 1.5, 2022-10-14
logo
Cree, Inc
CG2H40025 CREE-CG2H40025 Datasheet
1Mb / 14P
   25 W, 28 V RF Power GaN HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com