Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UBA2211 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # UBA2211
Description  Half-bridge power IC family for CFL lamps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2211 Datasheet(HTML) 2 Page - NXP Semiconductors

  UBA2211 Datasheet HTML 1Page - NXP Semiconductors UBA2211 Datasheet HTML 2Page - NXP Semiconductors UBA2211 Datasheet HTML 3Page - NXP Semiconductors UBA2211 Datasheet HTML 4Page - NXP Semiconductors UBA2211 Datasheet HTML 5Page - NXP Semiconductors UBA2211 Datasheet HTML 6Page - NXP Semiconductors UBA2211 Datasheet HTML 7Page - NXP Semiconductors UBA2211 Datasheet HTML 8Page - NXP Semiconductors UBA2211 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
UBA2211
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 26 August 2011
2 of 20
NXP Semiconductors
UBA2211
Half-bridge power IC family for CFL lamps
2.5 Ease of use
Adjustable operating frequency for easy fit with various burners
Each device in the family incorporates the same controller functionality ensuring easy
power scaling and roll-out across a complete range of CFLs
3.
Applications
Compact Fluorescent Lamps up to 25 W for indoor and outdoor applications
4.
Ordering information
Table 1.
Ordering information
Type number
Package
Name
Description
Version
UBA2211AP/N1
DIP8
plastic dual in-line package; 8 leads (300 mil)
SOT97-1
UBA2211BP/N1
UBA2211CP/N1
UBA2211AT/N1
SO14
plastic small outline package; 14 leads; body width
3.9 mm
SOT108-1
UBA2211BT/N1
UBA2211CT/N1


Similar Part No. - UBA2211

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2211 NXP-UBA2211 Datasheet
175Kb / 19P
   Half-bridge power IC family for CFL lamps
Rev. 2-3 January 2011
UBA2211APN1 NXP-UBA2211APN1 Datasheet
175Kb / 19P
   Half-bridge power IC family for CFL lamps
Rev. 2-3 January 2011
UBA2211ATN1 NXP-UBA2211ATN1 Datasheet
175Kb / 19P
   Half-bridge power IC family for CFL lamps
Rev. 2-3 January 2011
UBA2211BPN1 NXP-UBA2211BPN1 Datasheet
175Kb / 19P
   Half-bridge power IC family for CFL lamps
Rev. 2-3 January 2011
UBA2211BTN1 NXP-UBA2211BTN1 Datasheet
175Kb / 19P
   Half-bridge power IC family for CFL lamps
Rev. 2-3 January 2011
More results

Similar Description - UBA2211

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2211 NXP-UBA2211 Datasheet
175Kb / 19P
   Half-bridge power IC family for CFL lamps
Rev. 2-3 January 2011
UBA2024 PHILIPS-UBA2024_10 Datasheet
448Kb / 17P
   Half-bridge power IC for CFL lamps
Rev. 6.2-1 November 2010
UBA2024 NXP-UBA2024_09 Datasheet
90Kb / 14P
   Half-bridge power IC for CFL lamps
Rev. 04-17 September 2009
logo
Shenzhen Winsemi Microe...
WS21351 WINSEMI-WS21351 Datasheet
363Kb / 7P
   Half-bridge power IC for CFL lamps
logo
NXP Semiconductors
UBA2024 PHILIPS-UBA2024 Datasheet
78Kb / 11P
   Half-bridge power IC for CFL lamps
2004 Feb 03
UBA2024 NXP-UBA2024 Datasheet
69Kb / 12P
   Half-bridge power IC for CFL lamps
Rev. 03-16 October 2008
UBA2025 NXP-UBA2025 Datasheet
352Kb / 17P
   CFL power IC
Rev. 01-16 October 2009
UBA2021 PHILIPS-UBA2021 Datasheet
102Kb / 20P
   630 V driver IC for CFL and TL lamps
2001 Jan 30
UBA2021 PHILIPS-UBA2021_08 Datasheet
107Kb / 16P
   630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
UBA2021 NXP-UBA2021 Datasheet
107Kb / 16P
   630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com