Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62702-S535 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # Q62702-S535
Description  NPN Silicon AF and Switching Transistor (High breakdown voltage Low collector-emitter saturation voltage)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-S535 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  Q62702-S535 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-S535 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-S535 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-S535 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Semiconductor Group
3
BCX 41
BSS 64
Total power dissipation Ptot = f (TA*; TS)
* Package mounted on epoxy
Permissible pulse load Ptot max/Ptot DC = f (
tp)
Collector current IC = f (VBE)
VCE = 1 V
Transition frequency fT = f (Ic)
VCE = 5 V


Similar Part No. - Q62702-S535

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-S534 SIEMENS-Q62702-S534 Datasheet
139Kb / 4P
   PNP Silicon AF and Switching Transistors (For general AF applications High breakdown voltage)
More results

Similar Description - Q62702-S535

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SMBTA06 INFINEON-SMBTA06_07 Datasheet
77Kb / 7P
   NPN Silicon AF Transistor Low collector-emitter saturation voltage
2007-04-19
SMBT2222A INFINEON-SMBT2222A_07 Datasheet
83Kb / 8P
   NPN Silicon Switching Transistor Low collector-emitter saturation voltage
2007-04-19
logo
Siemens Semiconductor G...
BFP22 SIEMENS-BFP22 Datasheet
171Kb / 4P
   NPN Silicon Transistors (High breakdown voltage l Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
SMBTA56 INFINEON-SMBTA56_07 Datasheet
77Kb / 7P
   PNP Silicon AF Transistor Low collector-emitter saturation voltage
2007-04-19
logo
Siemens Semiconductor G...
BF421 SIEMENS-BF421 Datasheet
124Kb / 4P
   PNP Silicon Transistors (High breakdown voltage Low collector-emitter saturation voltage)
BFP23 SIEMENS-BFP23 Datasheet
194Kb / 4P
   PNP Silicon Transistors (High breakdown voltage Low collector-emitter saturation voltage)
BCX58BCX59 SIEMENS-BCX58BCX59 Datasheet
144Kb / 6P
   NPN Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
SMBT2907A INFINEON-SMBT2907A_07 Datasheet
87Kb / 9P
   PNP Silicon Switching Transistor Low collector-emitter saturation voltage
2007-04-26
SMBT3904PN INFINEON-SMBT3904PN_07 Datasheet
108Kb / 9P
   NPN / PNP Silicon Switching Transistor Array Low collector-emitter saturation voltage
2007-03-28
logo
Siemens Semiconductor G...
BC337 SIEMENS-BC337 Datasheet
150Kb / 6P
   NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com