Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN069-100YS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PSMN069-100YS
Description  N-channel LFPAK 100 V 72.4 m廓 standard level MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN069-100YS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PSMN069-100YS Datasheet HTML 2Page - NXP Semiconductors PSMN069-100YS Datasheet HTML 3Page - NXP Semiconductors PSMN069-100YS Datasheet HTML 4Page - NXP Semiconductors PSMN069-100YS Datasheet HTML 5Page - NXP Semiconductors PSMN069-100YS Datasheet HTML 6Page - NXP Semiconductors PSMN069-100YS Datasheet HTML 7Page - NXP Semiconductors PSMN069-100YS Datasheet HTML 8Page - NXP Semiconductors PSMN069-100YS Datasheet HTML 9Page - NXP Semiconductors PSMN069-100YS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PSMN069-100YS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 25 October 2010
6 of 15
NXP Semiconductors
PSMN069-100YS
N-channel LFPAK 100 V 72.4 m
Ω standard level MOSFET
6.
Characteristics
Table 6.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source breakdown
voltage
ID = 0.25 mA; VGS =0V; Tj = -55 °C
90
-
-
V
ID = 0.25 mA; VGS =0V; Tj = 25 °C
100
-
-
V
VGS(th)
gate-source threshold voltage
ID =1mA; VDS =VGS; Tj =175 °C;
see Figure 10
1.2
--V
ID =1mA; VDS =VGS; Tj =25 °C;
see Figure 10; see Figure 11
2.3
34V
ID =1mA; VDS =VGS; Tj =-55 °C;
see Figure 10
--4.7
V
IDSS
drain leakage current
VDS = 100 V; VGS =0V; Tj = 125 °C
--50
µA
VDS = 100 V; VGS =0V; Tj = 25 °C
-
0.07
2
µA
IGSS
gate leakage current
VGS =20V; VDS =0V; Tj = 25 °C
-
10
100
nA
VGS =-20 V; VDS =0V; Tj = 25 °C
-
10
100
nA
RDSon
drain-source on-state
resistance
VGS =10V; ID =5A; Tj =100 °C;
see Figure 12
-
-
130
m
VGS =10V; ID =5A; Tj =175 °C;
see Figure 12
-
149
202.7
m
VGS =10V; ID =5A; Tj =25°C;
see Figure 13
-
56.6
72.4
m
RG
internal gate resistance (AC)
f = 1 MHz
-
0.67
-
Dynamic characteristics
QG(tot)
total gate charge
ID =15A; VDS =50V; VGS =10V;
see Figure 14; see Figure 15
-14
-
nC
ID =0A; VDS =0 V; VGS =10V
-
11
-
nC
QGS
gate-source charge
ID =15A; VDS =50V; VGS =10V;
see Figure 14; see Figure 15
-3.9
-nC
QGS(th)
pre-threshold gate-source
charge
ID =15A; VDS =50V; VGS =10V;
see Figure 14
-2.2
-nC
QGS(th-pl)
post-threshold gate-source
charge
-1.7
-nC
QGD
gate-drain charge
ID =15A; VDS =50V; VGS =10V;
see Figure 14; see Figure 15
-4.8
-nC
VGS(pl)
gate-source plateau voltage
VDS = 50 V; see Figure 14;
see Figure 15
-4.7
-V
Ciss
input capacitance
VDS =50V; VGS = 0 V; f = 1 MHz;
Tj = 25 °C; see Figure 16
-
645
-
pF
Coss
output capacitance
-
63
-
pF
Crss
reverse transfer capacitance
-
43
-
pF
td(on)
turn-on delay time
VDS =50V; RL =3.3 Ω; VGS =10 V;
RG(ext) =4.7 Ω; Tj =25°C
-10
-
ns
tr
rise time
-
7
-
ns
td(off)
turn-off delay time
-
19
-
ns
tf
fall time
-5
-ns


Similar Part No. - PSMN069-100YS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN069-100YS NEXPERIA-PSMN069-100YS Datasheet
828Kb / 15P
   N-channel LFPAK 100 V 72.4 mΩ standard level MOSFET
Rev. 02 - 25 October 2010
More results

Similar Description - PSMN069-100YS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN069-100YS NEXPERIA-PSMN069-100YS Datasheet
828Kb / 15P
   N-channel LFPAK 100 V 72.4 mΩ standard level MOSFET
Rev. 02 - 25 October 2010
logo
NXP Semiconductors
PSMN039-100YS NXP-PSMN039-100YS Datasheet
245Kb / 15P
   N-channel LFPAK 100 V 39.5 m廓 standard level MOSFET
Rev. 02-2 April 2010
PSMN016-100YS NXP-PSMN016-100YS_10 Datasheet
249Kb / 15P
   N-channel 100 V 16.3 m廓 standard level MOSFET in LFPAK
Rev. 03-30 March 2010
PSMN016-100YS NXP-PSMN016-100YS Datasheet
248Kb / 14P
   N-channel 100 V 16 m廓 standard level MOSFET in LFPAK
Rev. 02-25 January 2010
PSMN016-100YS PHILIPS-PSMN016-100YS_11 Datasheet
294Kb / 15P
   N-channel 100 V 16.3 m廓 standard level MOSFET in LFPAK
Rev. 4-27 September 2011
PSMN014-40YS NXP-PSMN014-40YS Datasheet
250Kb / 15P
   N-channel LFPAK 40 V, 14 m廓 standard level MOSFET
Rev. 01-18 February 2010
PSMN013-80YS NXP-PSMN013-80YS Datasheet
229Kb / 13P
   N-channel LFPAK 80 V 12.9 m廓 standard level MOSFET
Rev. 01-25 June 2009
PSMN2R6-40YS NXP-PSMN2R6-40YS Datasheet
229Kb / 13P
   N-channel LFPAK 40 V 2.8 m廓 standard level MOSFET
Rev. 01-23 June 2009
PSMN7R0-60YS NXP-PSMN7R0-60YS Datasheet
247Kb / 15P
   N-channel LFPAK 60 V 6.4 m廓 standard level MOSFET
Rev. 02-30 March 2010
PSMN4R0-40YS NXP-PSMN4R0-40YS Datasheet
229Kb / 13P
   N-channel LFPAK 40 V 4.2 m廓 standard level MOSFET
Rev. 01-25 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com