Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN030-60YS_1010 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PSMN030-60YS_1010
Description  N-channel LFPAK 60 V 24.7 m廓 standard level MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN030-60YS_1010 Datasheet(HTML) 2 Page - NXP Semiconductors

  PSMN030-60YS_1010 Datasheet HTML 1Page - NXP Semiconductors PSMN030-60YS_1010 Datasheet HTML 2Page - NXP Semiconductors PSMN030-60YS_1010 Datasheet HTML 3Page - NXP Semiconductors PSMN030-60YS_1010 Datasheet HTML 4Page - NXP Semiconductors PSMN030-60YS_1010 Datasheet HTML 5Page - NXP Semiconductors PSMN030-60YS_1010 Datasheet HTML 6Page - NXP Semiconductors PSMN030-60YS_1010 Datasheet HTML 7Page - NXP Semiconductors PSMN030-60YS_1010 Datasheet HTML 8Page - NXP Semiconductors PSMN030-60YS_1010 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PSMN030-60YS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 25 October 2010
2 of 15
NXP Semiconductors
PSMN030-60YS
N-channel LFPAK 60 V 24.7 m
Ω standard level MOSFET
2.
Pinning information
3.
Ordering information
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1S
source
SOT669 (LFPAK)
2S
source
3S
source
4
G
gate
mb
D
mounting base; connected to
drain
mb
1234
S
D
G
mbb076
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PSMN030-60YS
LFPAK
plastic single-ended surface-mounted package (LFPAK); 4 leads SOT669


Similar Part No. - PSMN030-60YS_1010

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN030-60YS NXP-PSMN030-60YS Datasheet
238Kb / 13P
   N-channel LFPAK 60 V 24.7 m廓 standard level MOSFET
Rev. 01-11 February 2010
logo
Nexperia B.V. All right...
PSMN030-60YS NEXPERIA-PSMN030-60YS Datasheet
825Kb / 15P
   N-channel LFPAK 60 V 24.7 mΩ standard level MOSFET
Rev. 02 - 25 October 2010
More results

Similar Description - PSMN030-60YS_1010

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN030-60YS NXP-PSMN030-60YS Datasheet
238Kb / 13P
   N-channel LFPAK 60 V 24.7 m廓 standard level MOSFET
Rev. 01-11 February 2010
logo
Nexperia B.V. All right...
PSMN030-60YS NEXPERIA-PSMN030-60YS Datasheet
825Kb / 15P
   N-channel LFPAK 60 V 24.7 mΩ standard level MOSFET
Rev. 02 - 25 October 2010
logo
NXP Semiconductors
PSMN7R0-60YS NXP-PSMN7R0-60YS Datasheet
247Kb / 15P
   N-channel LFPAK 60 V 6.4 m廓 standard level MOSFET
Rev. 02-30 March 2010
PSMN017-60YS NXP-PSMN017-60YS Datasheet
251Kb / 15P
   N-channel LFPAK 60 V 15.7 m廓 standard level MOSFET
Rev. 02-1 April 2010
PSMN012-60YS NXP-PSMN012-60YS Datasheet
241Kb / 15P
   N-channel LFPAK 60 V, 11.1 m廓 standard level MOSFET
Rev. 01-5 January 2010
PSMN8R5-60YS PHILIPS-PSMN8R5-60YS_15 Datasheet
258Kb / 14P
   N-channel LFPAK 60 V, 8 m廓 standard level MOSFET
22 July 2015
PSMN8R5-60YS NXP-PSMN8R5-60YS Datasheet
250Kb / 15P
   N-channel LFPAK 60 V, 8 m廓 standard level MOSFET
Rev. 01-22 December 2009
PSMN5R5-60YS NXP-PSMN5R5-60YS Datasheet
261Kb / 15P
   N-channel LFPAK 60 V, 5.2 m廓 standard level FET
Rev. 02-24 December 2009
logo
Nexperia B.V. All right...
PSMN4R0-60YS NEXPERIA-PSMN4R0-60YS Datasheet
753Kb / 13P
   N-channel LFPAK 60 V, 4.0 m廓 standard level FET
logo
NXP Semiconductors
PSMN4R0-60YS PHILIPS-PSMN4R0-60YS_15 Datasheet
272Kb / 13P
   N-channel LFPAK 60 V, 4.0 m廓 standard level FET
14 May 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com