Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN4R3-100ES Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PSMN4R3-100ES
Description  N-channel 100 V 4.3 m廓 standard level MOSFET in I2PAK
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN4R3-100ES Datasheet(HTML) 4 Page - NXP Semiconductors

  PSMN4R3-100ES Datasheet HTML 1Page - NXP Semiconductors PSMN4R3-100ES Datasheet HTML 2Page - NXP Semiconductors PSMN4R3-100ES Datasheet HTML 3Page - NXP Semiconductors PSMN4R3-100ES Datasheet HTML 4Page - NXP Semiconductors PSMN4R3-100ES Datasheet HTML 5Page - NXP Semiconductors PSMN4R3-100ES Datasheet HTML 6Page - NXP Semiconductors PSMN4R3-100ES Datasheet HTML 7Page - NXP Semiconductors PSMN4R3-100ES Datasheet HTML 8Page - NXP Semiconductors PSMN4R3-100ES Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PSMN4R3-100ES
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 31 October 2011
4 of 14
NXP Semiconductors
PSMN4R3-100ES
N-channel 100 V 4.3 m
Ω standard level MOSFET in I2PAK
5.
Thermal characteristics
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-mb)
thermal resistance from junction to mounting
base
see Figure 4
-
0.22
0.44
K/W
Rth(j-a)
thermal resistance from junction to ambient
Vertical in free air
-
60
-
K/W
Fig 4.
Transient thermal impedance from junction to mounting base as a function of pulse duration
003aaf733
single shot
0.2
0.1
0.05
0.02
10
-3
10
-2
10
-1
1
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
1
tp (s)
Zth(j-mb)
(K/W)
d = 0.5
tp
T
P
t
tp
T
 =


Similar Part No. - PSMN4R3-100ES

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN4R3-100ES NEXPERIA-PSMN4R3-100ES Datasheet
807Kb / 14P
   N-channel 100 V 4.3 mΩ standard level MOSFET in I2PAK
Rev. 1 - 31 October 2011
logo
NXP Semiconductors
PSMN4R3-100ES PHILIPS-PSMN4R3-100ES_15 Datasheet
195Kb / 14P
   N-channel 100 V 4.3 m廓 standard level MOSFET in I2PAK
Rev. 1-31 October 2011
More results

Similar Description - PSMN4R3-100ES

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN4R3-100ES PHILIPS-PSMN4R3-100ES_15 Datasheet
195Kb / 14P
   N-channel 100 V 4.3 m廓 standard level MOSFET in I2PAK
Rev. 1-31 October 2011
PSMN4R3-80ES PHILIPS-PSMN4R3-80ES Datasheet
240Kb / 15P
   N-channel 80 V, 4.3 m廓 standard level MOSFET in I2PAK
Rev. 02-18 April 2011
PSMN8R5-100ES PHILIPS-PSMN8R5-100ES_15 Datasheet
229Kb / 14P
   N-channel 100 V 8.5 m廓 standard level MOSFET in I2PAK
11 October 2012
PSMN013-100ES NXP-PSMN013-100ES Datasheet
222Kb / 14P
   N-channel 100 V 13.9 m廓 standard level MOSFET in I2PAK
Rev. 02-19 February 2010
logo
Nexperia B.V. All right...
PSMN8R5-100ES NEXPERIA-PSMN8R5-100ES Datasheet
735Kb / 14P
   N-channel 100 V 8.5 m廓 standard level MOSFET in I2PAK
logo
NXP Semiconductors
PSMN4R3-80ES PHILIPS-PSMN4R3-80ES_15 Datasheet
240Kb / 15P
   N-channel 80 V, 4.3 m standard level MOSFET in I2PAK
Rev. 02-18 April 2011
PSMN5R0-100ES PHILIPS-PSMN5R0-100ES_15 Datasheet
203Kb / 15P
   N-channel 100 V 5 m廓 standard level MOSFET in I2PAK
Rev. 3-26 September 2011
PSMN5R0-100ES PHILIPS-PSMN5R0-100ES Datasheet
203Kb / 15P
   N-channel 100 V 5 m廓 standard level MOSFET in I2PAK
Rev. 3-26 September 2011
logo
Nexperia B.V. All right...
PSMN4R3-100ES NEXPERIA-PSMN4R3-100ES Datasheet
807Kb / 14P
   N-channel 100 V 4.3 mΩ standard level MOSFET in I2PAK
Rev. 1 - 31 October 2011
logo
NXP Semiconductors
PSMN4R3-100PS PHILIPS-PSMN4R3-100PS_15 Datasheet
202Kb / 15P
   N-channel 100 V 4.3 m廓 standard level MOSFET in TO-220
Rev. 1-27 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com