Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN3R5-30LL Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PSMN3R5-30LL
Description  N-channel DFN3333-8 30 V 3.6 m廓 logic level MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN3R5-30LL Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PSMN3R5-30LL_11 Datasheet HTML 2Page - NXP Semiconductors PSMN3R5-30LL_11 Datasheet HTML 3Page - NXP Semiconductors PSMN3R5-30LL_11 Datasheet HTML 4Page - NXP Semiconductors PSMN3R5-30LL_11 Datasheet HTML 5Page - NXP Semiconductors PSMN3R5-30LL_11 Datasheet HTML 6Page - NXP Semiconductors PSMN3R5-30LL_11 Datasheet HTML 7Page - NXP Semiconductors PSMN3R5-30LL_11 Datasheet HTML 8Page - NXP Semiconductors PSMN3R5-30LL_11 Datasheet HTML 9Page - NXP Semiconductors PSMN3R5-30LL_11 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PSMN3R5-30LL
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 12 December 2011
6 of 15
NXP Semiconductors
PSMN3R5-30LL
N-channel DFN3333-8 30 V 3.6 m
Ω logic level MOSFET
6.
Characteristics
Table 6.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source breakdown voltage
ID = 0.25 mA; VGS =0V; Tj = -55 °C
27
-
-
V
ID = 0.25 mA; VGS =0V; Tj = 25 °C
30
--V
VGS(th)
gate-source threshold voltage
ID =1 mA; VDS =VGS; Tj =150 °C;
see Figure 10
0.5
--V
ID =1 mA; VDS =VGS; Tj =25°C;
see Figure 11; see Figure 10
1.3
1.7
2.15
V
ID =1 mA; VDS =VGS; Tj =-55 °C;
see Figure 10
--2.6
V
IDSS
drain leakage current
VDS =30V; VGS =0V; Tj = 25 °C
-
0.05
1
µA
VDS =30V; VGS =0V; Tj = 125 °C
-
-
50
µA
IGSS
gate leakage current
VGS =20V; VDS =0V; Tj = 25 °C
-
5
100
nA
VGS =-20 V; VDS =0V; Tj = 25 °C
-
5
100
nA
RDSon
drain-source on-state resistance
VGS =10V; ID =10 A; Tj =100 °C;
see Figure 12
--5
m
VGS = 4.5 V; ID =10A; Tj =25°C;
see Figure 13
-4.3
5.6
m
VGS =10V; ID =10 A; Tj =150 °C;
see Figure 12
-5.4
6.5
m
VGS =10V; ID =10 A; Tj =25 °C;
see Figure 13
-3
3.6
m
RG
internal gate resistance (AC)
f = 1 MHz
-
2.4
-
Dynamic characteristics
QG(tot)
total gate charge
ID =15 A; VDS =15V; VGS =4.5 V;
see Figure 14; see Figure 15
-18
-nC
ID =15 A; VDS =15V; VGS =10V;
see Figure 14; see Figure 15
-37
-nC
ID =0 A; VDS =0 V; VGS =10 V
-
33
-
nC
QGS
gate-source charge
ID =15 A; VDS =15V; VGS =10V;
see Figure 14; see Figure 15
-6
-nC
QGS(th)
pre-threshold gate-source charge
ID =15 A; VDS =15V; VGS =10V;
see Figure 14
-3.4
-nC
QGS(th-pl)
post-threshold gate-source
charge
-2.5
-nC
QGD
gate-drain charge
ID =15 A; VDS =15V; VGS =10V;
see Figure 14; see Figure 15
-5
-nC
VGS(pl)
gate-source plateau voltage
VDS = 15 V; see Figure 14;
see Figure 15
-2.7
-V
Ciss
input capacitance
VDS =15V; VGS = 0 V; f = 1 MHz;
Tj = 25 °C; see Figure 16
-
2061
-
pF
Coss
output capacitance
-
409
-
pF
Crss
reverse transfer capacitance
-
177
-
pF


Similar Part No. - PSMN3R5-30LL_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN3R5-30LL NXP-PSMN3R5-30LL Datasheet
179Kb / 13P
   N-channel 30 V 3.6 m廓 logic level MOSFET
Rev. 01-18 February 2010
logo
Nexperia B.V. All right...
PSMN3R5-30LL NEXPERIA-PSMN3R5-30LL Datasheet
485Kb / 16P
   N-channel DFN3333-8 30 V 3.6 mΩ logic level MOSFET
Rev. 4 - 12 December 2011
More results

Similar Description - PSMN3R5-30LL_11

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN3R5-30LL NEXPERIA-PSMN3R5-30LL Datasheet
485Kb / 16P
   N-channel DFN3333-8 30 V 3.6 mΩ logic level MOSFET
Rev. 4 - 12 December 2011
PSMN017-30LL NEXPERIA-PSMN017-30LL Datasheet
483Kb / 16P
   N-channel DFN3333-8 30 V 17 m廓 logic level MOSFET
PSMN5R8-30LL NEXPERIA-PSMN5R8-30LL Datasheet
478Kb / 16P
   N-channel DFN3333-8 30 V 5.8 m廓 logic level MOSFET
logo
NXP Semiconductors
PSMN3R5-30LL NXP-PSMN3R5-30LL Datasheet
179Kb / 13P
   N-channel 30 V 3.6 m廓 logic level MOSFET
Rev. 01-18 February 2010
logo
Nexperia B.V. All right...
PSMN9R0-30LL NEXPERIA-PSMN9R0-30LL Datasheet
483Kb / 16P
   N-channel DFN3333-8 30 V 9 mΩ logic level MOSFET
Rev. 5 - 13 December 2011
PSMN3R8-30LL NEXPERIA-PSMN3R8-30LL Datasheet
479Kb / 16P
   N-channel DFN3333-8 30 V 3.7 mΩ logic level MOSFET
Rev. 4 - 12 December 2011
PSMN013-30LL NEXPERIA-PSMN013-30LL Datasheet
483Kb / 16P
   N-channel DFN3333-8 30 V 13 mΩ logic level MOSFET
Rev. 5 - 8 December 2011
PSMN014-60LS NEXPERIA-PSMN014-60LS Datasheet
481Kb / 15P
   N-channel DFN3333-8 60 V 14 m廓 standard level MOSFET
PSMN7R0-40LS NEXPERIA-PSMN7R0-40LS Datasheet
455Kb / 15P
   N-channel DFN3333-8 40 V 7.0 m廓 standard level MOSFET
PSMN023-80LS NEXPERIA-PSMN023-80LS Datasheet
461Kb / 15P
   N-channel DFN3333-8 80 V 23 m廓 standard level MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com