Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN3R3-80ES Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PSMN3R3-80ES
Description  N-channel 80 V, 3.3 m廓 standard level MOSFET in I2PAK
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN3R3-80ES Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PSMN3R3-80ES Datasheet HTML 2Page - NXP Semiconductors PSMN3R3-80ES Datasheet HTML 3Page - NXP Semiconductors PSMN3R3-80ES Datasheet HTML 4Page - NXP Semiconductors PSMN3R3-80ES Datasheet HTML 5Page - NXP Semiconductors PSMN3R3-80ES Datasheet HTML 6Page - NXP Semiconductors PSMN3R3-80ES Datasheet HTML 7Page - NXP Semiconductors PSMN3R3-80ES Datasheet HTML 8Page - NXP Semiconductors PSMN3R3-80ES Datasheet HTML 9Page - NXP Semiconductors PSMN3R3-80ES Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PSMN3R3-80ES
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 31 October 2011
6 of 14
NXP Semiconductors
PSMN3R3-80ES
N-channel 80 V, 3.3 m
Ω standard level MOSFET in I2PAK
[1]
Measured 3 mm from package.
Source-drain diode
VSD
source-drain voltage
IS =25 A; VGS =0V; Tj =25 °C;
see Figure 17
-0.8
1.2
V
trr
reverse recovery time
IS =25 A; dIS/dt = 100 A/µs;
VGS =0V; VDS =20V
-63
-ns
Qr
recovered charge
-
121
-
nC
Table 6.
Characteristics …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 5.
Forward transconductance as a function of
drain current; typical values
Fig 6.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Fig 7.
Drain-source on-state resistance as a function
of gate-source voltage; typical values
Fig 8.
Input and reverse transfer capacitances as a
function of gate-source voltage; typical values
003aaf602
0
50
100
150
200
250
0
2040
6080
I
D (A)
g
fs
(S)
003aaf603
0
25
50
75
0246
V
GS(V)
I
D
(A)
T
j = 25 °C
T
j = 175 °C
003aag797
0
2
4
6
8
04
8
12
16
20
VGS (V)
RDSon
(m
Ω)
003aaf606
0
4000
8000
12000
16000
10
-1
1
10
10
2
V
GS(V)
C
(pF)
C
iss
C
rss


Similar Part No. - PSMN3R3-80ES

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
PSMN3R3-80ES ISC-PSMN3R3-80ES Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
PSMN3R3-80ES NEXPERIA-PSMN3R3-80ES Datasheet
805Kb / 14P
   N-channel 80 V, 3.3 mΩ standard level MOSFET in I2PAK
Rev. 1 - 31 October 2011
logo
NXP Semiconductors
PSMN3R3-80ES PHILIPS-PSMN3R3-80ES_15 Datasheet
193Kb / 14P
   N-channel 80 V, 3.3 m standard level MOSFET in I2PAK
Rev. 1-31 October 2011
More results

Similar Description - PSMN3R3-80ES

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN3R3-80ES PHILIPS-PSMN3R3-80ES_15 Datasheet
193Kb / 14P
   N-channel 80 V, 3.3 m standard level MOSFET in I2PAK
Rev. 1-31 October 2011
PSMN4R3-80ES PHILIPS-PSMN4R3-80ES Datasheet
240Kb / 15P
   N-channel 80 V, 4.3 m廓 standard level MOSFET in I2PAK
Rev. 02-18 April 2011
PSMN3R5-80ES PHILIPS-PSMN3R5-80ES_15 Datasheet
238Kb / 15P
   N-channel 80 V, 3.5 m廓 standard level MOSFET in I2PAK
Rev. 02-19 April 2011
logo
Nexperia B.V. All right...
PSMN3R3-80ES NEXPERIA-PSMN3R3-80ES Datasheet
805Kb / 14P
   N-channel 80 V, 3.3 mΩ standard level MOSFET in I2PAK
Rev. 1 - 31 October 2011
logo
NXP Semiconductors
PSMN3R3-80PS PHILIPS-PSMN3R3-80PS Datasheet
200Kb / 15P
   N-channel 80 V, 3.3 m廓 standard level MOSFET in TO-220
Rev. 1-27 October 2011
PSMN4R3-80ES PHILIPS-PSMN4R3-80ES_15 Datasheet
240Kb / 15P
   N-channel 80 V, 4.3 m standard level MOSFET in I2PAK
Rev. 02-18 April 2011
PSMN3R5-80ES PHILIPS-PSMN3R5-80ES Datasheet
238Kb / 15P
   N-channel 80 V, 3.5 m standard level MOSFET in I2PAK
Rev. 02-19 April 2011
PSMN8R5-100ES PHILIPS-PSMN8R5-100ES_15 Datasheet
229Kb / 14P
   N-channel 100 V 8.5 m廓 standard level MOSFET in I2PAK
11 October 2012
PSMN4R3-100ES PHILIPS-PSMN4R3-100ES_15 Datasheet
195Kb / 14P
   N-channel 100 V 4.3 m廓 standard level MOSFET in I2PAK
Rev. 1-31 October 2011
logo
Nexperia B.V. All right...
PSMN1R5-40ES NEXPERIA-PSMN1R5-40ES Datasheet
822Kb / 14P
   N-channel 40 V 1.6 m廓 standard level MOSFET in I2PAK.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com