Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN2R6-30YLC Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PSMN2R6-30YLC
Description  N-channel 30 V 2.8m廓 logic level MOSFET in LFPAK using NextPower technology
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN2R6-30YLC Datasheet(HTML) 3 Page - NXP Semiconductors

  PSMN2R6-30YLC Datasheet HTML 1Page - NXP Semiconductors PSMN2R6-30YLC Datasheet HTML 2Page - NXP Semiconductors PSMN2R6-30YLC Datasheet HTML 3Page - NXP Semiconductors PSMN2R6-30YLC Datasheet HTML 4Page - NXP Semiconductors PSMN2R6-30YLC Datasheet HTML 5Page - NXP Semiconductors PSMN2R6-30YLC Datasheet HTML 6Page - NXP Semiconductors PSMN2R6-30YLC Datasheet HTML 7Page - NXP Semiconductors PSMN2R6-30YLC Datasheet HTML 8Page - NXP Semiconductors PSMN2R6-30YLC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PSMN2R6-30YLC
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 01 — 2 May 2011
3 of 15
NXP Semiconductors
PSMN2R6-30YLC
N-channel 30 V 2.8m
Ω logic level MOSFET in LFPAK using NextPower
5.
Limiting values
[1]
Continuous current is limited by package.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
25 °C
≤ Tj ≤ 175 °C
-
30
V
VDGR
drain-gate voltage
25 °C
≤ Tj ≤ 175 °C; RGS =20kΩ
-30
V
VGS
gate-source voltage
-20
20
V
ID
drain current
VGS =10V; Tmb = 25 °C; see Figure 1
[1]
-
100
A
VGS =10V; Tmb = 100 °C; see Figure 1
[1]
-
100
A
IDM
peak drain current
pulsed; tp ≤ 10 µs; Tmb =25°C;
see Figure 4
-
575
A
Ptot
total power dissipation
Tmb = 25 °C; see Figure 2
-
106
W
Tstg
storage temperature
-55
175
°C
Tj
junction temperature
-55
175
°C
Tsld(M)
peak soldering temperature
-
260
°C
VESD
electrostatic discharge voltage
MM (JEDEC JESD22-A115)
460
-
V
Source-drain diode
IS
source current
Tmb =25°C
-
96
A
ISM
peak source current
pulsed; tp ≤ 10 µs; Tmb = 25 °C
-
575
A
Avalanche ruggedness
EDS(AL)S
non-repetitive drain-source
avalanche energy
VGS =10V; Tj(init) =25 °C; ID = 100 A;
Vsup ≤ 30 V; RGS =50 Ω; unclamped;
see Figure 3
-50
mJ
Fig 1.
Continuous drain current as a function of
mounting base temperature
Fig 2.
Normalized total power dissipation as a
function of mounting base temperature
003a a f659
0
30
60
90
120
150
0
50
100
150
200
Tmb (
°C)
ID
(A)
(1)
Tmb (°C)
0
200
150
50
100
03na19
40
80
120
Pder
(%)
0


Similar Part No. - PSMN2R6-30YLC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN2R6-30YLC PHILIPS-PSMN2R6-30YLC Datasheet
1Mb / 8P
   NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
May 2011
PSMN2R6-30YLC PHILIPS-PSMN2R6-30YLC Datasheet
1Mb / 8P
   NextPower MOSFETs
May 2011
logo
Nexperia B.V. All right...
PSMN2R6-30YLC NEXPERIA-PSMN2R6-30YLC Datasheet
931Kb / 15P
   N-channel 30 V 2.8mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 01 - 2 May 2011
logo
NXP Semiconductors
PSMN2R6-30YLC PHILIPS-PSMN2R6-30YLC_15 Datasheet
351Kb / 15P
   N-channel 30 V 2.8m logic level MOSFET in LFPAK using NextPower technology
Rev. 01-2 May 2011
More results

Similar Description - PSMN2R6-30YLC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN2R6-30YLC PHILIPS-PSMN2R6-30YLC_15 Datasheet
351Kb / 15P
   N-channel 30 V 2.8m logic level MOSFET in LFPAK using NextPower technology
Rev. 01-2 May 2011
PSMN1R2-30YLC NXP-PSMN1R2-30YLC Datasheet
351Kb / 15P
   N-channel 30 V 1.25m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-3 May 2011
PSMN1R5-30YLC PHILIPS-PSMN1R5-30YLC_15 Datasheet
355Kb / 15P
   N-channel 30 V 1.55m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-17 May 2011
PSMN2R2-30YLC NXP-PSMN2R2-30YLC Datasheet
354Kb / 15P
   N-channel 30 V 2.15m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 02-3 May 2011
PSMN3R7-30YLC NXP-PSMN3R7-30YLC Datasheet
354Kb / 15P
   N-channel 30 V 3.95m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 01-2 May 2011
PSMN4R1-30YLC PHILIPS-PSMN4R1-30YLC_15 Datasheet
323Kb / 14P
   N-channel 30 V 4.35m廓 logic level MOSFET in LFPAK using NextPower technology
12 February 2013
PSMN1R0-30YLC PHILIPS-PSMN1R0-30YLC_11 Datasheet
307Kb / 15P
   N-channel 30 V 1.15 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 4-4 July 2011
PSMN011-30YLC PHILIPS-PSMN011-30YLC Datasheet
307Kb / 15P
   N-channel 30 V 11.6 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 3-24 October 2011
logo
Nexperia B.V. All right...
PSMN013-30YLC NEXPERIA-PSMN013-30YLC Datasheet
908Kb / 15P
   N-channel 30 V 13.6 m廓 logic level MOSFET in LFPAK using NextPower technology
logo
NXP Semiconductors
PSMN4R5-30YLC PHILIPS-PSMN4R5-30YLC_15 Datasheet
350Kb / 15P
   N-channel 30 V 4.8 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 3-5 July 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com