Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN1R7-25YLC Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PSMN1R7-25YLC
Description  N-channel 25 V 1.9 m廓 logic level MOSFET in LFPAK using NextPower technology
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN1R7-25YLC Datasheet(HTML) 4 Page - NXP Semiconductors

  PSMN1R7-25YLC Datasheet HTML 1Page - NXP Semiconductors PSMN1R7-25YLC Datasheet HTML 2Page - NXP Semiconductors PSMN1R7-25YLC Datasheet HTML 3Page - NXP Semiconductors PSMN1R7-25YLC Datasheet HTML 4Page - NXP Semiconductors PSMN1R7-25YLC Datasheet HTML 5Page - NXP Semiconductors PSMN1R7-25YLC Datasheet HTML 6Page - NXP Semiconductors PSMN1R7-25YLC Datasheet HTML 7Page - NXP Semiconductors PSMN1R7-25YLC Datasheet HTML 8Page - NXP Semiconductors PSMN1R7-25YLC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PSMN1R7-25YLC
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 01 — 2 May 2011
4 of 15
NXP Semiconductors
PSMN1R7-25YLC
N-channel 25 V 1.9 m
Ω logic level MOSFET in LFPAK using NextPower
Fig 3.
Single pulse avalanche rating; avalanche current as a function of avalanche time
Fig 4.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage
003a a f 824
10
-1
1
10
10
2
10
3
10
-3
10
-2
10
-1
1
10
tAL (ms )
IAL
(A)
(1)
(2)
003aaf811
10
-1
1
10
10
2
10
3
10
4
10
-1
1
10
10
2
VDS (V)
ID
(A)
Limit RDSon = VDS / ID
DC
100
μs
10 ms
tp =10
μs
100 ms
1 ms


Similar Part No. - PSMN1R7-25YLC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN1R7-25YLC PHILIPS-PSMN1R7-25YLC Datasheet
1Mb / 8P
   NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
May 2011
PSMN1R7-25YLC PHILIPS-PSMN1R7-25YLC Datasheet
1Mb / 8P
   NextPower MOSFETs
May 2011
logo
Nexperia B.V. All right...
PSMN1R7-25YLC NEXPERIA-PSMN1R7-25YLC Datasheet
463Kb / 16P
   N-channel 25 V 1.9 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 01 - 2 May 2011
More results

Similar Description - PSMN1R7-25YLC

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN1R7-25YLC NEXPERIA-PSMN1R7-25YLC Datasheet
463Kb / 16P
   N-channel 25 V 1.9 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 01 - 2 May 2011
logo
NXP Semiconductors
PSMN3R7-25YLC PHILIPS-PSMN3R7-25YLC Datasheet
358Kb / 15P
   N-channel 25 V 3.9 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 01-2 May 2011
PSMN9R0-25YLC_1111 PHILIPS-PSMN9R0-25YLC_1111 Datasheet
298Kb / 15P
   N-channel 25 V 9.1 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-1 November 2011
PSMN6R0-25YLB PHILIPS-PSMN6R0-25YLB_15 Datasheet
308Kb / 15P
   N-channel 25 V 6.1 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-31 October 2011
PSMN9R0-25YLC NXP-PSMN9R0-25YLC Datasheet
298Kb / 15P
   N-channel 25 V 9.1 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-12 July 2011
PSMN7R5-25YLC NXP-PSMN7R5-25YLC Datasheet
304Kb / 15P
   N-channel 25 V 7.4 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-12 July 2011
PSMN2R9-25YLC PHILIPS-PSMN2R9-25YLC_15 Datasheet
363Kb / 15P
   N-channel 25 V 3.15 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-2 May 2011
PSMN0R9-25YLC PHILIPS-PSMN0R9-25YLC_15 Datasheet
306Kb / 15P
   N-channel 25 V 0.99 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-4 July 2011
PSMN6R5-25YLC NXP-PSMN6R5-25YLC Datasheet
296Kb / 15P
   N-channel 25 V 6.5 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-12 July 2011
PSMN2R2-25YLC NXP-PSMN2R2-25YLC Datasheet
350Kb / 15P
   N-channel 25 V 2.4 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-2 May 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com