Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN0R9-25YLC Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PSMN0R9-25YLC
Description  N-channel 25 V 0.99 m廓 logic level MOSFET in LFPAK using NextPower technology
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN0R9-25YLC Datasheet(HTML) 5 Page - NXP Semiconductors

  PSMN0R9-25YLC Datasheet HTML 1Page - NXP Semiconductors PSMN0R9-25YLC Datasheet HTML 2Page - NXP Semiconductors PSMN0R9-25YLC Datasheet HTML 3Page - NXP Semiconductors PSMN0R9-25YLC Datasheet HTML 4Page - NXP Semiconductors PSMN0R9-25YLC Datasheet HTML 5Page - NXP Semiconductors PSMN0R9-25YLC Datasheet HTML 6Page - NXP Semiconductors PSMN0R9-25YLC Datasheet HTML 7Page - NXP Semiconductors PSMN0R9-25YLC Datasheet HTML 8Page - NXP Semiconductors PSMN0R9-25YLC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PSMN0R9-25YLC
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 4 July 2011
5 of 15
NXP Semiconductors
PSMN0R9-25YLC
N-channel 25 V 0.99 m
Ω logic level MOSFET in LFPAK using NextPower technology
5.
Thermal characteristics
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-mb)
thermal resistance from junction to
mounting base
see Figure 5
-
0.45
0.55
K/W
Fig 5.
Transient thermal impedance from junction to mounting base as a function of pulse duration
003a af 523
single shot
0.2
0.1
0.05
0.02
10
-3
10
-2
10
-1
1
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
1
tp (s )
Zth(j-mb)
(K/W)
 = 0.5
tp
T
P
t
tp
T
 =


Similar Part No. - PSMN0R9-25YLC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN0R9-25YLC PHILIPS-PSMN0R9-25YLC Datasheet
1Mb / 8P
   NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
May 2011
PSMN0R9-25YLC PHILIPS-PSMN0R9-25YLC Datasheet
1Mb / 8P
   NextPower MOSFETs
May 2011
logo
Nexperia B.V. All right...
PSMN0R9-25YLC NEXPERIA-PSMN0R9-25YLC Datasheet
916Kb / 15P
   N-channel 25 V 0.99 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 2 - 4 July 2011
logo
NXP Semiconductors
PSMN0R9-25YLC PHILIPS-PSMN0R9-25YLC_15 Datasheet
306Kb / 15P
   N-channel 25 V 0.99 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-4 July 2011
More results

Similar Description - PSMN0R9-25YLC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN0R9-25YLC PHILIPS-PSMN0R9-25YLC_15 Datasheet
306Kb / 15P
   N-channel 25 V 0.99 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-4 July 2011
logo
Nexperia B.V. All right...
PSMN0R9-25YLC NEXPERIA-PSMN0R9-25YLC Datasheet
916Kb / 15P
   N-channel 25 V 0.99 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 2 - 4 July 2011
logo
NXP Semiconductors
PSMN3R7-25YLC PHILIPS-PSMN3R7-25YLC Datasheet
358Kb / 15P
   N-channel 25 V 3.9 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 01-2 May 2011
PSMN9R0-25YLC_1111 PHILIPS-PSMN9R0-25YLC_1111 Datasheet
298Kb / 15P
   N-channel 25 V 9.1 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-1 November 2011
PSMN6R0-25YLB PHILIPS-PSMN6R0-25YLB_15 Datasheet
308Kb / 15P
   N-channel 25 V 6.1 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-31 October 2011
PSMN9R0-25YLC NXP-PSMN9R0-25YLC Datasheet
298Kb / 15P
   N-channel 25 V 9.1 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-12 July 2011
PSMN1R7-25YLC PHILIPS-PSMN1R7-25YLC Datasheet
349Kb / 15P
   N-channel 25 V 1.9 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 01-2 May 2011
PSMN7R5-25YLC NXP-PSMN7R5-25YLC Datasheet
304Kb / 15P
   N-channel 25 V 7.4 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-12 July 2011
PSMN2R9-25YLC PHILIPS-PSMN2R9-25YLC_15 Datasheet
363Kb / 15P
   N-channel 25 V 3.15 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-2 May 2011
PSMN6R5-25YLC NXP-PSMN6R5-25YLC Datasheet
296Kb / 15P
   N-channel 25 V 6.5 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-12 July 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com