Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8M0805-90 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # R8M0805-90
Description  MULTI-LAYER FERRITE CHIP BEAD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

R8M0805-90 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  R8M0805-90 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MULTI-LAYER FERRITE
CHIP BEAD
• RoHS Compliant Product
• Operating Temperature: -40°C to +85°C
• Ordering code R8M0805-XXX (Value)
• Package: Tape and Reel is the standard
Product performance is limited to specified parameter. Data is subject to change without prior notice.
R8M0805-XXX
0620JW
2463 208th, Ste. 205
Torrance, CA 90501
Phone: (310)533-1455
Fax:
(310)533-1853
http://www.mpsind.com
Email: sales@mpsind.com
Mechanical
Schematic
R8M0805 SERIES
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ± 0.015 .XXX : ±0.004
mm: X,X : ± 0,38 X,XX : ±0,10
ELECTRICAL SPECIFICATION @ 25°C
PART NO
Impedance
DCR
RATED
@100MHz
Max
I
DC
R8M0805-
(W)±25%
(W)(mA)
70
7
0.10
600
90
9
0.10
600
110
11
0.10
600
170
17
0.10
600
320
32
0.10
600
600
60
0.15
500
700
70
0.15
500
800
80
0.15
500
121
120
0.25
300
151
150
0.25
300
221
220
0.30
300
301
300
0.30
300
401
400
0.30
300
501
500
0.40
300
601
600
0.40
300
751
750
0.50
200
102
1000
0.50
200
152
1500
0.60
200
202
2000
0.80
100
222
2200
1.00
100
252
2500
1.00
100
272
2700
1.50
100
A
B
C
D
E Typ
F Typ
G Typ
0.079±0.008 0.050±0.008 0.036±0.008 0.020±0.012
0.048
0.142
0.040
2,00±0,20
1,25±0,20
0,90±0,20
0,50±0,30
1,20
3,60
1,00


Similar Part No. - R8M0805-90

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
R8M0402 MPSIND-R8M0402 Datasheet
129Kb / 1P
   MULTI-LAYER FERRITE CHIP BEAD
R8M0402-100 MPSIND-R8M0402-100 Datasheet
129Kb / 1P
   MULTI-LAYER FERRITE CHIP BEAD
R8M0402-102 MPSIND-R8M0402-102 Datasheet
129Kb / 1P
   MULTI-LAYER FERRITE CHIP BEAD
R8M0402-121 MPSIND-R8M0402-121 Datasheet
129Kb / 1P
   MULTI-LAYER FERRITE CHIP BEAD
R8M0402-152 MPSIND-R8M0402-152 Datasheet
129Kb / 1P
   MULTI-LAYER FERRITE CHIP BEAD
More results

Similar Description - R8M0805-90

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
R8M0402 MPSIND-R8M0402 Datasheet
129Kb / 1P
   MULTI-LAYER FERRITE CHIP BEAD
R8M0603 MPSIND-R8M0603 Datasheet
130Kb / 1P
   MULTI-LAYER FERRITE CHIP BEAD
logo
Fair-Rite Products Corp...
2504023017Y0 FAIR-RITE-2504023017Y0 Datasheet
294Kb / 3P
   MULTI-LAYER CHIP BEAD
2508051817Y0 FAIR-RITE-2508051817Y0 Datasheet
231Kb / 2P
   MULTI-LAYER CHIP BEAD
2506036007Y0 FAIR-RITE-2506036007Y0 Datasheet
294Kb / 3P
   MULTI-LAYER CHIP BEAD
2508051527Y0 FAIR-RITE-2508051527Y0 Datasheet
308Kb / 3P
   MULTI-LAYER CHIP BEAD
2506038007Y0 FAIR-RITE-2506038007Y0 Datasheet
293Kb / 3P
   MULTI-LAYER CHIP BEAD
2508051217Z0 FAIR-RITE-2508051217Z0 Datasheet
287Kb / 3P
   MULTI-LAYER CHIP BEAD
2508052027Z0 FAIR-RITE-2508052027Z0 Datasheet
295Kb / 3P
   MULTI-LAYER CHIP BEAD
2512061027Y0 FAIR-RITE-2512061027Y0 Datasheet
316Kb / 3P
   MULTI-LAYER CHIP BEAD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com