Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC4330 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LPC4330
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC4330 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LPC4330 Datasheet HTML 4Page - NXP Semiconductors LPC4330 Datasheet HTML 5Page - NXP Semiconductors LPC4330 Datasheet HTML 6Page - NXP Semiconductors LPC4330 Datasheet HTML 7Page - NXP Semiconductors LPC4330 Datasheet HTML 8Page - NXP Semiconductors LPC4330 Datasheet HTML 9Page - NXP Semiconductors LPC4330 Datasheet HTML 10Page - NXP Semiconductors LPC4330 Datasheet HTML 11Page - NXP Semiconductors LPC4330 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 149 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 3.1 — 5 January 2012
8 of 149
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
6.2 Pin description
On the LPC4350/30/20/10, digital pins are grouped into 16 ports, named P0 to P9 and PA
to PF, with up to 20 pins used per port. Each digital pin can support up to eight different
digital functions, including General Purpose I/O (GPIO), selectable through the System
Configuration Unit (SCU) registers. The pin name is not indicative of the GPIO port
assigned to it.
Not all functions listed in Table 3 are available on all packages. See Table 2 for availability
of USB0, USB1, Ethernet, and LCD functions.
Fig 5.
Pin configuration LQFP208 package
Fig 6.
Pin configuration LQFP144 package
LPC4350FBD208
156
105
1
52
002aag376
LPC4330/20/10FBD144
108
73
1
36
002aag377
Fig 7.
Pin configuration LQFP100 package
LPC4320FBD100
75
51
1
25
002aag381


Similar Part No. - LPC4330

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC4330 NXP-LPC4330 Datasheet
1Mb / 145P
   32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet two High-speed USBs; advanced configurable peripherals
Rev. 2.1-23 September2011
LPC4330 NXP-LPC4330 Datasheet
285Kb / 2P
   First asymmetrical, dual-core digital signal controller featuring Cortex-M4 & Cortex-M0
August 2011
LPC4330 NXP-LPC4330 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
LPC4330FBD144 NXP-LPC4330FBD144 Datasheet
1Mb / 145P
   32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet two High-speed USBs; advanced configurable peripherals
Rev. 2.1-23 September2011
LPC4330FBD144 NXP-LPC4330FBD144 Datasheet
2Mb / 153P
   32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
Rev. 4-26 March 2013
More results

Similar Description - LPC4330

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC4350 NXP-LPC4350 Datasheet
1Mb / 145P
   32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet two High-speed USBs; advanced configurable peripherals
Rev. 2.1-23 September2011
LPC4350 NXP-LPC4350_13 Datasheet
2Mb / 153P
   32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
Rev. 4-26 March 2013
LPC4370 NXP-LPC4370 Datasheet
2Mb / 150P
   32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
Rev. 2-21 October 2013
LPC43S50 NXP-LPC43S50 Datasheet
7Mb / 156P
   32-bit ARM Cortex-M4/M0 flashless MCU with security features; up to 264 kB SRAM, Ethernet; two HS USBs, AES engine, LCD, EMC, SPIFI
Rev. 1.3 - 20 January 2020
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
   32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
LPC4367JET100E NXP-LPC4367JET100E Datasheet
2Mb / 156P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 1.2-14 March 2016
LPC436X NXP-LPC436X Datasheet
6Mb / 156P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 1.3-10 January 2020
LPC435X NXP-LPC435X Datasheet
7Mb / 162P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
LPC1850 NXP-LPC1850 Datasheet
550Kb / 84P
   32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD
Rev. 1-3 January 2011
LPC43S6X NXP-LPC43S6X Datasheet
6Mb / 156P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1.3-13 January 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com