Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC1405D750HW Datasheet(PDF) 11 Page - NXP Semiconductors

Part # DAC1405D750HW
Description  Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

DAC1405D750HW Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button DAC1405D750HW Datasheet HTML 7Page - NXP Semiconductors DAC1405D750HW Datasheet HTML 8Page - NXP Semiconductors DAC1405D750HW Datasheet HTML 9Page - NXP Semiconductors DAC1405D750HW Datasheet HTML 10Page - NXP Semiconductors DAC1405D750HW Datasheet HTML 11Page - NXP Semiconductors DAC1405D750HW Datasheet HTML 12Page - NXP Semiconductors DAC1405D750HW Datasheet HTML 13Page - NXP Semiconductors DAC1405D750HW Datasheet HTML 14Page - NXP Semiconductors DAC1405D750HW Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
DAC1405D750
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 7 June 2011
11 of 42
NXP Semiconductors
DAC1405D750
Dual 14-bit DAC, up to 750 Msps; 4
 and 8 interpolating
Input timing (see Figure 10)
fdata
data rate
Dual-port mode input
C
-
-
185
MHz
tw(CLK)
CLK pulse width
C
40
-
60
%
th(i)
input hold time
C
1.6
-
-
ns
tsu(i)
input set-up time
C
0.8
-
-
ns
SYNC signal
td
delay time
fSYNC = fs / 4
C
-
0.21
-
ns
fSYNC = fs /8
C
-
0.3
-
ns
variation
C
-
0.27
-
ps/
C
Output timing
fs
sampling frequency
C
-
-
750
Msps
ts
settling time
to
 0.5 LSB
D
-
20
-
ns
NCO frequency range
fNCO
NCO frequency
register values
00000000h
D
-
0
-
MHz
FFFFFFFFh
D
-
740
-
MHz
fstep
step frequency
D
-
0.172
-
Hz
Low-power NCO frequency range
fNCO
NCO frequency
register values
00000000h
D
-
0
-
MHz
F8000000h
D
-
716.875
-
MHz
fstep
step frequency
D
-
23.125
-
MHz
Dynamic performance
SFDR
spurious-free dynamic
range
fs = 737.28 Msps
fdata = 92.16 MHz; B = fdata /2
fo = 4 MHz; 0 dBFS
C
-
77
-
dBc
fdata =184.32MHz; B= fdata /2
fo =19MHz; 0dBFS
I
-
74
-
dBc
fo =70MHz; 0dBFS
C
-
86
-
dBc
SFDRRBW
restricted bandwidth
spurious-free dynamic
range
fo =153.6MHz; 0dBFS; fdata = 184.32 MHz; fs = 737.28 Msps
B = 20 MHz
C
-
86
-
dBc
B=100MHz
C
-
80.5
-
dBc
B = 20 MHz; 8-tone;
500 kHz spacing
C-
76
-
dBc
Table 5.
Characteristics …continued
VDDA(1V8) =VDDD(1V8) = 1.8 V; VDDA(3V3) =VDD(IO)(3V3) = 3.3 V; AGND, DGND and GNDIO shorted together;
Tamb = 40 Cto+85 C; typical values measured at Tamb =25 C; RL = 50 differential; IO(fs) = 20 mA; PLL off unless
otherwise specified.
Symbol
Parameter
Conditions
Test[1]
Min
Typ
Max
Unit


Similar Part No. - DAC1405D750HW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1405D750HW NXP-DAC1405D750HW Datasheet
324Kb / 43P
   Dual 14-bit DAC, up to 750 Msps; 4횞 and 8횞 interpolating
Rev. 01-10 March 2010
More results

Similar Description - DAC1405D750HW

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DAC1405D750 RENESAS-DAC1405D750 Datasheet
415Kb / 41P
   Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
DAC1005D750 RENESAS-DAC1005D750 Datasheet
418Kb / 43P
   Dual 10-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
DAC1205D750 RENESAS-DAC1205D750 Datasheet
414Kb / 41P
   Dual 12-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
logo
NXP Semiconductors
DAC1405D750 NXP-DAC1405D750 Datasheet
324Kb / 43P
   Dual 14-bit DAC, up to 750 Msps; 4횞 and 8횞 interpolating
Rev. 01-10 March 2010
logo
Renesas Technology Corp
DAC1205D650 RENESAS-DAC1205D650 Datasheet
412Kb / 41P
   Dual 12-bit DAC, up to 650 Msps; 2x4x and 8x interpolating
2 July 2012
logo
NXP Semiconductors
DAC1405D650 NXP-DAC1405D650 Datasheet
203Kb / 43P
   Dual 14-bit DAC, up to 650 Msps; 2쨈 4쨈 and 8쨈 interpolating
Rev. 01-4 May 2009
logo
Integrated Device Techn...
DAC1405D650 IDT-DAC1405D650 Datasheet
409Kb / 41P
   Dual 14-bit DAC, up to 650 Msps; 2?? 4??and 8??interpolating
logo
Renesas Technology Corp
DAC1405D650 RENESAS-DAC1405D650 Datasheet
413Kb / 41P
   Dual 14-bit DAC, up to 650 Msps; 2, 4 and 8 interpolating
2 July 2012
logo
NXP Semiconductors
DAC1008D750 NXP-DAC1008D750_11 Datasheet
564Kb / 99P
   Dual 10-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating
Rev. 2-5 January 2011
DAC1408D750 NXP-DAC1408D750 Datasheet
2Mb / 98P
   Dual 14-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-2 December 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com