Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R7X0402CM-3N9 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # R7X0402CM-3N9
Description  HIGH FREQUENCY CERAMIC CHIP INDUCTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

R7X0402CM-3N9 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  R7X0402CM-3N9 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HIGH FREQUENCY
CERAMIC CHIP INDUCTOR
• RoHS Compliant Product
• Operating Temperature: -40°C to +105°C
• Ordering Code: R7X0402CM-XXX(K, M, J Tolerance)
• Inductance Tolerance: J = ±5%, K = ±10%, M = ±20%
• Package: Tape and Reel is the standard
Product performance is limited to specified parameter. Data is subject to change without prior notice.
R7X0402CM-XXX
0603JW
2463 208th, Ste. 205
Torrance, CA 90501
Phone: (310)533-1455
Fax:
(310)533-1853
http://www.mpsind.com
Email: sales@mpsind.com
Mechanical
Schematic
R7X0402CM SERIES
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ± 0.015 .XXX : ±0.004
mm: X,X : ± 0,38 X,XX : ±0,10
A Max
B Max
C Max
D Ref
E
0.047
0.025
0.026
0.01
0.02
1,19
0,64
0,66
0,25
0,51
FG
H
I
J
0.009
0.022
0.026
0.014
0.018
0,23
0,56
0,66
0,36
0,46
ELECTRICAL SPECIFICATION @ 25°C
Part Number
INDUCTANCE
%
L TEST
Q FACTOR
Q TEST
R
DC
SRF
I
DC
Tol
FREQ
MIN
FREQ
MAX
MIN
MAX
R7X0402CM-
(nH)
Avail
(MHz)
(MHz)
( W )(MHz)
(mA)
1N0
1.0
K,M
250
16
250
0.045
>6000
1360
2N0
2.0
K,M
250
16
250
0.070
>6000
1040
2N2
2.2
K,M
250
19
250
0.070
>6000
960
3N3
3.3
K,M
250
19
250
0.066
6000
840
3N6
3.6
K,M
250
19
250
0.066
6000
840
3N9
3.9
J,K,M
250
19
250
0.066
5800
840
5N1
5.1
J,K,M
250
20
250
0.083
5800
800
5N6
5.6
J,K,M
250
20
250
0.083
5800
760
6N2
6.2
J,K,M
250
20
250
0.083
5800
760
6N8
6.8
J,K,M
250
22
250
0.104
5800
680
7N5
7.5
J,K,M
250
22
250
0.104
5800
680
8N2
8.2
J,K,M
250
22
250
0.104
4400
680
9N0
9
J,K,M
250
22
250
0.104
4160
680
10N
10
J,K,M
250
21
250
0.195
3900
480
11N
11
J,K,M
250
24
250
0.120
3680
640
12N
12
J,K,M
250
24
250
0.120
3600
640
15N
15
J,K,M
250
24
250
0.172
3280
560
19N
19
J,K,M
250
24
250
0.202
3040
480
23N
23
J,K,M
250
24
250
0.214
2720
400
27N
27
J,K,M
250
24
250
0.298
2480
400
36N
36
J,K,M
250
24
250
0.403
2320
320
40N
40
J,K,M
250
24
250
0.438
2240
320
47N
47
J,K,M
250
20
250
0.830
2100
150
51N
51
J,K,M
250
25
250
0.820
1750
100
56N
56
J,K,M
250
25
250
0.970
1760
100
68N
68
J,K,M
250
25
250
1.300
1620
100
82N
82
J,K,M
250
25
250
1.550
1620
100
101N
100
J,K,M
250
26
250
2.600
1620
100
121N
120
J,K,M
250
25
250
2.700
1520
90
151N
150
J,K,M
250
25
250
2.900
1200
80


Similar Part No. - R7X0402CM-3N9

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
R7X0603CW MPSIND-R7X0603CW Datasheet
199Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0603CW-101N MPSIND-R7X0603CW-101N Datasheet
199Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0603CW-10N MPSIND-R7X0603CW-10N Datasheet
199Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0603CW-111N MPSIND-R7X0603CW-111N Datasheet
199Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0603CW-121N MPSIND-R7X0603CW-121N Datasheet
199Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
More results

Similar Description - R7X0402CM-3N9

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
R7X0603CW MPSIND-R7X0603CW Datasheet
199Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0805CM MPSIND-R7X0805CM Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
logo
Allied Components Inter...
HFC02 ALLIED-HFC02 Datasheet
493Kb / 1P
   High Frequency Ceramic Chip Inductor
logo
Superworld Electronics
L1M-1N0S-10 SUPERWORLD-L1M-1N0S-10 Datasheet
406Kb / 10P
   High Frequency Chip Inductor
logo
List of Unclassifed Man...
LSMH-2012 ETC2-LSMH-2012 Datasheet
26Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
Caliber Electronics Inc...
LSMH-1608 CALIBER-LSMH-1608 Datasheet
25Kb / 1P
   High Frequency Multilayer Chip Inductor
LSMH-2012 CALIBER-LSMH-2012 Datasheet
27Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
List of Unclassifed Man...
LSMH-1608 ETC2-LSMH-1608 Datasheet
24Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
Caliber Electronics Inc...
LSMH-1005 CALIBER-LSMH-1005 Datasheet
25Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
List of Unclassifed Man...
LSMH-1005 ETC2-LSMH-1005 Datasheet
24Kb / 1P
   High Frequency Multilayer Chip Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com