Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R7X0603CW Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # R7X0603CW
Description  HIGH FREQUENCY CERAMIC CHIP INDUCTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

R7X0603CW Datasheet(HTML) 1 Page - MPS Industries, Inc.

  R7X0603CW Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HIGH FREQUENCY
CERAMIC CHIP INDUCTOR
• RoHS Compliant Product
• Operating Temperature: -40°C to +105°C
• Ordering Code: R7X0603CW-XXX(F, G, J, K, M Tolerance)
• Inductance Tolerance: G = ±2%, J = ±5%, K = ±10%,
M = ±20%
• Package: Tape and Reel is the standard
Product performance is limited to specified parameter. Data is subject to change without prior notice.
R7X0603CW-XXX
0603JW
2463 208th, Ste. 205
Torrance, CA 90501
Phone: (310)533-1455
Fax:
(310)533-1853
http://www.mpsind.com
Email: sales@mpsind.com
Mechanical
Schematic
R7X0603CW SERIES
A Max
B Max
C Max
0.063
0.039
0.038
1,60
1,00
0,97
EF
G
0.030
0.013
0.034
0,76
0,33
0,86
HI
J
0.04
0.025
0.025
1,02
0,64
0,64
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ± 0.015 .XXX : ±0.004
mm: X,X : ± 0,38 X,XX : ±0,10
ELECTRICAL SPECIFICATION @ 25°C
Part Number
INDUCTANCE
%
L TEST
Q FACTOR
Q TEST
R
DC
SRF
I
DC
Tol
FREQ
MIN
FREQ
MAX
MIN
MAX
R7X0603CW-
(nH)
Avail
(MHz)
(MHz)
( W )(MHz)
1N8
1.8
K,M
250
16
250
0.05
>6000
700
3N3
3.3
K,M
250
20
250
0.08
>6000
700
3N9
3.9
K,M
250
20
250
0.08
>6000
700
6N8
6.8
K,M
250
25
250
0.11
5800
700
10N
10
G,J,K,M
250
30
250
0.13
4800
700
12N
12
G,J,K,M
250
30
250
0.13
4000
700
15N
15
G,J,K,M
250
30
250
0.17
4000
700
18N
18
G,J,K,M
250
30
250
0.17
3200
700
22N
22
G,J,K,M
250
35
250
0.19
3000
700
27N
27
G,J,K,M
250
35
250
0.22
2800
600
33N
33
G,J,K,M
250
35
250
0.22
2300
600
39N
39
G,J,K,M
250
35
250
0.25
2200
600
47N
47
G,J,K,M
250
35
250
0.28
2100
600
56N
56
G,J,K,M
250
35
250
0.31
2000
600
68N
68
G,J,K,M
250
35
250
0.34
1850
600
72N
72
G,J,K,M
250
35
250
0.49
1700
400
82N
82
G,J,K,M
250
35
250
0.54
1700
400
101N
100
G,J,K,M
250
35
250
0.71
1500
400
111N
110
G,J,K,M
250
35
250
0.75
1400
300
121N
120
G,J,K,M
250
35
250
0.79
1350
300
151N
150
G,J,K,M
150
28
150
0.92
1200
280
181N
180
G,J,K,M
100
25
100
1.25
1100
240
221N
220
J,K,M
100
25
100
1.50
1000
200
271N
270
J,K,M
100
25
100
1.80
860
170
331N
330
J,K,M
100
24
100
2.00
600
150
391N
390
J,K,M
100
23
100
2.10
460
120


Similar Part No. - R7X0603CW

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
R7X0402CM MPSIND-R7X0402CM Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0402CM-101N MPSIND-R7X0402CM-101N Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0402CM-10N MPSIND-R7X0402CM-10N Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0402CM-11N MPSIND-R7X0402CM-11N Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0402CM-121N MPSIND-R7X0402CM-121N Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
More results

Similar Description - R7X0603CW

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
R7X0402CM MPSIND-R7X0402CM Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0805CM MPSIND-R7X0805CM Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
logo
Allied Components Inter...
HFC02 ALLIED-HFC02 Datasheet
493Kb / 1P
   High Frequency Ceramic Chip Inductor
logo
Superworld Electronics
L1M-1N0S-10 SUPERWORLD-L1M-1N0S-10 Datasheet
406Kb / 10P
   High Frequency Chip Inductor
logo
List of Unclassifed Man...
LSMH-2012 ETC2-LSMH-2012 Datasheet
26Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
Caliber Electronics Inc...
LSMH-1608 CALIBER-LSMH-1608 Datasheet
25Kb / 1P
   High Frequency Multilayer Chip Inductor
LSMH-2012 CALIBER-LSMH-2012 Datasheet
27Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
List of Unclassifed Man...
LSMH-1608 ETC2-LSMH-1608 Datasheet
24Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
Caliber Electronics Inc...
LSMH-1005 CALIBER-LSMH-1005 Datasheet
25Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
List of Unclassifed Man...
LSMH-1005 ETC2-LSMH-1005 Datasheet
24Kb / 1P
   High Frequency Multilayer Chip Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com