Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR1604G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # FR1604G
Description  16.0 AMPs. Glass Passivated Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

FR1604G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  FR1604G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd FR1604G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FR1601G - FR1607G
16.0 AMPs. Glass Passivated Fast Recovery Rectifiers
G
lass passivated chip junction.
High efficiency, Low VF
High Current capability
High reliability
High Surge current capability
Low power loss
Maximum Ratings and Electrical Characteristics
Rating at 25℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
FR
1601G
FR
1602G
FR
1603G
FR
1604G
FR
1605G
FR
1606G
FR
1607G
Units
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
I(AV)
A
IFSM
A
VF
V
IR
uA
Cj
pF
TRR
250
nS
RθJC
OC/W
TJ
OC
TSTG
OC
Note 1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
2. Reverse rRecovery Time Condition : IF=0.5A, IR=1.0A, IRR=0.25A
3. Mount on P.C. Board with 2"x3"x0.25" Al plate
1.3
60
150
500
TO-220AB
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified @Tc = 105℃
Features
Mechanical Data
Cases: TO-220AB Molded plastic
Epoxy: UL 94V-O rate flame retardant
Green compound with suffix "G" on packing code
& prefix "G" on datecode.
High temperature soldering guaranteed:
260
oC/10 seconds .16"(4.06mm) from case.
For use in low voltage , high frequency inventor,
free wheeling and polarity portection application
Terminal : Pure tin plated, lead free, solderable
per MIL-STD-202, Method 208 guaranteed
Maximum Instantaneous Forward Voltage @ 8.0A
Maximum DC Reverse Current @ TA=25℃
at Rated DC Blocking Voltage @ TA=125℃
Type Number
Maximum Recurrent Peak Reverse Voltage
Weight: 2.24 gram
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method )
Typical Reverse Recovery Time (Note 2)
Typical Thermal Resistance (Note 3)
Operating Temperature Range
Polarity: As marked
Dimensions in inches and (millimeters)
Storage Temperature Range
16.0
150
5.0
100
3.0
-65 to +150
-65 to +150
Typical Junction Capacitance (Note 1)
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
Page :1 of 2
Version : C09


Similar Part No. - FR1604G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR1604G WTE-FR1604G Datasheet
54Kb / 3P
   16A FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
FR1604G TSC-FR1604G Datasheet
98Kb / 2P
   16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FR1604G TSC-FR1604G Datasheet
343Kb / 2P
   16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
More results

Similar Description - FR1604G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
FRA1601G TSC-FRA1601G Datasheet
54Kb / 2P
   16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRA1601G TSC-FRA1601G_1 Datasheet
259Kb / 2P
   16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FR1601G TSC-FR1601G Datasheet
98Kb / 2P
   16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FR1601G TSC-FR1601G_1 Datasheet
343Kb / 2P
   16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRA1601G TSC-FRA1601G_10 Datasheet
46Kb / 2P
   16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRF1601G TSC-FRF1601G Datasheet
113Kb / 2P
   Isolation 16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRAF1601G TSC-FRAF1601G Datasheet
81Kb / 2P
   Isolation 16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRAF1601G TSC-FRAF1601G_1 Datasheet
271Kb / 2P
   Isolated 16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRF1601G TSC-FRF1601G_1 Datasheet
333Kb / 2P
   Isolated 16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
SF1601PT TSC-SF1601PT_1 Datasheet
112Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com