Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFH18N100Q3 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFH18N100Q3
Description  HiperFETTM Power MOSFETs Q3-Class
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFH18N100Q3 Datasheet(HTML) 2 Page - IXYS Corporation

  IXFH18N100Q3 Datasheet HTML 1Page - IXYS Corporation IXFH18N100Q3 Datasheet HTML 2Page - IXYS Corporation IXFH18N100Q3 Datasheet HTML 3Page - IXYS Corporation IXFH18N100Q3 Datasheet HTML 4Page - IXYS Corporation IXFH18N100Q3 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXFT18N100Q3
IXFH18N100Q3
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Note
1. Pulse test, t
≤ 300μs, duty cycle, d ≤ 2%.
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 20V, ID = 0.5 • ID25, Note 1
9
16
S
C
iss
4890
pF
C
oss
V
GS
= 0V, V
DS = 25V, f = 1MHz
400
pF
C
rss
34
pF
R
Gi
Gate Input Resistance
0.20
Ω
t
d(on)
37
ns
t
r
32
ns
t
d(off)
40
ns
t
f
13
ns
Q
g(on)
90
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
33
nC
Q
gd
37
nC
R
thJC
0.15
°C/W
R
thCS
TO-247
0.21
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
18
A
I
SM
Repetitive, Pulse Width Limited by T
JM
72
A
V
SD
I
F = IS, VGS = 0V, Note 1
1.4
V
t
rr
300
ns
I
RM
11.0
A
Q
RM
1.5
μC
I
F = 9A, -di/dt = 100A/μs
V
R = 100V, VGS = 0V
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
R
G = 3Ω (External)
ADVANCE TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are derived
from a subjective evaluation of the design, based upon prior knowledge and experience, and constitute a
"considered reflection" of the anticipated result. IXYS reserves the right to change limits, test
conditions, and dimensions without notice.
TO-247 Outline
Terminals: 1 - Gate
2 - Drain
3 - Source
TO-268 Outline
Terminals: 1 - Gate
2,4 - Drain
3 - Source
e
∅ P
1
2
3
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80 21.46
.819
.845
E
15.75 16.26
.610
.640
e
5.20
5.72 0.205 0.225
L
19.81 20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40 0.232 0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC


Similar Part No. - IXFH18N100Q3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH18N50 IXYS-IXFH18N50 Datasheet
295Kb / 8P
   HIPERFET Power MOSFTETs
IXFH18N60P IXYS-IXFH18N60P Datasheet
171Kb / 5P
   PolarHV HiPerFET Power MOSFET
logo
Inchange Semiconductor ...
IXFH18N60P ISC-IXFH18N60P Datasheet
337Kb / 2P
   isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXFH18N60X IXYS-IXFH18N60X Datasheet
189Kb / 6P
   Preliminary Technical Information
logo
Inchange Semiconductor ...
IXFH18N60X ISC-IXFH18N60X Datasheet
384Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXFH18N100Q3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFT15N100Q3 IXYS-IXFT15N100Q3 Datasheet
134Kb / 5P
   HiperFETTM Power MOSFETs Q3-Class
IXFT30N50Q3 IXYS-IXFT30N50Q3 Datasheet
138Kb / 5P
   HiperFETTM Power MOSFETs Q3-Class
IXFT50N30Q3 IXYS-IXFT50N30Q3 Datasheet
139Kb / 5P
   HiperFETTM Power MOSFETs Q3-Class
IXFT44N50Q3 IXYS-IXFT44N50Q3 Datasheet
138Kb / 5P
   HiperFETTM Power MOSFETs Q3-Class
IXFB82N60Q3 IXYS-IXFB82N60Q3 Datasheet
148Kb / 5P
   HiperFETTM Power MOSFET Q3-Class
IXFB62N80Q3 IXYS-IXFB62N80Q3 Datasheet
149Kb / 5P
   HiperFETTM Power MOSFET Q3-Class
IXFN62N80Q3 IXYS-IXFN62N80Q3 Datasheet
132Kb / 5P
   HiperFETTM Power MOSFET Q3-Class
IXFK80N50Q3 IXYS-IXFK80N50Q3 Datasheet
132Kb / 5P
   HiperFET Power MOSFETs Q3-Class
IXFK32N100Q3 IXYS-IXFK32N100Q3 Datasheet
132Kb / 5P
   HiperFET Power MOSFETs Q3-Class
IXFH70N30Q3 IXYS-IXFH70N30Q3 Datasheet
138Kb / 5P
   HiperFET Power MOSFETs Q3-Class
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com