Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P11R20875-120 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P11R20875-120
Description  UNSHIELDED RADIAL POWER INDUCTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P11R20875-120 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P11R20875-120 Datasheet HTML 1Page - MPS Industries, Inc. P11R20875-120 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
13200 Estrella Ave., Bldg. B
Gardena, CA 90248
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
UNSHIELDED RADIAL
POWER INDUCTOR
P11R20875 SERIES
• Low cost, high current
• Inductance range from 10 - 10,000 µH
• Open construction
• Optionalinductancetolerance:K=±10%(addsuffix
letter for tolerance after the part number)
• Operating temperature range: -40oC to +85oC
• RoHS compliant product
Industries
ELECTRICAL SPECIFICATION @ 25OC
Part Number
P11R20875-
Inductance
(µH)
(±20%)
DCR
(Ω)
(Max)
RATED
I
DC
(A)
100
10
0.05
2.90
120
12
0.06
2.50
150
15
0.07
2.20
180
18
0.08
1.90
220
22
0.09
1.80
270
27
0.11
1.70
330
33
0.13
1.50
390
39
0.14
1.30
470
47
0.15
1.30
560
56
0.18
1.20
680
68
0.20
1.10
820
82
0.24
1.00
101
100
0.35
0.89
121
120
0.36
0.81
151
150
0.42
0.72
181
180
0.57
0.66
221
220
0.63
0.57
271
270
0.88
0.51
331
330
1.05
0.46
391
390
1.17
0.44
471
470
1.34
0.41
561
560
1.72
0.36
681
680
1.96
0.33
821
820
2.56
0.30
102
1000
2.94
0.27
Inductance measured: 1KHz, 0.30V
RMS
I
RATED:Max10%inductancedropandΔT=40°CTempRise
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
Dimensions
Unlessotherwisespecified,alltolerancesare:
inch: .XX : ±0.015
.XXX : ±0.004
mm: X,X : ±0,38
X,XX : ±0,10


Similar Part No. - P11R20875-120

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
P11R20810 MPSIND-P11R20810 Datasheet
379Kb / 3P
   UNSHIELDED RADIAL POWER INDUCTOR
P11R20810-100K MPSIND-P11R20810-100K Datasheet
379Kb / 3P
   UNSHIELDED RADIAL POWER INDUCTOR
P11R20810-101K MPSIND-P11R20810-101K Datasheet
379Kb / 3P
   UNSHIELDED RADIAL POWER INDUCTOR
P11R20810-120K MPSIND-P11R20810-120K Datasheet
379Kb / 3P
   UNSHIELDED RADIAL POWER INDUCTOR
P11R20810-121K MPSIND-P11R20810-121K Datasheet
379Kb / 3P
   UNSHIELDED RADIAL POWER INDUCTOR
More results

Similar Description - P11R20875-120

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIUR-04_SERIES ABRACON-AIUR-04_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
04.24.13
AIUR-09_SERIES ABRACON-AIUR-09_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
08.29.12
AIUR-16_SERIES ABRACON-AIUR-16_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
07.26.12
AIUR-10_SERIES ABRACON-AIUR-10_SERIES Datasheet
980Kb / 2P
   Unshielded Radial Power Inductor
08.08.12
AIUR-08_SERIES ABRACON-AIUR-08_SERIES Datasheet
977Kb / 2P
   Unshielded Radial Power Inductor
08.29.12
AIUR-05_SERIES ABRACON-AIUR-05_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
04.24.13
AIUR-06_SERIES ABRACON-AIUR-06_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
05.25.2016
AIUR-07_SERIES ABRACON-AIUR-07_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
04.24.13
AIUR-11_SERIES ABRACON-AIUR-11_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
09.28.12
AIUR-12_SERIES ABRACON-AIUR-12_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
10.06.14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com