Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9464G6JH Datasheet(PDF) 9 Page - Winbond

Part # W9464G6JH
Description  1M ??4 BANKS ??16 BITS DDR SDRAM
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9464G6JH Datasheet(HTML) 9 Page - Winbond

Back Button W9464G6JH Datasheet HTML 5Page - Winbond W9464G6JH Datasheet HTML 6Page - Winbond W9464G6JH Datasheet HTML 7Page - Winbond W9464G6JH Datasheet HTML 8Page - Winbond W9464G6JH Datasheet HTML 9Page - Winbond W9464G6JH Datasheet HTML 10Page - Winbond W9464G6JH Datasheet HTML 11Page - Winbond W9464G6JH Datasheet HTML 12Page - Winbond W9464G6JH Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
W9464G6JH
Publication Release Date: Oct. 20, 2011
- 9 -
Revision A02
7.
FUNCTIONAL DESCRIPTION
7.1
Power Up Sequence
(1)
Apply power and attempt to CKE at a low state ( 0.2V), all other inputs may be undefined
1) Apply VDD before or at the same time as VDDQ.
2) Apply VDDQ before or at the same time as VTT and VREF.
(2)
Start Clock and maintain stable condition for 200 µS (min.).
(3)
After stable power and clock, apply NOP and take CKE high.
(4)
Issue precharge command for all banks of the device.
(5)
Issue EMRS (Extended Mode Register Set) to enable DLL and establish Output Driver Type.
(6)
Issue MRS (Mode Register Set) to reset DLL and set device to idle with bit A8.
(An additional 200 cycles(min) of clock are required for DLL Lock before any executable
command applied.)
(7)
Issue precharge command for all banks of the device.
(8)
Issue two or more Auto Refresh commands.
(9)
Issue MRS-Initialize device operation with the reset DLL bit deactivated A8 to low.
2 Clock min.
tRFC
MRS
CLK
Command
ANY
CMD
AREF
AREF
PREA
MRS
EMRS
PREA
CLK
tRFC
tRP
tRP
Enable DLL
DLL reset with A8 = High
Disable DLL reset with A8 = Low
200 Clock min.
2 Clock min.
2 Clock min.
Inputs
maintain stable
for 200 µ S min.
Initialization sequence after power-up


Similar Part No. - W9464G6JH

ManufacturerPart #DatasheetDescription
logo
Winbond
W9464G6IB WINBOND-W9464G6IB Datasheet
2Mb / 51P
   1M 횞 4 BANKS 횞 16 BITS DDR SDRAM
W9464G6IH WINBOND-W9464G6IH Datasheet
840Kb / 54P
   1M 횞 4 BANKS 횞 16 BITS DDR SDRAM
More results

Similar Description - W9464G6JH

ManufacturerPart #DatasheetDescription
logo
Winbond
W9464G6IH WINBOND-W9464G6IH Datasheet
840Kb / 54P
   1M 횞 4 BANKS 횞 16 BITS DDR SDRAM
W9464G6IB WINBOND-W9464G6IB Datasheet
2Mb / 51P
   1M 횞 4 BANKS 횞 16 BITS DDR SDRAM
W9864G6JT WINBOND-W9864G6JT Datasheet
794Kb / 42P
   1M ??4 BANKS ??16 BITS SDRAM
W9864G6JH WINBOND-W9864G6JH Datasheet
835Kb / 43P
   1M ??4 BANKS ??16 BITS SDRAM
W9412G6JH WINBOND-W9412G6JH Datasheet
1Mb / 53P
   2M ??4 BANKS ??16 BITS DDR SDRAM
W9425G6KH-5-TR WINBOND-W9425G6KH-5-TR Datasheet
1Mb / 52P
   4 M 4 BANKS 16 BITS DDR SDRAM
W9864G6DB WINBOND-W9864G6DB Datasheet
1Mb / 48P
   1M x 4 BANKS x 16 BITS SDRAM
W9864G6KH-5-TR WINBOND-W9864G6KH-5-TR Datasheet
693Kb / 42P
   1M X 4 BANKS X 16 BITS SDRAM
W986416DH WINBOND-W986416DH Datasheet
1Mb / 48P
   1M X 4 BANKS X 16 BITS SDRAM
W9864G6JH WINBOND-W9864G6JH_13 Datasheet
841Kb / 43P
   1M x 4 BANKS x 16 BITS SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com