Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W988D2FBJX6I Datasheet(PDF) 8 Page - Winbond

Part # W988D2FBJX6I
Description  256Mb Mobile LPSDR
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W988D2FBJX6I Datasheet(HTML) 8 Page - Winbond

Back Button W988D2FBJX6I Datasheet HTML 4Page - Winbond W988D2FBJX6I Datasheet HTML 5Page - Winbond W988D2FBJX6I Datasheet HTML 6Page - Winbond W988D2FBJX6I Datasheet HTML 7Page - Winbond W988D2FBJX6I Datasheet HTML 8Page - Winbond W988D2FBJX6I Datasheet HTML 9Page - Winbond W988D2FBJX6I Datasheet HTML 10Page - Winbond W988D2FBJX6I Datasheet HTML 11Page - Winbond W988D2FBJX6I Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
W988D6FB / W988D2FB
256Mb Mobile LPSDR
Publication Release Date : May, 18, 2011
- 8 -
Revision A01-002
6. ELECTRICAL CHARACTERISTICS
6.1 Absolute Maximum Ratings
PARAMETER
SYMBOL
VALUES
UNITS
MIN
MAX
Voltage on VDD relative to VSS
VDD
−0.3
2.7
V
Voltage on VDDQ relative to VSS
VDDQ
−0.3
2.7
V
Voltage on any pin relative to VSS
VIN, VOUT
−0.3
2.7
V
Operating Temperature
Tc
-25
-40
85
85
°C
Storage Temperature
TSTG
−55
150
°C
Short Circuit Output Current
IOUT
±50
mA
Power Dissipation
PD
1.0
W
6.2 Operating Conditions
(Notes : 1)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VDD
1.7
1.8
1.95
V
Supply Voltage (for I/O Buffer)
VDDQ
1.7
1.8
1.95
V
Input High level Voltage
VIH
0.8*VDDQ
-
VDDQ + 0.3
V
Input Low level Voltage
VIL
-0.3
-
+0.3
V
LVCOMS Output H Level Voltage
(IOUT = -0.1 mA )
VOH
0.9xVDDQ
-
-
V
LVCMOS Output L Level Voltage
(IOUT = +0.1 mA )
VOL
-
-
0.2
V
Input Leakage Current
(0V
VIN
VDD, all other pins
not under test = 0V)
II(L)
-1
-
1
A
Output Leakage Current (Output disable ,
0V
VOUT
VDDQ)
IO(L)
-5
-
5
A
Note: VIH(max) = VDD/ VDDQ+1.2V for pulse width < 5 ns , VIL(min) = VSS/ VSSQ-1.2V for pulse width < 5 ns
6.3 Capacitance
(VDD = 1.7V~1.95V, f = 1 MHz, Ta = 25°C)
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
Input Capacitance
(A[ n : 0] , BA0, BA1,
CS , RAS , CAS , WE , DQM, CKE)
CI
1.5
3.0
pf
Input Capacitance (CLK)
CCLK
1.5
3.5
pf
Input/Output capacitance
CIO
3.0
5.0
pf
Note: These parameters are periodically sampled and not 100% tested.


Similar Part No. - W988D2FBJX6I

ManufacturerPart #DatasheetDescription
logo
Winbond
W988D2FBJX6I WINBOND-W988D2FBJX6I Datasheet
1Mb / 66P
   256Mb Mobile LPSDR
More results

Similar Description - W988D2FBJX6I

ManufacturerPart #DatasheetDescription
logo
Winbond
W988D6FBGX6E-TR WINBOND-W988D6FBGX6E-TR Datasheet
1Mb / 64P
   256Mb Mobile LPSDR
W988D6FB WINBOND-W988D6FB_13 Datasheet
1Mb / 66P
   256Mb Mobile LPSDR
W989D6CB WINBOND-W989D6CB Datasheet
1Mb / 67P
   512Mb Mobile LPSDR
W987D6HBGX6E-TR WINBOND-W987D6HBGX6E-TR Datasheet
1Mb / 68P
   128Mb Mobile LPSDR
W987D6HB WINBOND-W987D6HB Datasheet
1Mb / 68P
   128Mb Mobile LPSDR
W987D6HB WINBOND-W987D6HB_13 Datasheet
1Mb / 66P
   128Mb Mobile LPSDR
W989D6CB WINBOND-W989D6CB_13 Datasheet
1Mb / 65P
   512Mb Mobile LPSDR
W948D6FBHX5E-TR WINBOND-W948D6FBHX5E-TR Datasheet
969Kb / 60P
   256Mb Mobile LPDDR
logo
Samsung semiconductor
K5D5657ACM SAMSUNG-K5D5657ACM Datasheet
1Mb / 74P
   256Mb NAND and 256Mb Mobile SDRAM
logo
Winbond
W948D6FB WINBOND-W948D6FB Datasheet
1Mb / 60P
   256Mb Mobile LPDDR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com